Part Number Hot Search : 
TLFD600 1117C BV03CW ATMEGA6 SB520 TA1270 TS7010B 90M6T
Product Description
Full Text Search
 

To Download BAV301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET BAV301~BAV303
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 to 200 Volts
POWER
300 mWatts
MICRO-MELF
Unit : inch (mm)
FEATURES
* Fast switching Speed. * Surface Mount Package Ideally Suited For Automatic Insertion. * Silicon Epitaxal Planar Construction.
MECHANICAL DATA
* Case: Micro Melf, Glass * Terminals: Solderable per MIL-STD-202E, Method 208 * Polarity: Cathode Band * Marking: Cathode Band Only * Weight: 0.01 grams * Packing information T/R - 2.5K per 7" plastic Reel
.043(1.1)
.008(0.2)
.008(0.2)
.079(2.0) .071(1.8)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25C unless otherwise noted)
PARAMETER Reverse Voltage Peak Reverse Voltage Rectified Current (Average), Half Wave Rectification with Resistive Load and f >=50 Hz Peak Forward Surge Current, t=1.0s Power Dissipation Derate Above at 25O C Maximum Forward Voltage, IF = 100mA Maximum DC Reverse Current at Rated DC Blocking Voltage TJ= 25O C Typical Junction Capacitance( Note 1) Maximum Reverse Recovery (Note 2) Maximum Thermal Resistance Operation Junction Storage Temperature Range SYMBOL VR VRM IO IFSM PD VF IR CJ TRR RJA TSTG BAV301 100 120 BAV302 150 200 200 1.0 300 1.0 0.1 0.95 75 350 -65 TO +175
O
BAV303 200 250
.049(1.25) .047(1.2)DIA.
UNITS V V mA A mW V uA pF ns C/W
O
C
NOTE: 1. CJ at VR=0, f=1MHZ 2. From IF=10mA to IR=-1mA, VR=6Volts, RL=100
STAD-JAN.27.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
100
1.1 1.0 0.9 0.8 0.7 0.6
.8 1.2 1.6
FORWARD CURRENT, mA
10
-25 C 25 C
O
O
1.0
75 C T A =125 C
O O
CAPACITANCE, pF
0.2 0 .4
0
1
2
3
4
5
FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
F i g . 1 FORWARD CHARACTERISTICS
Fig.2 TYPICAL CAPACITANCE vs REVERSE VOLATGE
14 12 10 8 6 4 2 0
SURGE CURRENT, A
0
1
10
100
1000
PULSE WIDTH, ms
Fig. SURGE CURRENT CHARACTERISTIC
STAD-JAN.27.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of BAV301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X