|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Voltage Controlled Crystal Oscillator AXIS7050C63 , AXIS7050C65 * Features Low jitter *oe to 47 MHz 2.0 *oe top box,MPEG,Cable Modem... Set *oe wide range of applications For *oe Package : Metal lid + Ceramic base 7.0*~5.0*~1.8 mm AXIS7050C63 AXIS7050C65 * Electrical Performance Unit MHz PPM C C V mA .0*47MHz 2 30 ppm , 50 ppm 20*+ - 70 C 55* 25 -1 C 3.3V*}10% 5.0V*}10% *}100 ppm min *}100 ppm min +1.65*}1.35V DC +2.5V*}2.0V DC .0* 9 2 1 .9MHz 10mA max .0* 9 2 1 .9MHz 15mA max 20 29 .0* .9MHz 15mA max 20 29 .0* .9MHz 20mA max 30 39 .0* .9MHz 20mA max 30 39 .0* .9MHz 25mA max 40 47 .0* .0MHz 25mA max 40 47 .0* .0MHz 30mA max CMOS 15pF max 0.1Vdd max 0.9Vdd min 10 ns max F*...9.9 MHz 6 ns max F*10 MHz at% 90 Vdd 10 * % * 5at 1/ 2Vdd 45 5 Description Available Frequency Range Frequency Stability Operating Temperature Storage Temperature Supply Voltage Pullability Control Voltage Supply Current Output Output level Load "0" level "1" level Rise & Fall Time Symmetry Vol Voh ns % * Environmental Characteristics Description Symbols Specification 3 times free drop onto concrete board from 150cm heigh Frequency:5-500Hz, Amplitude:1.5mm, Test time:4cycles/XYZ axis More than at *5 for sec 95, 235 } C 3 % 90 95 relative humidity atC for hours to % + *} 1000 60 3 1.8 Shock Vibration Solderability Humidity * Outline Drawing .00.2 7 & Suggested Pad 5.0 0.2 2.0 M KG AR IN 24 .5 24 .5 1.8 max * Suggested Pad (Top View) 1.2 *}0.15 1.4*} 0.15 Terminal #1 #2 #3 #4 #5 Conenction Vcont N.C. (INH) GND Output NC VDD #1 2.6 *}0 .15 #2 #3 #6 #5 2.54 0.15 2.540 .15 #4 #6 4.2 AXTAl GmbH & Co. KG Wasemweg 5 D-74821 Mosbach www.axtal.com info@axtal.com fon: +49 6261 939834 fax: +49 6261 939836 |
Price & Availability of AXIS7050C63 |