Part Number Hot Search : 
AN190 DE3S4M10 B8050 02010 13442 11300 FDS8447 5028BVR
Product Description
Full Text Search
 

To Download AVRF227M25F24T-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type AVRF -55 C to 105 C SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 C
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
Type AVRF Capacitors are the best and by a wide margin. With 40% to 60% lower impedance, 30% to 50% smaller case size and more than twice the life compared to low-ESR type AFC, the Type AVRF also excels at cold performance down to -55 C. In addition, this terrific low- impedance performance, approaching low-ESR tantalum capacitors, is at a significant cost savings compared to tantalum. The vertical cylindrical cases facilitate automatic mounting and reflow soldering into the same footprint of like-rated tantalum capacitors except without the need for voltage derating.
Highlights * +105 C, Up to 5000 Hour Load Life * Ultra-low Impedance * Voltage Range: 6.3 Vdc to 35 Vdc
Specifications
Operating Temperature: Rated Voltage: Capacitance: Capacitance Tolerance: Leakage Current: Low Temperature Characteristics @ 120 Hz:
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
-55 C to +105 C 6.3, 10, 16, 25, 35 Vdc 4.7 F to 1500 F 20% @ 120 Hz and +20 C 0.01 CV or 3 A @ +20 C, after two minutes (whichever is greater) Rated Voltage (Vdc) Impedance Z(-40C)/Z(+20C) Ratio Z(-55C)/Z(+20C) Z(-25C)/Z(+20C) 6.3 2 3 4 10 2 3 4 16 2 3 4 25 2 3 3 35 2 3 3
Dissipation Factor:
6.3V 0.26
10 V 0.19
16 V 0.16
25 V 0.14
35 V 0.12
Life Test:
2000 h @ 105 C, 4.0 -- 6.3 mm dia. Shelf Test: 5000 h @ 105 C, 8.0 -- 10.0 mm dia. Capacitance 30% (10 mm Dia.: 35% DF: 200% of limit (10 mm Dia.: 300%) DCL: 100% of limit
1000 h @ 105 C Capacitance 30% (10 mm Dia.: 35%) DF: 200% of limit (10 mm Dia.: 300%) DCL: 100% of limit
Part Numbering System
AVRF Type
AVRF
106 Capacitance
475 = 4.7 F 106 = 10.0 F 107 = 100.0 F 108 = 1000.0 F
M
16
B
12T
-F
Capacitance Voltage Code Tolerance 06 = 6.3 Vdc 25 = 25 Vdc
M = 20% 10 = 10 Vdc 16 = 16 Vdc 35 = 35 Vdc
Case Packaging Code RoHS Code 12 = Carrier tape Compliant
Width (mm) T = Tape & Reel
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type AVRF -55 C to 105 C SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 C
Outline Drawing & Marking
(4.0 - 6.3 mm Dia.) (8.0 - 10.0 mm Dia.)
Case Dimensions
Case Code B C D F G D .05 L B, C A (ref) 1.8 2.2 2.6 3.4 3.5 W E (ref) 1.0 1.5 1.8 3.1 4.6 K
(mm)
4.0 5.0 6.3 8.0 10.0
(mm)
5.4 0.2 5.4 0.3 5.4 0.2 10.2 0.5 10.2 0.5
(mm)
4.3 5.3 6.6 8.3 10.3
(mm)
0.65 0.1 0.65 0.1 0.65 0.1 0.90 0.2 0.90 0.2
(mm)
0.35 +0.15/-0.20 0.35 +0.15/-0.20 0.35 +0.15/-0.20 0.70 0.20 0.70 0.20
Ratings
Max. Ripple Current @ 100kHz/105C (mA) 70 70 100 160 600 600 850 70 70 160 600 600 850
Cap. (F) 22 47 100 220 470 1000 1500 22 33 150 330 470 1000
Catalog Part Number
Max. DCL 2 min. (A) 3.0 3.0 6.3 13.9 29.6 63.0 94.5 3.0 3.3 15.0 33.0 47.0 100.0
Max. DF @ 120Hz/20C (%) 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.19 0.19 0.19 0.19 0.19 0.19
AVRF226M06B12T-F AVRF476M06B12T-F AVRF107M06C12T-F AVRF227M06D16T-F AVRF477M06F24T-F AVRF108M06F24T-F AVRF158M06G24T-F AVRF226M10B12T-F AVRF336M10B12T-F AVRF157M10D16T-F AVRF337M10F24T-F AVRF477M10F24T-F AVRF108M10G24T-F
Max. E.S.R. Max. Impedance @ 100kHz/20C @ 100kHz/20C () () 6.3 Vdc 1.65 1.65 1.65 1.65 0.90 0.90 0.50 0.50 0.16 0.16 0.16 0.16 0.08 0.08 10 Vdc 1.65 1.65 1.65 1.65 0.50 0.50 0.16 0.16 0.16 0.16 0.08 0.08
Case Code
Size DxL (mm) 4x5.4 4x5.4 5x5.4 6.3x5.4 8x10.2 8x10.2 10x10.2 4x5.4 4x5.4 6.3x5.4 8x10.2 8x10.2 10x10.2
Quantity /Reel (Ea) 2000 2000 1000 1000 500 500 500 2000 2000 1000 500 500 500
B B C D F F G B B D F F G
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type AVRF -55 C to 105 C SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 C
Catalog Part Number Max. DCL 2 min. (A) 3.0 3.5 7.5 10.9 52.8 75.2 3.0 5.5 8.3 11.8 17.0 37.5 55.0 82.5 117.5 3.0 3.5 7.7 11.6 16.5 35.0 52.5 77.0 115.5 Max. DF @ 120Hz/20C (%) 0.16 0.16 0.16 0.16 0.16 0.16 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 Max. E.S.R. @ 100kHz/20C () 16 Vdc 1.65 1.65 0.90 0.50 0.16 0.16 25 Vdc 1.65 0.90 0.50 0.50 0.50 0.16 0.16 0.16 0.08 35 Vdc 1.65 0.90 0.50 0.50 0.16 0.16 0.16 0.16 0.08 Max. Impedance @ 100kHz/20C () 1.65 1.65 0.90 0.50 0.16 0.16 1.65 0.90 0.50 0.50 0.50 0.16 0.16 0.16 0.08 1.65 0.90 0.50 0.50 0.16 0.16 0.16 0.16 0.08 Max. Ripple Current @ 100kHz/105C (mA) 70 70 100 160 600 600 70 100 160 160 160 600 600 600 850 70 100 160 160 600 600 600 600 850 Case Code Size DxL (mm) 4x5.4 4x5.4 5x5.4 6.3x5.4 8x10.2 8x10.2 4x5.4 5x5.4 6.3x5.4 6.3x5.4 6.3x5.4 8x10.2 8x10.2 8x10.2 10x10.2 4x5.4 5x5.4 6.3x5.4 6.3x5.4 8x10.2 8x10.2 8x10.2 8x10.2 10x10.2 Quantity /Reel (Ea) 2000 2000 1000 1000 500 500 2000 1000 1000 1000 1000 500 500 500 500 2000 1000 1000 1000 500 500 500 500 500
Cap. (F) 10 22 47 68 330 470 10 22 33 47 68 150 220 330 470 4.7 10 22 33 47 100 150 220 330
AVRF106M16B12T-F AVRF226M16B12T-F AVRF476M16C12T-F AVRF686M16D16T-F AVRF337M16F24T-F AVRF477M16F24T-F AVRF106M25B12T-F AVRF226M25C12T-F AVRF336M25D16T-F AVRF476M25D16T-F AVRF686M25D16T-F AVRF157M25F24T-F AVRF227M25F24T-F AVRF337M25F24T-F AVRF477M25G24T-F AVRF475M35B12T-F AVRF106M35C12T-F AVRF226M35D16T-F AVRF336M35D16T-F AVRF476M35F24T-F AVRF107M35F24T-F AVRF157M35F24T-F AVRF227M35F24T-F AVRF337M35G24T-F
B B C D F F B C D D D F F F G B C D D F F F F G
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of AVRF227M25F24T-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X