|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features * Incorporates the ARM7TDMI(R) ARM(R) Thumb(R) Processor - High-performance 32-bit RISC Architecture - High-density 16-bit Instruction Set - Leader in MIPS/Watt - EmbeddedICETM In-circuit Emulation, Debug Communication Channel Support Internal High-speed Flash - 512 Kbytes, Organized in Two Contiguous Banks of 1024 Pages of 256 Bytes Dual Plane (AT91SAM7SE512) - 256 Kbytes (AT91SAM7SE256) Organized in One Bank of 1024 Pages of 256 Bytes Single Plane (AT91SAM7SE256) - 32 Kbytes (AT91SAM7SE32) Organized in One Bank of 256 Pages of 128 Bytes Single Plane (AT91SAM7SE32) - Single Cycle Access at Up to 30 MHz in Worst Case Conditions - Prefetch Buffer Optimizing Thumb Instruction Execution at Maximum Speed - Page Programming Time: 6 ms, Including Page Auto-erase, Full Erase Time: 15 ms - 10,000 Erase Cycles, 10-year Data Retention Capability, Sector Lock Capabilities, Flash Security Bit - Fast Flash Programming Interface for High Volume Production 32 Kbytes (AT91SAM7SE512/256) or 8 Kbytes (AT91SAM7SE32) of Internal High-speed SRAM, Single-cycle Access at Maximum Speed One External Bus Interface (EBI) - Supports SDRAM, Static Memory, Glueless Connection to CompactFlash(R) and ECC-enabled NAND Flash Memory Controller (MC) - Embedded Flash Controller - Memory Protection Unit - Abort Status and Misalignment Detection Reset Controller (RSTC) - Based on Power-on Reset Cells and Low-power Factory-calibrated Brownout Detector - Provides External Reset Signal Shaping and Reset Source Status Clock Generator (CKGR) - Low-power RC Oscillator, 3 to 20 MHz On-chip Oscillator and One PLL Power Management Controller (PMC) - Power Optimization Capabilities, Including Slow Clock Mode (Down to 500 Hz) and Idle Mode - Three Programmable External Clock Signals Advanced Interrupt Controller (AIC) - Individually Maskable, Eight-level Priority, Vectored Interrupt Sources - Two External Interrupt Sources and One Fast Interrupt Source, Spurious Interrupt Protected Debug Unit (DBGU) - Two-wire UART and Support for Debug Communication Channel interrupt, Programmable ICE Access Prevention Periodic Interval Timer (PIT) - 20-bit Programmable Counter plus 12-bit Interval Counter Windowed Watchdog (WDT) - 12-bit key-protected Programmable Counter - Provides Reset or Interrupt Signals to the System - Counter May Be Stopped While the Processor is in Debug State or in Idle Mode * AT91 ARM Thumb-based Microcontrollers AT91SAM7SE512 AT91SAM7SE256 AT91SAM7SE32 Advance Information Summary * * * * * * * * * * 6222AS-ATARM-21-Aug-06 * Real-time Timer (RTT) - 32-bit Free-running Counter with Alarm - Runs Off the Internal RC Oscillator Three Parallel Input/Output Controllers (PIO) - Eighty-eight Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os - Input Change Interrupt Capability on Each I/O Line - Individually Programmable Open-drain, Pull-up Resistor and Synchronous Output - Schmitt Trigger on All inputs Eleven Peripheral DMA Controller (PDC) Channels One USB 2.0 Full Speed (12 Mbits per second) Device Port - On-chip Transceiver, Eight Endpoints, 2688-byte Configurable Integrated FIFOs One Synchronous Serial Controller (SSC) - Independent Clock and Frame Sync Signals for Each Receiver and Transmitter - IS Analog Interface Support, Time Division Multiplex Support - High-speed Continuous Data Stream Capabilities with 32-bit Data Transfer Two Universal Synchronous/Asynchronous Receiver Transmitters (USART) - Individual Baud Rate Generator, IrDA(R) Infrared Modulation/Demodulation - Support for ISO7816 T0/T1 Smart Card, Hardware Handshaking, RS485 Support - Full Modem Line Support on USART1 One Master/Slave Serial Peripheral Interfaces (SPI) - 8- to 16-bit Programmable Data Length, Four External Peripheral Chip Selects One Three-channel 16-bit Timer/Counter (TC) - Three External Clock Inputs, Two Multi-purpose I/O Pins per Channel - Double PWM Generation, Capture/Waveform Mode, Up/Down Capability One Four-channel 16-bit PWM Controller (PWMC) One Two-wire Interface (TWI) - Master, Multi-Master and Slave Mode Support, All Two-wire Atmel EEPROMs Supported - General Call Supported in Slave Mode One 8-channel 10-bit Analog-to-Digital Converter, Four Channels Multiplexed with Digital I/Os SAM-BATM - Default Boot program - Interface with SAM-BA Graphic User Interface IEEE(R) 1149.1 JTAG Boundary Scan on All Digital Pins Four High-current Drive I/O lines, Up to 16 mA Each Power Supplies - Embedded 1.8V Regulator, Drawing up to 100 mA for the Core and External Components - 1.8V or 3,3V VDDIO I/O Lines Power Supply, Independent 3.3V VDDFLASH Flash Power Supply - 1.8V VDDCORE Core Power Supply with Brownout Detector Fully Static Operation: Up to 48 MHz at 1.65V and 85 C Worst Case Conditions Available in a 128-lead LQFP Green Package, or a 144-ball LFBGA RoHS-compliant Package * * * * * * * * * * * * * * * * 2 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 1. Description Atmel's AT91SAM7SE Series is a member of its Smart ARM Microcontroller family based on the 32-bit ARM7TM RISC processor and high-speed Flash memory. * AT91SAM7SE512 features a 512 Kbyte high-speed Flash and a 32 Kbyte SRAM. * AT91SAM7SE256 features a 256 Kbyte high-speed Flash and a 32 Kbyte SRAM. * AT91SAM7SE32 features a 32 Kbyte high-speed Flash and an 8 Kbyte SRAM. It also embeds a large set of peripherals, including a USB 2.0 device, an External Bus Interface (EBI), and a complete set of system functions minimizing the number of external components. The EBI incorporates controllers for synchronous DRAM (SDRAM) and Static memories and features specific circuitry facilitating the interface for NAND Flash, SmartMedia and CompactFlash. The device is an ideal migration path for 8/16-bit microcontroller users looking for additional performance, extended memory and higher levels of system integration. The embedded Flash memory can be programmed in-system via the JTAG-ICE interface or via a parallel interface on a production programmer prior to mounting. Built-in lock bits and a security bit protect the firmware from accidental overwrite and preserve its confidentiality. The AT91SAM7SE Series system controller includes a reset controller capable of managing the power-on sequence of the microcontroller and the complete system. Correct device operation can be monitored by a built-in brownout detector and a watchdog running off an integrated RC oscillator. By combining the ARM7TDMI processor with on-chip Flash and SRAM, and a wide range of peripheral functions, including USART, SPI, External Bus Interface, Timer Counter, RTT and Analog-to-Digital Converters on a monolithic chip, the AT91SAM7SE512/256/32 is a powerful device that provides a flexible, cost-effective solution to many embedded control applications. 1.1 Configuration Summary of the AT91SAM7SE512, AT91SAM7SE256 and AT91SAM7SE32 The AT91SAM7SE512, AT91SAM7SE256 and AT91SAM7SE32 differ in memory sizes and organization. Table 1-1 below summarizes the configurations for the three devices. Table 1-1. Device Configuration Summary Flash Size 512K bytes 256K bytes 32K bytes Flash Organization dual plane single plane single plane RAM Size 32K bytes 32K bytes 8K bytes AT91SAM7SE512 AT91SAM7SE256 AT91SAM7SE32 3 6222AS-ATARM-21-Aug-06 2. Block Diagram Figure 2-1. AT91SAM7SE512/256/32 Block Diagram Signal Description TDI TDO TMS TCK JTAGSEL ICE JTAG SCAN ARM7TDMI Processor 1.8V Voltage Regulator Memory Controller Embedded Address Flash Decoder Controller Abort Status Misalignment Detection Flash 512 Kbytes (SE512) 256 Kbytes (SE256) 32 Kbytes (SE32) VDDFLASH ERASE VDDIN GND VDDOUT VDDCORE TST FIQ System Controller PIO IRQ0-IRQ1 AIC SRAM 32 Kbytes (SE512/256) or 8 Kbytes (SE32) VDDIO DRXD DTXD DBGU PDC PDC PCK0-PCK2 PLLRC XIN XOUT PLL OSC RCOSC PMC Memory Protection Unit Peripheral Bridge VDDFLASH VDDCORE VDDCORE NRST BOD POR Reset Controller Peripheral DMA Controller 11 Channels ROM PGMRDY PGMNVALID PGMNOE PGMCK PGMM0-PGMM3 PGMD0-PGMD15 PGMNCMD PGMEN0-PGMEN1 Fast Flash Programming Interface PIT WDT APB SAM-BA RTT PIOA PIOB PIOC EBI RXD0 TXD0 SCK0 RTS0 CTS0 RXD1 TXD1 SCK1 RTS1 CTS1 DCD1 DSR1 DTR1 RI1 NPCS0 NPCS1 NPCS2 NPCS3 MISO MOSI SPCK TCLK0 TCLK1 TCLK2 TIOA0 TIOB0 TIOA1 TIOB1 TIOA2 TIOB2 ADTRG AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 ADVREF PDC USART0 PDC PDC USART1 CompactFlash NAND Flash PIO SDRAM Controller PDC PDC PIO SPI PDC Timer Counter TC0 TC1 TC2 PDC Static Memory Controller ECC Controller Transciever D[31:0] A0/NBS0 A1/NBS2 A[15:2], A[20:18] A21/NANDALE A22/REG/NANDCLE A16/BA0 A17/BA1 NCS0 NCS1/SDCS NCS2/CFCS1 NCS3/NANDCS NRD/CFOE NWR0/NWE/CFWE NWR1/NBS1/CFIOR NBS3/CFIOW SDCKE RAS CAS SDWE SDA10 CFRNW NCS4/CFCS0 NCS5/CFCE1 NCS6/CFCE2 NCS7 NANDOE NANDWE NWAIT SDCK FIFO USB Device DDM DDP PWMC PIO ADC PDC SSC PDC TWI PWM0 PWM1 PWM2 PWM3 TF TK TD RD RK RF TWD TWCK 4 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 3. Signal Description Table 3-1. Signal Name Signal Description List Function Power Type Active Level Comments VDDIN VDDOUT VDDFLASH VDDIO VDDCORE VDDPLL GND Voltage Regulator and ADC Power Supply Input Voltage Regulator Output Flash and USB Power Supply I/O Lines Power Supply Core Power Supply PLL Ground Power Power Power Power Power Power Ground 3V to 3.6V 1.85V 3V to 3.6V 3V to 3.6V or 1.65V to 1.95V 1.65V to 1.95V 1.65V to 1.95V Clocks, Oscillators and PLLs XIN XOUT PLLRC PCK0 - PCK2 Main Oscillator Input Main Oscillator Output PLL Filter Programmable Clock Output Input Output Input Output ICE and JTAG TCK TDI TDO TMS JTAGSEL Test Clock Test Data In Test Data Out Test Mode Select JTAG Selection Input Input Output Input Input Flash Memory ERASE Flash and NVM Configuration Bits Erase Command Reset/Test NRST TST Microcontroller Reset Test Mode Select Debug Unit DRXD DTXD Debug Receive Data Debug Transmit Data AIC IRQ0 - IRQ1 FIQ External Interrupt Inputs Fast Interrupt Input Input Input Input Output I/O Input Low High Pull-Up resistor Pull-down resistor Input High Pull-down resistor No pull-up resistor. Pull-down resistor. No pull-up resistor No pull-up resistor. 5 6222AS-ATARM-21-Aug-06 Table 3-1. Signal Name Signal Description List (Continued) Function PIO Type Active Level Comments PA0 - PA31 PB0 - PB31 PC0 - PC23 Parallel IO Controller A Parallel IO Controller B Parallel IO Controller C I/O I/O I/O USB Device Port Pulled-up input at reset Pulled-up input at reset Pulled-up input at reset DDM DDP USB Device Port Data USB Device Port Data + USART Analog Analog SCK0 - SCK1 TXD0 - TXD1 RXD0 - RXD1 RTS0 - RTS1 CTS0 - CTS1 DCD1 DTR1 DSR1 RI1 Serial Clock Transmit Data Receive Data Request To Send Clear To Send Data Carrier Detect Data Terminal Ready Data Set Ready Ring Indicator I/O I/O Input Output Input Input Output Input Input Synchronous Serial Controller TD RD TK RK TF RF Transmit Data Receive Data Transmit Clock Receive Clock Transmit Frame Sync Receive Frame Sync Output Input I/O I/O I/O I/O Timer/Counter TCLK0 - TCLK2 TIOA0 - TIOA2 TIOB0 - TIOB2 External Clock Inputs Timer Counter I/O Line A Timer Counter I/O Line B Input I/O I/O PWM Controller PWM0 - PWM3 PWM Channels Output Serial Peripheral Interface MISO MOSI SPCK NPCS0 NPCS1-NPCS3 Master In Slave Out Master Out Slave In SPI Serial Clock SPI Peripheral Chip Select 0 SPI Peripheral Chip Select 1 to 3 I/O I/O I/O I/O Output Low Low 6 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] Table 3-1. Signal Name Signal Description List (Continued) Function Type Two-Wire Interface Active Level Comments TWD TWCK Two-wire Serial Data Two-wire Serial Clock I/O I/O Analog-to-Digital Converter AD0-AD3 AD4-AD7 ADTRG ADVREF Analog Inputs Analog Inputs ADC Trigger ADC Reference Analog Analog Input Analog Fast Flash Programming Interface Analog Inputs Digital pulled-up inputs at reset PGMEN0-PGMEN2 PGMM0-PGMM3 PGMD0-PGMD15 PGMRDY PGMNVALID PGMNOE PGMCK PGMNCMD Programming Enabling Programming Mode Programming Data Programming Ready Data Direction Programming Read Programming Clock Programming Command Input Input I/O Output Output Input Input Input External Bus Interface Low High Low Low D[31:0] A[22:0] NWAIT Data Bus Address Bus External Wait Signal I/O Output Input Static Memory Controller Low NCS[7:0] NWR[1:0] NRD NWE NUB NLB Chip Select Lines Write Signals Read Signal Write Enable NUB: Upper Byte Select NLB: Lower Byte Select Output Output Output Output Output Output EBI for CompactFlash Support Low Low Low Low Low Low CFCE[2:1] CFOE CFWE CFIOR CFIOW CFRNW CFCS[1:0] CompactFlash Chip Enable CompactFlash Output Enable CompactFlash Write Enable CompactFlash I/O Read Signal CompactFlash I/O Write Signal CompactFlash Read Not Write Signal CompactFlash Chip Select Lines Output Output Output Output Output Output Output Low Low Low Low Low Low 7 6222AS-ATARM-21-Aug-06 Table 3-1. Signal Name Signal Description List (Continued) Function Type EBI for NAND Flash Support Active Level Comments NANDCS NANDOE NANDWE NANDCLE NANDALE NAND Flash Chip Select Line NAND Flash Output Enable NAND Flash Write Enable NAND Flash Command Line Enable NAND Flash Address Line Enable Output Output Output Output Output Low Low Low Low Low SDRAM Controller SDCK SDCKE SDCS BA[1:0] SDWE RAS - CAS NBS[3:0] SDA10 SDRAM Clock SDRAM Clock Enable SDRAM Controller Chip Select Line Bank Select SDRAM Write Enable Row and Column Signal Byte Mask Signals SDRAM Address 10 Line Output Output Output Output Output Output Output Output Low Low Low High Low Tied low after reset 8 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 4. Package The AT91SAM7SE512/256/32 is available in: * 20 x 14 mm 128-lead LQFP package with a 0.5 mm lead pitch. * 10x 10 x 1.4 mm 144-ball LFBGA package with a 0.8 mm lead pitch 4.1 128-lead LQFP Package Outline Figure 4-1 shows the orientation of the 128-lead LQFP package and a detailed mechanical description is given in the Mechanical Characteristics section of the full datasheet. Figure 4-1. 128-lead LQFP Package Outline (Top View) 102 103 65 64 128 1 38 39 9 6222AS-ATARM-21-Aug-06 4.2 128-lead LQFP Pinout Pinout in 128-lead LQFP Package ADVREF GND AD7 AD6 AD5 AD4 VDDOUT VDDIN PA20/PGMD8/AD3 PA19/PGMD7/AD2 PA18/PGMD6/AD1 PA17/PGMD5/AD0 PA16/PGMD4 PA15/PGMD3 PA14/PGMD2 PA13/PGMD1 PA12/PGMD0 PA11/PGMM3 PA10/PGMM2 PA9/PGMM1 VDDIO GND VDDCORE PA8/PGMM0 PA7/PGMNVALID PA6/PGMNOE PA5/PGMRDY PA4/PGMNCMD PA3 PA2/PGMEN2 PA1/PGMEN1 PA0/PGMEN0 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 PB31 PB30 PB29 PB28 PB27 PB26 PB25 PB24 PB23 PB22 PB21 PB20 GND VDDIO VDDCORE PB19 PB18 PB17 PB16 PB15 PB14 PB13 PB12 PB11 PB10 PB9 PB8 PB7 PB6 PB5 PB4 PB3 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 TDI TDO PB2 PB1 PB0 GND VDDIO VDDCORE NRST TST ERASE TCK TMS JTAGSEL PC23 PC22 PC21 PC20 PC19 PC18 PC17 PC16 PC15 PC14 PC13 PC12 PC11 PC10 PC9 GND VDDIO VDDCORE 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 SDCK PC8 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 PA31 PA30 PA29 PA28 PA27/PGMD15 PA26/PGMD14 PA25/PGMD13 PA24/PGMD12 PA23/PGMD11 PA22/PGMD10 PA21/PGMD9 VDDCORE GND VDDIO DM DP VDDFLASH GND XIN/PGMCK XOUT PLLRC VDDPLL Table 4-1. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 10 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 4.3 144-ball LFBGA Package Outline Figure 4-2 shows the orientation of the 144-ball LFBGA package and a detailed mechanical description is given in the Mechanical Characteristics section. Figure 4-2. 144-ball LFBGA Package Outline (Top View) 12 11 10 9 8 7 6 5 4 3 2 1 Ball A1 ABCDEFGHJKLM 11 6222AS-ATARM-21-Aug-06 4.4 144-ball LFBGA Pinout Table 4-2. Pin A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 C12 PB7 PB8 PB9 PB12 PB13 PB16 PB22 PB23 PB25 PB29 PB30 PB31 PB6 PB3 PB4 PB10 PB14 PB18 PB20 PB24 PB28 SAM7SE512/256/32 Pinout for 144-ball LFBGA Package Pin D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 E1 E2 E3 E4 E5 E6 E7 E8 E9 E10 E11 E12 F1 F2 F3 F4 F5 F6 F7 F8 F9 F10 F11 F12 Signal Name VDDCORE VDDCORE PB2 TDO TDI PB17 PB26 PA14/PGMD2 PA12/PGMD0 PA11/PGMM3 PA8/PGMM0 PA7/PGMNVALID PC22 PC23 NRST TCK ERASE TEST VDDCORE VDDCORE GND PA9/PGMM1 PA10/PGMM2 PA13/PGMD1 PC21 PC20 PC19 JTAGSEL TMS VDDIO GND GND GND AD5 PA15/PGMD3 PA16/PGMD4 Pin G1 G2 G3 G4 G5 G6 G7 G8 G9 G10 G11 G12 H1 H2 H3 H4 H5 H6 H7 H8 H9 H10 H11 H12 J1 J2 J3 J4 J5 J6 J7 J8 J9 J10 J11 J12 Signal Name PC18 PC16 PC17 PC9 VDDIO GND GND GND GND AD4 VDDIN VDDOUT PC15 PC14 PC13 VDDCORE VDDCORE GND GND GND GND PA19/PGMD7/AD2 PA20/PGMD8/AD3 VDDIO PC12 PC10 PA30 PA28 PA23/PGMD11 PA22/PGMD10 AD6 AD7 VDDCORE VDDCORE VDDCORE VDDIO Pin K1 K2 K3 K4 K5 K6 K7 K8 K9 K10 K11 K12 L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 L11 L12 M1 M2 M3 M4 M5 M6 M7 M8 M9 M10 M11 M12 Signal Name PC11 PC6 PC2 PC0 PA27/PGMD15 PA26/PGMD14 GND VDDCORE VDDFLASH VDDIO VDDIO PA18/PGMD6/AD1 SDCK PC7 PC4 PC1 PA29 PA24/PGMD12 PA21/PGMD9 ADVREF VDDFLASH VDDFLASH PA17/PGMD5/AD0 GND PC8 PC5 PC3 PA31 PA25/PGMD13 DM DP GND XIN/PGMCK XOUT PLLRC VDDPLL Signal Name PA4/PGMNCMD PA0/PGMEN0 PA1/PGMEN1 PB0 PB1 PB5 PB11 PB15 PB19 PB21 PB27 PA6/PGMNOE PA5/PGMRDY PA2/PGMEN2 PA3 12 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 5. Power Considerations 5.1 Power Supplies The AT91SAM7SE512/256/32 has six types of power supply pins and integrates a voltage regulator, allowing the device to be supplied with only one voltage. The six power supply pin types are: * VDDIN pin. It powers the voltage regulator and the ADC; voltage ranges from 3.0V to 3.6V, 3.3V nominal. * VDDOUT pin. It is the output of the 1.8V voltage regulator. * VDDIO pin. It powers the I/O lines; two voltage ranges are supported: - from 3.0V to 3.6V, 3.3V nominal - or from 1.65V to 1.95V, 1.8V nominal. * VDDFLASH pin. It powers the USB transceivers and a part of the Flash. It is required for the Flash to operate correctly; voltage ranges from 3.0V to 3.6V, 3.3V nominal. * VDDCORE pins. They power the logic of the device; voltage ranges from 1.65V to 1.95V, 1.8V typical. It can be connected to the VDDOUT pin with decoupling capacitor. VDDCORE is required for the device, including its embedded Flash, to operate correctly. * VDDPLL pin. It powers the oscillator and the PLL. It can be connected directly to the VDDOUT pin. In order to decrease current consumption, if the voltage regulator and the ADC are not used, VDDIN, ADVREF, AD4, AD5, AD6 and AD7 should be connected to GND. In this case VDDOUT should be left unconnected. No separate ground pins are provided for the different power supplies. Only GND pins are provided and should be connected as shortly as possible to the system ground plane. 5.2 Power Consumption The AT91SAM7SE512/256/32 has a static current of less than 60 A on VDDCORE at 25C, including the RC oscillator, the voltage regulator and the power-on reset when the brownout detector is deactivated. Activating the brownout detector adds 20 A static current. The dynamic power consumption on VDDCORE is less than 80 mA at full speed when running out of the Flash. Under the same conditions, the power consumption on VDDFLASH does not exceed 10 mA. 5.3 Voltage Regulator The AT91SAM7SE512/256/32 embeds a voltage regulator that is managed by the System Controller. In Normal Mode, the voltage regulator consumes less than 100 A static current and draws 100 mA of output current. The voltage regulator also has a Low-power Mode. In this mode, it consumes less than 20 A static current and draws 1 mA of output current. Adequate output supply decoupling is mandatory for VDDOUT to reduce ripple and avoid oscillations. The best way to achieve this is to use two capacitors in parallel: 13 6222AS-ATARM-21-Aug-06 * One external 470 pF (or 1 nF) NPO capacitor should be connected between VDDOUT and GND as close to the chip as possible. * One external 2.2 F (or 3.3 F) X7R capacitor should be connected between VDDOUT and GND. Adequate input supply decoupling is mandatory for VDDIN in order to improve startup stability and reduce source voltage drop. The input decoupling capacitor should be placed close to the chip. For example, two capacitors can be used in parallel: 100 nF NPO and 4.7 F X7R. 5.4 Typical Powering Schematics The AT91SAM7SE512/256/32 supports a 3.3V single supply mode. The internal regulator input connected to the 3.3V source and its output feeds VDDCORE and the VDDPLL. Figure 5-1 shows the power schematics to be used for USB bus-powered systems. Figure 5-1. 3.3V System Single Power Supply Schematic VDDFLASH Power Source ranges from 4.5V (USB) to 18V VDDIO DC/DC Converter VDDIN 3.3V VDDOUT Voltage Regulator VDDCORE VDDPLL 14 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 6. I/O Lines Considerations 6.1 JTAG Port Pins TMS, TDI and TCK are schmitt trigger inputs and are not 5V-tolerant. TMS, TDI and TCK do not integrate a pull-up resistor. TDO is an output, driven at up to VDDIO, and has no pull-up resistor. The pin JTAGSEL is used to select the JTAG boundary scan when asserted at a high level. The pin JTAGSEL integrates a permanent pull-down resistor of about 15 k to GND, so that it can be left unconnected for normal operations. 6.2 Test Pin The TST pin is used for manufacturing test or fast programming mode of the AT91SAM7SE512/256/32 when asserted high. The TST pin integrates a permanent pull-down resistor of about 15 k to GND, so that it can be left unconnected for normal operations. To enter fast programming mode, the TST pin and the PA0 and PA1 pins should be tied high and PA2 tied low. Driving the TST pin at a high level while PA0 or PA1 is driven at 0 leads to unpredictable results. 6.3 Reset Pin The NRST pin is bidirectional. It is handled by the on-chip reset controller and can be driven low to provide a reset signal to the external components or asserted low externally to reset the microcontroller. There is no constraint on the length of the reset pulse, and the reset controller can guarantee a minimum pulse length. This allows connection of a simple push-button on the NRST pin as system user reset, and the use of the NRST signal to reset all the components of the system. An external power-on reset can drive this pin during the start-up instead of using the internal power-on reset circuit. The NRST pin integrates a permanent pull-up of about 100 k resistor to VDDIO. This pin is not 5V-tolerant and has schmitt trigger input. 6.4 ERASE Pin The ERASE pin is used to re-initialize the Flash content and some of its NVM bits. It integrates a permanent pull-down resistor of about 15 k to GND, so that it can be left unconnected for normal operations. This pin is debounced by the RC oscillator to improve the glitch tolerance. When the pin is tied to high during less than 100 ms, ERASE pin is not taken into account. The pin must be tied high during more than 220 ms to perform the re-initialization of the Flash. 6.5 SDCK Pin The SDCK pin is dedicated to the SDRAM Clock and is an output-only without pull-up and is not 5V-tolerant. Maximum Output Frequency of this pad is 48 MHz at 3.0V and 25 MHz at 1.65V with a maximum load of 30 pF. 15 6222AS-ATARM-21-Aug-06 6.6 PIO Controller lines All the I/O lines PA0 to PA31, PB0 to PB31, PC0 to PC23 integrate a programmable pull-up resistor. Programming of this pull-up resistor is performed independently for each I/O line through the PIO controllers. Typical pull-up value is 100 k. All the I/O lines have schmitt trigger inputs. 6.7 I/O Lines Current Drawing The PIO lines PA0 to PA3 are high-drive current capable. Each of these I/O lines can drive up to 16 mA permanently. The remaining I/O lines can draw only 8 mA. However, the total current drawn by all the I/O lines cannot exceed 300 mA. 16 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 7. Processor and Architecture 7.1 ARM7TDMI Processor * RISC processor based on ARMv4T Von Neumann architecture - Runs at up to 48 MHz, providing 0.9 MIPS/MHz * Two instruction sets - ARM(R) high-performance 32-bit instruction set - Thumb(R) high code density 16-bit instruction set * Three-stage pipeline architecture - Instruction Fetch (F) - Instruction Decode (D) - Execute (E) 7.2 Debug and Test Features * EmbeddedICETM (Integrated embedded in-circuit emulator) - Two watchpoint units - Test access port accessible through a JTAG protocol - Debug communication channel * Debug Unit - Two-pin UART - Debug communication channel interrupt handling - Chip ID Register * IEEE1149.1 JTAG Boundary-scan on all digital pins 7.3 Memory Controller * Programmable Bus Arbiter - Handles requests from the ARM7TDMI and the Peripheral DMA Controller * Address decoder provides selection signals for - Four internal 1 Mbyte memory areas - One 256-Mbyte embedded peripheral area - Eight external 256-Mbyte memory areas * Abort Status Registers - Source, Type and all parameters of the access leading to an abort are saved - Facilitates debug by detection of bad pointers * Misalignment Detector - Alignment checking of all data accesses - Abort generation in case of misalignment * Remap Command - Remaps the SRAM in place of the embedded non-volatile memory - Allows handling of dynamic exception vectors * 16-area Memory Protection Unit (Internal Memory and peripheral protection only) 17 6222AS-ATARM-21-Aug-06 - Individually programmable size between 1K Byte and 1M Byte - Individually programmable protection against write and/or user access - Peripheral protection against write and/or user access * Embedded Flash Controller - Embedded Flash interface, up to three programmable wait states - Prefetch buffer, buffering and anticipating the 16-bit requests, reducing the required wait states - Key-protected program, erase and lock/unlock sequencer - Single command for erasing, programming and locking operations - Interrupt generation in case of forbidden operation 7.4 External Bus Interface * Integrates Three External Memory Controllers: - Static Memory Controller - SDRAM Controller - ECC Controller * Additional Logic for NAND Flash and CompactFlash(R) Support - NAND Flash support: 8-bit as well as 16-bit devices are supported - CompactFlash support: all modes (Attribute Memory, Common Memory, I/O, True IDE) are supported but the signals _IOIS16 (I/O and True IDE modes) and -ATA SEL (True IDE mode) are not handled. * Optimized External Bus: - 16- or 32-bit Data Bus (32-bit Data Bus for SDRAM only) - Up to 23-bit Address Bus, Up to 8-Mbytes Addressable - Up to 8 Chip Selects, each reserved to one of the eight Memory Areas - Optimized pin multiplexing to reduce latencies on External Memories * Configurable Chip Select Assignment: - Static Memory Controller on NCS0 - SDRAM Controller or Static Memory Controller on NCS1 - Static Memory Controller on NCS2, Optional CompactFlash Support - Static Memory Controller on NCS3, NCS5 - NCS6, Optional NAND Flash Support - Static Memory Controller on NCS4, Optional CompactFlash Support - Static Memory Controller on NCS7 7.5 Static Memory Controller * External memory mapping, 512-Mbyte address space * 8-, or 16-bit Data Bus * Up to 8 Chip Select Lines * Multiple Access Modes supported - Byte Write or Byte Select Lines - Two different Read Protocols for each Memory Bank 18 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] * Multiple device adaptability - Compliant with LCD Module - Programmable Setup Time Read/Write - Programmable Hold Time Read/Write * Multiple Wait State Management - Programmable Wait State Generation - External Wait Request - Programmable Data Float Time 7.6 SDRAM Controller * Numerous configurations supported - 2K, 4K, 8K Row Address Memory Parts - SDRAM with two or four Internal Banks - SDRAM with 16- or 32-bit Data Path * Programming facilities - Word, half-word, byte access - Automatic page break when Memory Boundary has been reached - Multibank Ping-pong Access - Timing parameters specified by software - Automatic refresh operation, refresh rate is programmable * Energy-saving capabilities - Self-refresh, and Low-power Modes supported * Error detection - Refresh Error Interrupt * SDRAM Power-up Initialization by software * Latency is set to two clocks (CAS Latency of 1, 3 Not Supported) * Auto Precharge Command not used 7.7 Error Corrected Code Controller * Tracking the accesses to a NAND Flash device by triggering on the corresponding chip select * Single bit error correction and 2-bit Random detection. * Automatic Hamming Code Calculation while writing - ECC value available in a register * Automatic Hamming Code Calculation while reading - Error Report, including error flag, correctable error flag and word address being detected erroneous - Supports 8- or 16-bit NAND Flash devices with 512-, 1024-, 2048- or 4096-byte pages 7.8 Peripheral DMA Controller * Handles data transfer between peripherals and memories * Eleven channels 19 6222AS-ATARM-21-Aug-06 - Two for each USART - Two for the Debug Unit - Two for the Serial Synchronous Controller - Two for the Serial Peripheral Interface - One for the Analog-to-digital Converter * Low bus arbitration overhead - One Master Clock cycle needed for a transfer from memory to peripheral - Two Master Clock cycles needed for a transfer from peripheral to memory * Next Pointer management for reducing interrupt latency requirements 20 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 8. Memories * 512 Kbytes of Flash Memory (AT91SAM7SE512) - dual plane - two contiguous banks of 1024 pages of 256 bytes - Fast access time, 30 MHz single-cycle access in Worst Case conditions - Page programming time: 6 ms, including page auto-erase - Page programming without auto-erase: 3 ms - Full chip erase time: 15 ms - 10,000 write cycles, 10-year data retention capability - 32 lock bits, each protecting 32 lock regions of 64 pages - Protection Mode to secure contents of the Flash * 256 Kbytes of Flash Memory (AT91SAM7SE256) - single plane - one bank of 1024 pages of 256 bytes - Fast access time, 30 MHz single-cycle access in Worst Case conditions - Page programming time: 6 ms, including page auto-erase - Page programming without auto-erase: 3 ms - Full chip erase time: 15 ms - 10,000 cycles, 10-year data retention capability - 16 lock bits, each protecting 16 lock regions of 64 pages - Protection Mode to secure contents of the Flash * 32 Kbytes of Flash Memory (AT91SAM7SE32) - single plane - one bank of 256 pages of 128 bytes - Fast access time, 30 MHz single-cycle access in Worst Case conditions - Page programming time: 6 ms, including page auto-erase - Page programming without auto-erase: 3 ms - Full chip erase time: 15 ms - 10,000 cycles, 10-year data retention capability - 8 lock bits, each protecting 8 lock regions of 32 pages - Protection Mode to secure contents of the Flash * 32 Kbytes of Fast SRAM (AT91SAM7SE512/256) - Single-cycle access at full speed * 8 Kbytes of Fast SRAM (AT91SAM7SE32) - Single-cycle access at full speed 21 6222AS-ATARM-21-Aug-06 Figure 8-1. 0x0000 0000 AT91SAM7SE Memory Mapping Address Memory Space 0x0000 0000 Internal Memory Mapping Boot Memory (1) Flash before Remap SRAM after Remap Note: (1) Can be ROM, Flash or SRAM depending on GPNVM2 and REMAP Internal Memories 0x0FFF FFFF 256 MBytes 0x000F FFFF 0x0010 0000 1 MBytes 0x1000 0000 EBI Chip Select 0 SMC 0x1FFF FFFF 256 MBytes 0x001F FFFF 0x0020 0000 Internal Flash 1 MBytes 0x2000 0000 EBI Chip Select 1/ SMC or SDRAMC EBI Chip Select 2 SMC EBI Chip Select 3 SMC/NANDFlash/ SmartMedia EBI Chip Select 4 SMC Compact Flash EBI Chip Select 5 SMC Compact Flash EBI Chip Select 6 0x7FFF FFFF 256 MBytes Internal SRAM 0x002F FFFF 0x0030 0000 1 MBytes 0x2FFF FFFF 0x3000 0000 256 MBytes 0x003F FFFF 0x0040 0000 Internal ROM 1 MBytes 0x3FFF FFFF 0x4000 0000 256 MBytes 0x0FFF FFFF Reserved 252 MBytes System Controller Mapping 0xFFFF F000 0x4FFF FFFF 0x5000 0000 256 MBytes AIC 0xFFFF F1FF 0xFFFF F200 DBGU 0xFFFF F3FF 0xFFFF F400 Peripheral Mapping 0xF000 0000 PIOA Reserved 0xFFFF F5FF 0xFFFF F600 PIOB 0xFFFF F7FF 0xFFFF F800 PIOC 16 Kbytes 0xFFFF F9FF 0xFFFF FA00 Reserved 16 Kbytes 16 Kbytes 0xFFFF FCFF 0xFFFF FD00 0xFFFF FD0F PWMC Reserved SSC ADC Reserved 0xFFFF FD60 SPI Reserved SYSC 0xFFFF FFFF 16 Kbytes 0xFFFF FC6F 0xFFFF FD70 0xFFFF FEFF 0xFFFF FF00 16 Kbytes 16 Kbytes 16 Kbytes 0xFFFF FD20 0xFFFF FC2F 0xFFFF FD30 0xFFFF FC3F 0xFFFF FD40 0xFFFF FD4F 0xFFFF FBFF 0xFFFF FC00 PMC 256 Bytes/64 registers 512 Bytes/128 registers 512 Bytes/128 registers 512 Bytes/128 registers 512 Bytes/128 registers 512 Bytes/128 registers 0x5FFF FFFF 0x6000 0000 256 MBytes 0x6FFF FFFF 0x7000 0000 256 MBytes 0x8000 0000 EBI Chip Select 7 0x8FFF FFFF 256 MBytes 0xFFF9 FFFF 0xFFFA 0000 0xFFFA 3FFF 0xFFFA 4000 0xFFFA FFFF 0xFFFB 0000 0xFFFB 3FFF 0xFFFB 4000 TC0, TC1, TC2 Reserved UDP Reserved 16 Kbytes 0x9000 0000 16 Kbytes 0xFFFB 7FFF 0xFFFB 8000 0xFFFB BFFF 0xFFFB C000 0xFFFB FFFF 0xFFFC 0000 TWI Reserved USART0 USART1 Reserved Undefined (Abort) 6 x 256 MBytes 1,536 MBytes 0xFFFC 3FFF 0xFFFC 4000 0xFFFC 7FFF 0xFFFC 8000 0xFFFC BFFF 0xFFFC C000 0xFFFC FFFF 0xFFFD 0000 0xFFFD 3FFF 0xFFFD 4000 0xFFFD 7FFF 0xFFFD 8000 0xFFFD BFFF 0xFFFD C000 0xFFFD FFFF 0xFFFE 0000 RSTC Reserved RTT PIT WDT Reserved VREG Reserved MC 16 Bytes/4 registers 16 Bytes/4 registers 16 Bytes/4 registers 16 Bytes/4 registers 4 Bytes/1 register 0xEFFF FFFF 0xF000 0000 Internal Peripherals 0xFFFF FFFF 0xFFFE 3FFF 0xFFFE 4000 256 MBytes 0xFFFF EFFF 0xFFFF F000 0xFFFF FFFF 256 Bytes/64 registers 22 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] A first level of address decoding is performed by the Memory Controller, i.e., by the implementation of the Advanced System Bus (ASB) with additional features. Decoding splits the 4G bytes of address space into 16 areas of 256M bytes. The areas 1 to 8 are directed to the EBI that associates these areas to the external chip selects NC0 to NCS7. The area 0 is reserved for the addressing of the internal memories, and a second level of decoding provides 1M byte of internal memory area. The area 15 is reserved for the peripherals and provides access to the Advanced Peripheral Bus (APB). Other areas are unused and performing an access within them provides an abort to the master requesting such an access. 8.1 8.1.1 8.1.1.1 Embedded Memories Internal Memories Internal SRAM The AT91SAM7SE512/256 embeds a high-speed 32-Kbyte SRAM bank. The AT91SAM7SE32 embeds a high-speed 8-Kbyte SRAM bank. After reset and until the Remap Command is performed, the SRAM is only accessible at address 0x0020 0000. After Remap, the SRAM also becomes available at address 0x0. 8.1.1.2 Internal ROM The AT91SAM7SE512/256/32 embeds an Internal ROM. At any time, the ROM is mapped at address 0x30 0000. The ROM contains the FFPI and the SAM-BA boot program. 8.1.1.3 Internal Flash * The AT91SAM7SE512 features two banks of 256 Kbytes of Flash. * The AT91SAM7SE256 features one bank of 256 Kbytes of Flash. * The AT91SAM7SE32 features one bank of 32 Kbytes of Flash. At any time, the Flash is mapped to address 0x0010 0000. A general purpose NVM (GPNVM) bit is used to boot either on the ROM (default) or from the Flash. This GPNVM bit can be cleared or set respectively through the commands "Clear General-purpose NVM Bit" and "Set General-purpose NVM Bit" of the EFC User Interface. Setting the GPNVM bit 2 selects the boot from the Flash, clearing it selects the boot from the ROM. Asserting ERASE clears the GPNVM bit 2 and thus selects the boot from the ROM by default. 23 6222AS-ATARM-21-Aug-06 Figure 8-2. Internal Memory Mapping with GPNVM Bit 2 = 0 (default) 0x0000 0000 0x000F FFFF ROM Before Remap SRAM After Remap Internal FLASH 1 M Bytes 0x0010 0000 1 M Bytes 0x001F FFFF 0x0020 0000 256M Bytes 0x002F FFFF 0x0030 0000 Internal SRAM 1 M Bytes 1 M Bytes 252 M Bytes Internal ROM 0x003F FFFF 0x0040 0000 Undefined Areas (Abort) 0x0FFF FFFF Figure 8-3. Internal Memory Mapping with GPNVM Bit 2 = 1 0x0000 0000 0x000F FFFF Flash Before Remap SRAM After Remap Internal FLASH 1 M Bytes 0x0010 0000 1 M Bytes 0x001F FFFF 0x0020 0000 256M Bytes 0x002F FFFF 0x0030 0000 Internal SRAM 1 M Bytes 1 M Bytes 252 M Bytes Internal ROM 0x003F FFFF 0x0040 0000 Undefined Areas (Abort) 0x0FFF FFFF 8.1.2 8.1.2.1 Embedded Flash Flash Overview The Flash of the AT91SAM7SE512 is organized in two banks (dual plane) of 1024 pages of 256 bytes. It reads as 131,072 32-bit words. The Flash of the AT91SAM7SE256 is organized in 1024 pages (single plane) of 256 bytes. It reads as 65,536 32-bit words. The Flash of the AT91SAM7SE32 is organized in 256 pages (single plane) of 128 bytes. It reads as 32,768 32-bit words. The Flash of the AT91SAM7SE32 contains a 128-byte write buffer, accessible through a 32-bit interface. The Flash of the AT91SAM7SE512/256 contains a 256-byte write buffer, accessible through a 32-bit interface. 24 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] The Flash benefits from the integration of a power reset cell and from the brownout detector. This prevents code corruption during power supply changes, even in the worst conditions. 8.1.2.2 Embedded Flash Controller The Embedded Flash Controller (EFC) manages accesses performed by the masters of the system. It enables reading the Flash and writing the write buffer. It also contains a User Interface, mapped within the Memory Controller on the APB. The User Interface allows: * programming of the access parameters of the Flash (number of wait states, timings, etc.) * starting commands such as full erase, page erase, page program, NVM bit set, NVM bit clear, etc. * getting the end status of the last command * getting error status * programming interrupts on the end of the last commands or on errors The Embedded Flash Controller also provides a dual 32-bit Prefetch Buffer that optimizes 16-bit access to the Flash. This is particularly efficient when the processor is running in Thumb mode. * Two EFCs (EFC0 and EFC1) are embedded in the SAM7SE512 to control each plane of 256 KBytes. Dual plane organization allows concurrent Read and Program. * One EFC (EFC0) is embedded in the SAM7SE256 to control the single plane 256 KBytes. * One EFC (EFC0) is embedded in the SAM7SE32 to control the single plane 32 KBytes. 8.1.2.3 Lock Regions The AT91SAM7SE512 Embedded Flash Controller manages 32 lock bits to protect 32 regions of the flash against inadvertent flash erasing or programming commands. The AT91SAM7SE512 contains 32 lock regions and each lock region contains 64 pages of 256 bytes. Each lock region has a size of 16 Kbytes. The AT91SAM7SE256 Embedded Flash Controller manages 16 lock bits to protect 16 regions of the flash against inadvertent flash erasing or programming commands. The AT91SAM7SE256 contains 16 lock regions and each lock region contains 64 pages of 256 bytes. Each lock region has a size of 16 Kbytes. The AT91SAM7SE32 Embedded Flash Controller manages 8 lock bits to protect 8 regions of the flash against inadvertent flash erasing or programming commands. The AT91SAM7SE32 contains 8 lock regions and each lock region contains 32 pages of 128 bytes. Each lock region has a size of 4 Kbytes. If a locked-region's erase or program command occurs, the command is aborted and the EFC trigs an interrupt. The 32 (AT91SAM7SE512), 16 (AT91SAM7SE256) or 8 (AT91SAM7SE32) NVM bits are software programmable through the EFC User Interface. The command "Set Lock Bit" enables the protection. The command "Clear Lock Bit" unlocks the lock region. Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash. 8.1.2.4 Security Bit Feature The AT91SAM7SE512/256/32 features a security bit, based on a specific NVM-bit. When the security is enabled, any access to the Flash, either through the ICE interface or through the Fast Flash Programming Interface, is forbidden. 25 6222AS-ATARM-21-Aug-06 The security bit can only be enabled through the Command "Set Security Bit" of the EFC User Interface. Disabling the security bit can only be achieved by asserting the ERASE pin at 1 and after a full flash erase is performed. When the security bit is deactivated, all accesses to the flash are permitted. It is important to note that the assertion of the ERASE pin should always be longer than 200 ms. As the ERASE pin integrates a permanent pull-down, it can be left unconnected during normal operation. However, it is safer to connect it directly to GND for the final application. 8.1.2.5 Non-volatile Brownout Detector Control Two general purpose NVM (GPNVM) bits are used for controlling the brownout detector (BOD), so that even after a power loss, the brownout detector operations remain in their state. These two GPNVM bits can be cleared or set respectively through the commands "Clear General-purpose NVM Bit" and "Set General-purpose NVM Bit" of the EFC User Interface. * GPNVM bit 0 is used as a brownout detector enable bit. Setting the GPNVM bit 0 enables the BOD, clearing it disables the BOD. Asserting ERASE clears the GPNVM bit 0 and thus disables the brownout detector by default. * GPNVM bit 1 is used as a brownout reset enable signal for the reset controller. Setting the GPNVM bit 1 enables the brownout reset when a brownout is detected, Clearing the GPNVM bit 1 disables the brownout reset. Asserting ERASE disables the brownout reset by default. 8.1.2.6 Calibration Bits Sixteen NVM bits are used to calibrate the brownout detector and the voltage regulator. These bits are factory configured and cannot be changed by the user. The ERASE pin has no effect on the calibration bits. 8.1.3 Fast Flash Programming Interface The Fast Flash Programming Interface allows programming the device through either a serial JTAG interface or through a multiplexed fully-handshaked parallel port. It allows gang-programming with market-standard industrial programmers. The FFPI supports read, page program, page erase, full erase, lock, unlock and protect commands. The Fast Flash Programming Interface is enabled and the Fast Programming Mode is entered when the TST pin and the PA0 and PA1 pins are all tied high and PA2 tied to low. * The Flash of the AT91SAM7SE512 is organized in 2048 pages of 256 bytes (dual plane). It reads as 131,072 32-bit words. * The Flash of the AT91SAM7SE256 is organized in 1024 pages of 256 bytes (single plane). It reads as 65,536 32-bit words. * The Flash of the AT91SAM7SE32 is organized in 256 pages of 128 bytes (single plane). It reads as 32,768 32-bit words. * The Flash of the AT91SAM7SE512/256 contains a 256-byte write buffer, accessible through a 32-bit interface. * The Flash of the AT91SAM7SE32 contains a 128-byte write buffer, accessible through a 32bit interface. 26 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 8.1.4 SAM-BATM Boot The SAM-BA Boot is a default Boot Program which provides an easy way to program in-situ the on-chip Flash memory. The SAM-BA Boot Assistant supports serial communication via the DBGU or the USB Device Port. * Communication via the DBGU supports a wide range of crystals from 3 to 20 MHz via software auto-detection. * Communication via the USB Device Port is limited to an 18.432 MHz crystal. The SAM-BA Boot provides an interface with SAM-BA Graphic User Interface (GUI). The SAM-BA Boot is in ROM and is mapped in Flash at address 0x0 when GPNVM bit 2 is set to 0. 8.2 External Memories The external memories are accessed through the External Bus Interface. Refer to the memory map in Figure 8-1 on page 22. 27 6222AS-ATARM-21-Aug-06 9. System Controller The System Controller manages all vital blocks of the microcontroller: interrupts, clocks, power, time, debug and reset. The System Controller peripherals are all mapped to the highest 4 Kbytes of address space, between addresses 0xFFFF F000 and 0xFFFF FFFF. Figure 9-1 on page 29 shows the System Controller Block Diagram. Figure 8-1 on page 22 shows the mapping of the User Interface of the System Controller peripherals. Note that the Memory Controller configuration user interface is also mapped within this address space. 28 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] Figure 9-1. System Controller Block Diagram System Controller jtag_nreset Boundary Scan TAP Controller irq0-irq1 fiq periph_irq[2..18] nirq Advanced Interrupt Controller int nfiq proc_nreset PCK debug ARM7TDMI pit_irq rtt_irq wdt_irq dbgu_irq pmc_irq rstc_irq power_on_reset force_ntrst MCK periph_nreset dbgu_rxd MCK debug periph_nreset SLCK periph_nreset SLCK debug idle proc_nreset cal gpnvm[0] en gpnvm[1] flash_wrdis power_on_reset jtag_nreset Debug Unit dbgu_irq force_ntrst dbgu_txd security_bit Periodic Interval Timer Real-Time Timer Watchdog Timer wdt_fault WDRPROC bod_rst_en pit_irq flash_poe rtt_irq flash_wrdis cal wdt_irq gpnvm[0..2] Embedded Flash MCK proc_nreset BOD Memory Controller POR flash_poe Reset Controller periph_nreset proc_nreset NRST SLCK rstc_irq Voltage Regulator Mode Controller standby Voltage Regulator cal RCOSC XIN SLCK periph_clk[2..18] pck[0-3] UDPCK periph_clk[11] periph_nreset periph_irq[11] usb_suspend OSC XOUT MAINCK Power Management Controller PCK UDPCK MCK USB Device Port PLLRC PLL PLLCK pmc_irq int idle periph_clk[4..18] periph_nreset periph_nreset usb_suspend periph_nreset periph_clk[2-3] dbgu_rxd periph_irq{2-3] irq0-irq1 Embedded Peripherals PIO Controller fiq dbgu_txd periph_irq[4..18] in PA0-PA31 PB0-PB31 PC0-PC29 out enable 29 6222AS-ATARM-21-Aug-06 9.1 Reset Controller * Based on one power-on reset cell and a double brownout detector * Status of the last reset, either Power-up Reset, Software Reset, User Reset, Watchdog Reset, Brownout Reset * Controls the internal resets and the NRST pin output * Allows to shape a signal on the NRST line, guaranteeing that the length of the pulse meets any requirement. 9.1.1 Brownout Detector and Power On Reset The AT91SAM7SE512/256/32 embeds one brownout detection circuit and a power-on reset cell. The power-on reset is supplied with and monitors VDDCORE. Both signals are provided to the Flash to prevent any code corruption during power-up or powerdown sequences or if brownouts occur on the VDDCORE power supply. The power-on reset cell has a limited-accuracy threshold at around 1.5V. Its output remains low during power-up until VDDCORE goes over this voltage level. This signal goes to the reset controller and allows a full re-initialization of the device. The brownout detector monitors the VDDCORE and VDDFLASH levels during operation by comparing it to a fixed trigger level. It secures system operations in the most difficult environments and prevents code corruption in case of brownout on the VDDCORE or VDDFLASH. When the brownout detector is enabled and VDDCORE decreases to a value below the trigger level (Vbot18-, defined as Vbot18 - hyst/2), the brownout output is immediately activated. When VDDCORE increases above the trigger level (Vbot18+, defined as Vbot18 + hyst/2), the reset is released. The brownout detector only detects a drop if the voltage on VDDCORE stays below the threshold voltage for longer than about 1s. The VDDCORE threshold voltage has a hysteresis of about 50 mV, to ensure spike free brownout detection. The typical value of the brownout detector threshold is 1.68V with an accuracy of 2% and is factory calibrated. When the brownout detector is enabled and VDDFLASH decreases to a value below the trigger level (Vbot33-, defined as Vbot33 - hyst/2), the brownout output is immediately activated. When VDDFLASH increases above the trigger level (Vbot33+, defined as Vbot33 + hyst/2), the reset is released. The brownout detector only detects a drop if the voltage on VDDCORE stays below the threshold voltage for longer than about 1s. The VDDFLASH threshold voltage has a hysteresis of about 50 mV, to ensure spike free brownout detection. The typical value of the brownout detector threshold is 2.80V with an accuracy of 3.5% and is factory calibrated. The brownout detector is low-power, as it consumes less than 20 A static current. However, it can be deactivated to save its static current. In this case, it consumes less than 1A. The deactivation is configured through the GPNVM bit 0 of the Flash. 9.2 Clock Generator The Clock Generator embeds one low-power RC Oscillator, one Main Oscillator and one PLL with the following characteristics: * RC Oscillator ranges between 22 KHz and 42 KHz 30 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] * Main Oscillator frequency ranges between 3 and 20 MHz * Main Oscillator can be bypassed * PLL output ranges between 80 and 220 MHz It provides SLCK, MAINCK and PLLCK. Figure 9-2. Clock Generator Block Diagram Clock Generator Embedded RC Oscillator Slow Clock SLCK XIN XOUT Main Oscillator Main Clock MAINCK PLLRC PLL and Divider PLL Clock PLLCK Status Control Power Management Controller 9.3 Power Management Controller The Power Management Controller uses the Clock Generator outputs to provide: * the Processor Clock PCK * the Master Clock MCK * the USB Clock UDPCK * all the peripheral clocks, independently controllable * three programmable clock outputs The Master Clock (MCK) is programmable from a few hundred Hz to the maximum operating frequency of the device. The Processor Clock (PCK) switches off when entering processor idle mode, thus allowing reduced power consumption while waiting for an interrupt. 31 6222AS-ATARM-21-Aug-06 Figure 9-3. Power Management Controller Block Diagram Processor Clock Controller Master Clock Controller SLCK MAINCK PLLCK Prescaler /1,/2,/4,...,/64 Peripherals Clock Controller ON/OFF Idle Mode MCK PCK int periph_clk[2..14] Programmable Clock Controller SLCK MAINCK PLLCK Prescaler /1,/2,/4,...,/64 pck[0..2] USB Clock Controller ON/OFF PLLCK Divider /1,/2,/4 usb_suspend UDPCK 9.4 Advanced Interrupt Controller * Controls the interrupt lines (nIRQ and nFIQ) of an ARM Processor * Individually maskable and vectored interrupt sources - Source 0 is reserved for the Fast Interrupt Input (FIQ) - Source 1 is reserved for system peripherals (RTT, PIT, EFC, PMC, DBGU, etc.) - Other sources control the peripheral interrupts or external interrupts - Programmable edge-triggered or level-sensitive internal sources - Programmable positive/negative edge-triggered or high/low level-sensitive external sources * 8-level Priority Controller - Drives the normal interrupt nIRQ of the processor - Handles priority of the interrupt sources - Higher priority interrupts can be served during service of lower priority interrupt * Vectoring - Optimizes interrupt service routine branch and execution - One 32-bit vector register per interrupt source - Interrupt vector register reads the corresponding current interrupt vector * Protect Mode - Easy debugging by preventing automatic operations * Fast Forcing - Permits redirecting any interrupt source on the fast interrupt * General Interrupt Mask - Provides processor synchronization on events without triggering an interrupt 32 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 9.5 Debug Unit * Comprises: - One two-pin UART - One Interface for the Debug Communication Channel (DCC) support - One set of Chip ID Registers - One Interface providing ICE Access Prevention * Two-pin UART - USART-compatible User Interface - Programmable Baud Rate Generator - Parity, Framing and Overrun Error - Automatic Echo, Local Loopback and Remote Loopback Channel Modes * Debug Communication Channel Support - Offers visibility of COMMRX and COMMTX signals from the ARM Processor * Chip ID Registers - Identification of the device revision, sizes of the embedded memories, set of peripherals - Chip ID is 0x272A 0A40 (VERSION 0) for AT91SAM7SE512 - Chip ID is 0x272A 0940 (VERSION 0) for AT91SAM7SE256 - Chip ID is 0x2728 0340 (VERSION 0) for AT91SAM7SE32 9.6 Periodic Interval Timer * 20-bit programmable counter plus 12-bit interval counter 9.7 Watchdog Timer * 12-bit key-protected Programmable Counter running on prescaled SLCK * Provides reset or interrupt signals to the system * Counter may be stopped while the processor is in debug state or in idle mode 9.8 Real-time Timer * 32-bit free-running counter with alarm running on prescaled SLCK * Programmable 16-bit prescaler for SLCK accuracy compensation 9.9 PIO Controllers * Three PIO Controllers. PIO A and B each control 32 I/O lines and PIO C controls 24 I/O lines. * Fully programmable through set/clear registers * Multiplexing of two peripheral functions per I/O line * For each I/O line (whether assigned to a peripheral or used as general-purpose I/O) - Input change interrupt - Half a clock period glitch filter - Multi-drive option enables driving in open drain - Programmable pull-up on each I/O line - Pin data status register, supplies visibility of the level on the pin at any time 33 6222AS-ATARM-21-Aug-06 * Synchronous output, provides Set and Clear of several I/O lines in a single write 9.10 Voltage Regulator Controller The purpose of this controller is to select the Power Mode of the Voltage Regulator between Normal Mode (bit 0 is cleared) or Standby Mode (bit 0 is set). 34 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 10. Peripherals 10.1 User Interface The User Peripherals are mapped in the 256 MBytes of the address space between 0xF000 0000 and 0xFFFF EFFF. Each peripheral is allocated 16 Kbytes of address space. A complete memory map is presented in Figure 8-1 on page 22. 10.2 Peripheral Identifiers The AT91SAM7SE512/256/32 embeds a wide range of peripherals. Table 10-1 defines the Peripheral Identifiers of the AT91SAM7SE512/256/32. Unique peripheral identifiers are defined for both the Advanced Interrupt Controller and the Power Management Controller. Table 10-1. Peripheral ID 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16-28 29 30 Peripheral Identifiers Peripheral Mnemonic AIC SYSIRQ PIOA PIOB PIOC SPI US0 US1 SSC TWI PWMC UDP TC0 TC1 TC2 ADC (1) (1) Peripheral Name Advanced Interrupt Controller External Interrupt FIQ Parallel I/O Controller A Parallel I/O Controller B Parallel I/O Controller C Serial Peripheral Interface 0 USART 0 USART 1 Synchronous Serial Controller Two-wire Interface PWM Controller USB Device Port Timer/Counter 0 Timer/Counter 1 Timer/Counter 2 Analog-to Digital Converter reserved AIC AIC Advanced Interrupt Controller Advanced Interrupt Controller IRQ0 IRQ1 Note: 1. Setting SYSIRQ and ADC bits in the clock set/clear registers of the PMC has no effect. The System Controller and ADC are continuously clocked. The ADC clock is automatically started for the first conversion. In Sleep Mode the ADC clock is automatically stopped after each conversion. 35 6222AS-ATARM-21-Aug-06 10.3 Peripheral Multiplexing on PIO Lines The AT91SAM7SE512/256/32 features three PIO controllers, PIOA, PIOB and PIOC, that multiplex the I/O lines of the peripheral set. PIO Controller A and B control 32 lines; PIO Controller C controls 24 lines. Each line can be assigned to one of two peripheral functions, A or B. Some of them can also be multiplexed with the analog inputs of the ADC Controller. Table 10-2 on page 37 defines how the I/O lines of the peripherals A and B or the analog inputs are multiplexed on the PIO Controller A, B and C. The two columns "Function" and "Comments" have been inserted for the user's own comments; they may be used to track how pins are defined in an application. Note that some peripheral functions that are output only may be duplicated in the table. At reset, all I/O lines are automatically configured as input with the programmable pull-up enabled, so that the device is maintained in a static state as soon as a reset is detected. 36 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 10.4 PIO Controller A Multiplexing Table 10-2. Multiplexing on PIO Controller A PIO Controller A Application Usage Comments High-Drive High-Drive High-Drive High-Drive Function Comments I/O Line PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PA8 PA9 PA10 PA11 PA12 PA13 PA14 PA15 PA16 PA17 PA18 PA19 PA20 PA21 PA22 PA23 PA24 PA25 PA26 PA27 PA28 PA29 PA30 PA31 Peripheral A PWM0 PWM1 PWM2 TWD TWCK RXD0 TXD0 RTS0 CTS0 DRXD DTXD NPCS0 MISO MOSI SPCK TF TK TD RD RK RF RXD1 TXD1 SCK1 RTS1 CTS1 DCD1 DTR1 DSR1 RI1 IRQ1 NPCS1 Peripheral B A0/NBS0 A1/NBS2 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16/BA0 A17/BA1 NBS3/CFIOW NCS4/CFCS0 NCS2/CFCS1 NCS6/CFCE2 NCS5/CFCE1 NWR1/NBS1/CFIOR SDA10 SDCKE NCS1/SDCS SDWE CAS RAS D30 D31 AD0 AD1 AD2 AD3 37 6222AS-ATARM-21-Aug-06 10.5 PIO Controller B Multiplexing Table 10-3. Multiplexing on PIO Controller B PIO Controller B Application Usage Comments Function Comments I/O Line PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 PB8 PB9 PB10 PB11 PB12 PB13 PB14 PB15 PB16 PB17 PB18 PB19 PB20 PB21 PB22 PB23 PB24 PB25 PB26 PB27 PB28 PB29 PB30 PB31 Peripheral A TIOA0 TIOB0 SCK0 NPCS3 TCLK0 NPCS3 PCK0 PWM3 ADTRG NPCS1 NPCS2 PWM0 PWM1 PWM2 PWM3 TIOA1 TIOB1 PCK1 PCK2 FIQ IRQ0 PCK1 NPCS3 PWM0 PWM1 PWM2 TIOA2 TIOB2 TCLK1 TCLK2 NPCS2 PCK2 Peripheral B A0/NBS0 A1/NBS2 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16/BA0 A17/BA1 D16 D17 D18 D19 D20 D21 D22 D23 D24 D25 D26 D27 D28 D29 38 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 10.6 PIO Controller C Multiplexing Multiplexing on PIO Controller C PIO Controller C I/O Line PC0 PC1 PC2 PC3 PC4 PC5 PC6 PC7 PC8 PC9 PC10 PC11 PC12 PC13 PC14 PC15 PC16 PC17 PC18 PC19 PC20 PC21 PC22 PC23 CFRNW Peripheral A D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 A18 A19 A20 A21/NANDALE A22/REG/NANDCLE NCS7 NWR0/NWE/CFWE NRD/CFOE NCS0 NPCS1 NCS3/NANDCS NWAIT NANDOE NANDWE RTS1 DTR1 PCK0 PCK1 PCK2 Peripheral B Comments Application Usage Function Comments 10.7 Serial Peripheral Interface * Supports communication with external serial devices - Four chip selects with external decoder allow communication with up to 15 peripherals - Serial memories, such as DataFlash(R) and 3-wire EEPROMs - Serial peripherals, such as ADCs, DACs, LCD Controllers, CAN Controllers and Sensors - External co-processors * Master or slave serial peripheral bus interface 39 6222AS-ATARM-21-Aug-06 - 8- to 16-bit programmable data length per chip select - Programmable phase and polarity per chip select - Programmable transfer delays per chip select, between consecutive transfers and between clock and data - Programmable delay between consecutive transfers - Selectable mode fault detection - Maximum frequency at up to Master Clock 10.8 Two Wire Interface * Master, Multi-Master and Slave Mode Operation * Compatibility with standard two-wire serial memories * One, two or three bytes for slave address * Sequential read/write operations * Bit Rate: Up to 400 Kbit/s * General Call Supported in Slave Mode 10.9 USART * Programmable Baud Rate Generator * 5- to 9-bit full-duplex synchronous or asynchronous serial communications - 1, 1.5 or 2 stop bits in Asynchronous Mode - 1 or 2 stop bits in Synchronous Mode - Parity generation and error detection - Framing error detection, overrun error detection - MSB or LSB first - Optional break generation and detection - By 8 or by 16 over-sampling receiver frequency - Hardware handshaking RTS - CTS - Modem Signals Management DTR-DSR-DCD-RI on USART1 - Receiver time-out and transmitter timeguard - Multi-drop Mode with address generation and detection * RS485 with driver control signal * ISO7816, T = 0 or T = 1 Protocols for interfacing with smart cards - NACK handling, error counter with repetition and iteration limit * IrDA(R) modulation and demodulation - Communication at up to 115.2 Kbps * Test Modes - Remote Loopback, Local Loopback, Automatic Echo 10.10 Serial Synchronous Controller * Provides serial synchronous communication links used in audio and telecom applications * Contains an independent receiver and transmitter and a common clock divider 40 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] * Offers a configurable frame sync and data length * Receiver and transmitter can be programmed to start automatically or on detection of different event on the frame sync signal * Receiver and transmitter include a data signal, a clock signal and a frame synchronization signal 10.11 Timer Counter * Three 16-bit Timer Counter Channels - Three output compare or two input capture * Wide range of functions including: - Frequency measurement - Event counting - Interval measurement - Pulse generation - Delay timing - Pulse Width Modulation - Up/down capabilities * Each channel is user-configurable and contains: - Three external clock inputs - Five internal clock inputs, as defined in Table 10-4 Table 10-4. Timer Counter Clocks Assignment TC Clock input TIMER_CLOCK1 TIMER_CLOCK2 TIMER_CLOCK3 TIMER_CLOCK4 TIMER_CLOCK5 Clock MCK/2 MCK/8 MCK/32 MCK/128 MCK/1024 - Two multi-purpose input/output signals - Two global registers that act on all three TC channels 10.12 PWM Controller * Four channels, one 16-bit counter per channel * Common clock generator, providing thirteen different clocks - One Modulo n counter providing eleven clocks - Two independent linear dividers working on modulo n counter outputs * Independent channel programming - Independent enable/disable commands - Independent clock selection - Independent period and duty cycle, with double buffering - Programmable selection of the output waveform polarity - Programmable center or left aligned output waveform 41 6222AS-ATARM-21-Aug-06 10.13 USB Device Port * USB V2.0 full-speed compliant,12 Mbits per second. * Embedded USB V2.0 full-speed transceiver * Embedded 2688-byte dual-port RAM for endpoints * Eight endpoints - Endpoint 0: 64bytes - Endpoint 1 and 2: 64 bytes ping-pong - Endpoint 3: 64 bytes - Endpoint 4 and 5: 512 bytes ping-pong - Endpoint 6 and 7: 64 bytes ping-pong - Ping-pong Mode (two memory banks) for Isochronous and bulk endpoints * Suspend/resume logic * Integrated Pull-up on DDP 10.14 Analog-to-Digital Converter * 8-channel ADC * 10-bit 384 Ksamples/sec. or 8-bit 583 Ksamples/sec. Successive Approximation Register ADC * -3/+3 LSB Integral Non Linearity, -2/+2 LSB Differential Non Linearity * Integrated 8-to-1 multiplexer, offering eight independent 3.3V analog inputs * External voltage reference for better accuracy on low voltage inputs * Individual enable and disable of each channel * Multiple trigger sources - Hardware or software trigger - External trigger pin - Timer Counter 0 to 2 outputs TIOA0 to TIOA2 trigger * Sleep Mode and conversion sequencer - Automatic wakeup on trigger and back to sleep mode after conversions of all enabled channels * Each analog input shared with digital signals 42 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 11. Package Drawings Figure 11-1. 128-lead LQFP Package Drawing Table 11-1. Device and LQFP Package Maximum Weight 800 mg AT91SAM7SE512/256/32 Table 11-2. Package Reference MS-026 e2 JEDEC Drawing Reference JESD97 Classification Table 11-3. LQFP Package Characteristics 3 Moisture Sensitivity Level This package respects the recommendations of the NEMI User Group. 43 6222AS-ATARM-21-Aug-06 Figure 11-2. 144-ball LFBGA Package Drawing All dimensions are in mm Table 11-4. Device and LFBA Package Maximum Weight mg AT91SAM7SE512/256/32 Table 11-5. Package Reference MS-026 e1 JEDEC Drawing Reference JESD97 Classification Table 11-6. LFBGA Package Characteristics 3 Moisture Sensitivity Level This package respects the recommendations of the NEMI User Group. 44 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 AT91SAM7SE512/256/32 [Advance Information Summary] 12. Ordering Information Table 12-1. Ordering Information Package LQFP128 LQFP128 LQFP128 LFBGA144 LFBGA144 LFBGA144 Package Type Green Green Green Green Green Green Temperature Operating Range Industrial (-40 C to 85 C) Industrial (-40 C to 85 C) Industrial (-40 C to 85 C) Industrial (-40 C to 85 C) Industrial (-40 C to 85 C) Industrial (-40 C to 85 C) Ordering Code AT91SAM7SE512-AU AT91SAM7SE256-AU AT91SAM7SE32-AU AT91SAM7SE512-CJ AT91SAM7SE256-CJ AT91SAM7SE32-CJ 45 6222AS-ATARM-21-Aug-06 Revision History Doc. Rev Comments First issue Change Request Ref. 622AS Revised Memories with condensed mapping. Added Package Outlines and 144-ball LFBGA pin and ordering information. #2709 46 AT91SAM7SE512/256/32 [Advance Information Summary] 6222AS-ATARM-21-Aug-06 Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600 Atmel Operations Memory 2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 RF/Automotive Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Regional Headquarters Europe Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500 Microcontrollers 2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60 Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80 Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 ASIC/ASSP/Smart Cards Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743 Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581 Literature Requests www.atmel.com/literature Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life. (c) Atmel Corporation 2006. All rights reserved. Atmel(R), logo and combinations thereof, Everywhere You Are(R), DataFlash(R) and others, are registered trademarks, SAM-BA TM and others are trademarks of Atmel Corporation or its subsidiaries. ARM(R), the ARM Powered(R) logo and others, are registered trademarks, ARM7TM and EmbeddedICETM and others are trademarks of ARM Limited. Other terms and product names may be trademarks of others. 6222AS-ATARM-21-Aug-06 |
Price & Availability of AT91SAM7SE256-AU |