Part Number Hot Search : 
C281KGKT 003930 29040 168L501 EL6201 MUR820 55932 2SJ340
Product Description
Full Text Search
 

To Download APTGT200DU120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT200DU120
Dual common source Fast Trench + Field Stop IGBT(R) Power Module VCES = 1200V IC = 200A @ Tc = 80C
Application * AC Switches * Switched Mode Power Supplies * Uninterruptible Power Supplies
G2
C1 Q1 G1
C2 Q2
E1
E2
E
Features * Fast Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - M5 power connectors * High level of integration Benefits * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile
G1 E1
C1
E
C2
E2 G2
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
Reverse Bias Safe Operating Area
400A @ 1100V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-5
APTGT200DU120 - Rev 0
May, 2005
Max ratings 1200 280 200 400 20 890
Unit V A V W
APTGT200DU120
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 1200V Tj = 25C VGE =15V IC = 200A Tj = 125C VGE = VCE , IC = 3 mA VGE = 20V, VCE = 0V Min 1.4 5.0 Typ 1.7 2.0 5.8 Max 350 2.1 6.5 500 Unit A V V nA
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 600V IC = 200A R G = 2.7 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 200A R G = 2.7
Min
Typ 14 0.8 0.6 260 30 420 70 290 50 520 90 20 20
Max
Unit nF
ns
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF(A V) VF trr Qrr Maximum Reverse Leakage Current Maximum Average Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Test Conditions VR=1200V
50% duty cycle
Min 1200 Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Typ
Max 350 600
Unit V A A
IF = 200A VGE = 0V IF = 200A VR = 600V
di/dt =2500A/s
200 1.6 1.6 170 280 18 36
2.1
V ns C
May, 2005
APT website - http://www.advancedpower.com
2-5
APTGT200DU120 - Rev 0
APTGT200DU120
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5 IGBT Diode 2500 -40 -40 -40 3 2 Min Typ Max 0.14 0.25 150 125 100 5 3.5 280 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Package outline (dimensions in mm)
APT website - http://www.advancedpower.com
3-5
APTGT200DU120 - Rev 0
May, 2005
APTGT200DU120
Typical Performance Curve
400 Output Characteristics (VGE =15V) Output Characteristics 400 TJ = 125C
TJ=125C
300 IC (A)
TJ=25C
300 IC (A)
VGE =17V
V GE=13V VGE =15V
200
200
VGE =9V
100
100
0 0 1 2 V CE (V) 3 4
0 0 1 2 V CE (V) 3 4
Transfert Characteristics 400 350 300 E (mJ) 250 IC (A) 200 150 100 50 0 5 6 7 8 9 10 11 12 VGE (V) Switching Energy Losses vs Gate Resistance 50 40 E (mJ) 30 20 10 0 0 4 8 12 16 Gate Resistance (ohms) 20
VCE = 600V V GE =15V IC = 200A T J = 125C
Eon
50 40
Energy losses vs Collector Current
VCE = 600V VGE = 15V RG = 2.7 T J = 125C Eon Eoff Er Eon
T J=25C TJ=125C
30 20 10 0 0
T J=125C
50
100 150 200 250 300 350 400 IC (A)
Reverse Bias Safe Operating Area 450 400 350 300 IC (A)
Eoff Er
250 200 150 100 50 0 0 300 600 900 VCE (V) 1200 1500
VGE=15V T J=125C RG=2.7
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 0.16 Thermal Impedance (C/W) 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 rectangular Pulse Duration (Seconds) 1 10
IGBT
0 0.00001
APT website - http://www.advancedpower.com
4-5
APTGT200DU120 - Rev 0
May, 2005
APTGT200DU120
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 60 50 40 30 20 10 0 0 40 80 120 160 200 240 280 IC (A)
Hard switching ZCS ZVS V CE=600V D=50% RG=2.7 TJ=125C Tc=75C
Forward Characteristic of diode 400 350 300 250 IC (A) 200 150 100 50 0 0 0.4 0.8 1.2 1.6 VF (V) 2 2.4
TJ=125C TJ=25C TJ=125C TJ =25C
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration 0.3 Thermal Impedance (C/W) 0.25 0.2 0.15 0.1 0.05 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10
Diode
0 0.00001
rectangular Pulse Duration (Seconds)
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
5-5
APTGT200DU120 - Rev 0
May, 2005


▲Up To Search▲   

 
Price & Availability of APTGT200DU120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X