Part Number Hot Search : 
ICM72 74FCT138 RS232 Q6700 MJD29 RN131007 M52307 KP3000A
Product Description
Full Text Search
 

To Download APTGF75SK60D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGF75SK60D1
Buck Chopper NPT IGBT Power Module
Application * * AC and DC motor control Switched Mode Power Supplies
VCES = 600V IC = 75A @ Tc = 80C
Features * Non Punch Through (NPT) fast IGBT - Low voltage drop - Low tail current - Switching frequency up to 50 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated Kelvin emitter for easy drive Low stray inductance - M5 power connectors High level of integration
* * *
3 4 5 7 6 2
1
Benefits * Outstanding performance at high frequency operation * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage
Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operation Area
TC = 25C Tj = 125C
150A@520V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-3
APTGF75SK60D1 - Rev 0
July, 2003
TC = 25C TC = 80C TC = 25C
Max ratings 600 100 75 187 20 355
Unit V A V W
APTGF75SK60D1
Electrical Characteristics
Symbol Characteristic BVCES Collector - Emitter Breakdown Voltage ICES VCE(on) VGE(th) IGES Symbol Cies Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eoff Zero Gate Voltage Collector Current Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current
All ratings @ Tj = 25C unless otherwise specified
Test Conditions VGE = 0V, IC = 500A Tj = 25C VGE = 0V VCE = 600V Tj = 125C VGE = 15V Tj = 25C IC = 75A Tj = 125C VGE = VCE , IC = 1.5 mA VGE = 20V, VCE = 0V Test Conditions VGE = 0V, VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 75A RG = 3 Inductive Switching (125C) VGE = 15V VBus = 300V IC = 75A RG = 3 Min
600
Typ
Max 500 2.45 6.5 400
4.5
1 1 1.95 2.2 5.5
Unit V A mA V V nA
Dynamic Characteristics
Characteristic Input Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn off Energy
Min
Typ 3300 300 65 20 155 20 65 25 170 35 2.4
Max
Unit pF
ns
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VF ER Qrr Diode Forward Voltage Reverse Recovery Energy Reverse Recovery Charge
Test Conditions IF = 75A VGE = 0V IF = 75A VR = 300V di/dt =800A/s IF = 75A VR = 300V di/dt =800A/s
Min Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C
Typ 1.25 1.2 2.3 5 8
Max 1.6
Unit V mJ C
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz Operating junction temperature range Storage Temperature Range Operating Case Temperature For terminals Mounting torque To Heatsink Package Weight IGBT Diode
Min
Typ
Max 0.35 0.66 150 125 125 3.5 5 180
Unit
C/W
2500 -40 -40 -40 2 3
V C N.m N.m g
July, 2003 2-3 APTGF75SK60D1 - Rev 0
M5 M6
APT website - http://www.advancedpower.com
APTGF75SK60D1
Package outline
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
3-3
APTGF75SK60D1 - Rev 0
APT reserves the right to change, without notice, the specifications and information contained herein
July, 2003


▲Up To Search▲   

 
Price & Availability of APTGF75SK60D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X