Part Number Hot Search : 
LS424 ISL88011 C8105 CM2038A D8041AHC 3312A 00FE2 SP8605A
Product Description
Full Text Search
 

To Download AP80N30W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP80N30W
RoHS-compliant Product
Advanced Power Electronics Corp.
Simple Drive Requirement Lower On-resistance High Speed Switching G S D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
300V 66m 88A
Description
AP80N30 from APEC provide the designer with the best combination of fast switching , low on-resistance and cost-effectiveness . The TO-3P package is preferred for commercial & industrial applications with higher power level preclusion than TO-220 device. G D
S
TO-3P
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 IDM IDR IDR(PULSE) PD@TC=25 IAR EAR TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Drain Current, VGS @ 10V Pulsed Drain Current
1
Rating 300 30 88 270 88
1
Units V V A A A A W A mJ
Body-Drain Diode Reverse Drain Current Body-Drain Diode Reverse Drain Peak Current Total Power Dissipation Avalanche Current
3 3
270 150 30 45 -55 to 150 150
Single Pulse Avalanche Energy Storage Temperature Range
Operating Junction Temperature
Thermal Data
Symbol Rthj-c Rthj-a Parameter Maximum Thermal Resistance, Junction-case Maximum Thermal Resistance, Junction-ambient Value 0.833 40 Units /W /W
Data and specifications subject to change without notice
1 200805132
AP80N30W
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Symbol VSD trr Qrr Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current Drain-Source Leakage Current (T j=125 C)
o
Test Conditions VGS=0V, ID=10mA
2
Min. 300 3 Min. -
Typ. 38 113 31 44 40 130 150 115 525 10 Typ. 310 3.5
Max. Units 66 4.5 10 200 0.1 180 V m V S uA uA uA nC nC nC ns ns ns ns pF pF pF
VGS=10V, ID=40A VDS=VGS, ID=250uA VDS=10V, ID=40A VDS=300V, VGS=0V VDS=300V, VGS=0V VGS= 30V, VDS=0V ID=80A VDS=240V VGS=10V VDS=150V ID=40A RG=10,VGS=10V RD=3.75 VGS=0V VDS=30V f=1.0MHz Test Conditions IS=80A, VGS=0V IS=12A, VGS=0V dI/dt=100A/s
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Parameter Forward On Voltage
2 2 2
5700 9120
Source-Drain Diode
Max. Units 1.5 V ns C
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.PW 10 s, duty cycle 1%. 2.Pulse test 3.STch = 25Tch 150
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION. USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED. APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN.
2
AP80N30W
120 60
T C =25 C
100
o
ID , Drain Current (A)
ID , Drain Current (A)
10V 9.0V 8.0V 7.0V
T C =150 C
50
o
10V 9.0V 8.0V 7.0V V G =5.0V
80
40
60
30
40
20
V G =5.0V
20 10
0 0.0 4.0 8.0 12.0 16.0
0 0.0 4.0 8.0 12.0 16.0
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
70
2.8
T C =25 o C I D =40A
2.3 65
I D =40A V G =10V
RDS(ON) (m)
Normalized RDS(ON)
4 5 6 7 8 9 10
1.8
60
1.3
55 0.8
50
0.3 -50 0 50 100 150
V GS Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.4
40
1.2 30
Normalized VGS(th)(V)
1.4
IS(A)
1
T j =150 o C
20
T j =25 o C
0.8
10 0.6
0
0.4
0
0.2
0.4
0.6
0.8
1
1.2
-50
0
50
100
150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C )
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3
AP80N30W
f=1.0MHz
12 8000
I D =80A
10
VGS , Gate to Source Voltage (V)
6000 8
C iss C (pF)
V DS = 240 V
6
4000
4 2000 2
0 0 40 80 120 160
0 1 6 11 16 21 26 31
C oss C rss
36
Q G , Total Gate Charge (nC)
V DS ,Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
1000
1
Normalized Thermal Response (Rthjc)
Duty factor=0.5
100
0.2
100us ID (A)
0.1
0.1
0.05
10
1ms 10ms
0.02
0.01
PDM
0.01
t T
Single Pulse
1
T c =25 o C Single Pulse
0.1
100ms DC
Duty factor = t/T Peak Tj = PDM x Rthjc + T C
0.001
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 10V QGS QGD
10% VGS td(on) tr td(off) tf
Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
ADVANCED POWER ELECTRONICS CORP. Package Outline : TO-3P
E
A
SYMBOLS
Millimeters
MIN NOM MAX
A
4.50 0.90 1.80 1.30 0.40 1.40 19.70 14.70 15.30 4.45 17.50 3.00
4.80 1.00 2.50 -0.60 -20.00 15.00 -5.45 -3.20
5.10 1.30 3.20 2.30 0.90 2.20 20.30 15.30 16.10 6.45 20.50 3.40
c1
D D1
b b1 b2 c c1
D D1 E
b1
b2
e
L
L c
b
1.All Dimensions Are in Millimeters. 2.Dimension Does Not Include Mold Protrusions.
e
Part Marking Information & Packing : TO-3P
Part Number Package
80N30W
LOGO
YWWSSS
Date Code (YWWSSS) Y Last Digit Of The Year WWWeek SSS Sequence
5


▲Up To Search▲   

 
Price & Availability of AP80N30W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X