Part Number Hot Search : 
RB201 NTE1527 TGS2611 101GAA 2SK142 MBT22 S2186 Q800300
Product Description
Full Text Search
 

To Download AEP1000-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADSL Transformers for Centillium Chipsets
Features * complies with ANSI and ETSI requirements * matched to Centillium CT-L21SC08, CT-L41SC04, CT-L50SC04, CT-L50ST81 & CR-L10AT01-1T chipsets * very low THD * 1500V minimum isolation * all materials approved to UL-94V-0 * excellent quality at competitive price due to high volume production * manufactured in ISO-9001:2000, TS-16949:2002 and ISO-14001:2004 certified Talema facility * fully RoHS compliant and meets lead free reflow level J-STD-020C
Electrical Specifications @ 25C * Operating Temperature -40 to +85C
Part Number AEP1000-T AEP1000-S AEP1010-T AEP1010-S AEP1020-S P ackag e IC Driver Turns Ratio 2% Line : IC 1:1 LP (H) LL (H) Max 5 CWW (pF) Max 60 DCR (Ohms) Max Line / IC 1.30 / 1.30 TH D (Linearity) Typical -67dB 10kHz -67dB 10kHz -67dB 10kHz Longitudinal Balance Min -50dB 10kHz - 1.1MHz -50dB 10kHz - 1.1MHz -45dB 20kHz - 1.1MHz Insertion L o ss Max Freq. R esp o n se Max Isolation Voltage (Vrms) 1500
TH SMD TH SMD SMD
CT-L21SC08 CO CT-L41SC04 CO CT-L50SC04 CO/CPE CT-L50ST81 CO/CPE CT-L10AT01-1T
462 10% 462 10% 364 5%
1.0dB 0.5dB 100kHz 30kHz-1.1MHz 1.0dB 0.5dB 100kHz 30kHz-1.1MHz 1.5dB 50kHz 1.0dB 40kHz-1.1MHz
1.8 : 1 1 : 1.1
10 11
70 60
1.30 / 0.90 2.10 / 2.20
1500 1500
Package "S"
0.516 (13.11) max TALEMA IN AEP1000-S Date Code 0.028 (0.71) 0.709 (18.00) 0.100 (2.54) 0.394 (10.0)
Package "T"
Schematic
AEP1000-S & T AEP1010-S & T
Line IC 10 8 9 7
0.531 (13.50) max.
0.394 (10.0) 0.098(2.50)
TALEMA IN AEP1010-T Date Code
1 3 2 4
*
*
0.051 (1.30) 0.524 (13.30) max.
AEP-1020-S
Line 1 IC 10 8 9 4 7
Note: P/N AEP1020-S will be supplied without pin #3
0.492 (12.50) max.
0.675 (17.15) max.
0.173 (4.40) 0.394 (10.00) 0.535 (13.60)
O 0.024 (0.60) 0.098 (2.50) 0.394 (10.00) 0.547 (13.90)
Dimensions: Inches(Millimeters) Tolerance: 0.010 (0.25) Weight: 6.8 grams
Sales & Marketing, Design and Manufacturing Facilities
http://www.talema-nuvotem.com
Eastern Europe & Czech Republic
NT MAGNETICS s.r.o. Chebska 27 322 00 Plzen Tel: Int. + 420 37 - 744 9303 Fax: Int. + 420 37 - 744 3697 Email: talema@talema.cz
Germany
TALEMA ELEKTRONIK GMBH Sembdnerstr. 5, Postfach 2523 82110 Germering Tel: Int. + 49 89 - 841 00 - 0 Fax: Int. + 49 89 - 841 00 25 Email: info@talema.de
Ireland
NUVOTEM TEO. Crolly Co. Donegal Tel: Int. + 353 74 - 954 8666 Fax: Int. + 353 74 - 954 8139 Email: info@nuvotem.com
India
TALEMA ELECTRONIC PVT. LTD. Opposite the SIDCO Industrial Estate Gins Towers 4/5S.H/1, Omalur Main Road Salem - 636 004, Tamil Nadu Tel: Int. + 91 427 - 244 1325 Fax: Int. + 91 427 - 243 0034 E-mail: talema@talemaindia.com
THE TALEMA GROUP * Magnetic Components for ISDN / xDSL / LAN Data Communications
(05-06) Communications \ xDSL\ADSL Centillium


▲Up To Search▲   

 
Price & Availability of AEP1000-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X