Part Number Hot Search : 
TE1307 40000 00006 25C02 75B12 STR9015 PT12320 A2003
Product Description
Full Text Search
 

To Download AEP100-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADSL Transformers for Analog Devices Chipsets
Features * * * * * * * * complies with ANSI and ETSI requirements matched to Analog Devices AD20MSP910, AD20MSP918 and AD20MSP930 chipsets very low THD 1500V minimum isolation all materials approved to UL94V-0 excellent quality at competitive price due to high volume production manufactured in an ISO-9001:2000, TS-16949:2002 fully RoHS compliant and meets lead free reflow level J-STD-020C
Electrical Specifications @ 25C * Operating Temperature -40 to +85C
Part Number AEP100-T AEP100-S AEP110-T AEP110-S AEP120-T AEP120-S AEP130-T AEP130-S AEP140-T AEP140-S P ackag e IC Driver AD20MSP910 CO/CPE AD20MSP918 CO/CPE AD20MSP918 CO SMD TH AD20MSP930 CO SMD TH AD20MSP930 CPE SMD TH SMD AD20MSP910 CO/CPE AD20MSP918 CO/CPE 1:1 1.2 : 1 1.11 : 1 Turns LP Ratio 2% (mH) Line : IC 1:1 5.0 10% 3.22 10% 2.03 Min. 2.42 Min. 5.0 10% LL (H) Max 25 CWW (pF) Max 60 DCR (Ohms) Max Line / IC 3.00 / 3.00 Longitudinal Insertion TH D L o ss Balance (Linearity) Max Min Typical -80dB 30kHz -80dB 30kHz -80dB 30kHz -80dB 30kHz -80dB 30kHz Frequency R esp o n se Max Isolation Voltage (Vrms) 1500
TH SMD TH
-46dB 0.5dB 1.0dB 10kHz-1.1MHz 300kHz 30kHz -1.1MHz -50dB 0.5dB 1.0dB 30kHz-1.1MHz 100kHz 30kHz -1.1MHz -50dB 0.5dB 1.0dB 30kHz-1.1MHz 100kHz 30kHz -1.1MHz -50dB 0.5dB 1.0dB 30kHz-1.1MHz 100kHz 30kHz -1.1MHz -40dB 0.5dB 1.0dB 30kHz-1.1MHz 100kHz 30kHz -1.1MHz
1.27 : 1
7.5
50
2.45 / 2.00
1500
10
60
1.30 / 1.50
1500
10
50
1.30 / 1.50
1500
25
60
3.0 / 3.0
1500
Package "S"
Package "T"
Schematic
AEP100, AEP110 AEP120, AEP130
IC 1 Line 10 8 9 7
0.516 (13.11) max TALEMA IN AEP100-S Date Code
0.028 (0.71)
0.709 (18.00) 0.100 (2.54) 0.394 (10.0) TALEMA IN AEP110-T Date Code
3 2 4
0.531 (13.50) max.
0.394 (10.0) 0.098(2.50)
*
*
0.051 (1.30) 1 0.524 (13.30) max. 3 2 4 O 0.024 (0.60) 0.394 (10.00) 0.535 (13.60) 0.098 (2.50) 0.394 (10.00) 0.547 (13.90)
AEP140
Line IC 10 8 9 7
0.492 (12.50) max.
0.675 (17.15) max.
0.173 (4.40)
Dimensions: Inches(Millimeters) Tolerance: 0.010 (0.25) Weight: 6.8 grams
Germany: Int.+49 89 - 841 00-0 * Ireland: Int.+35 374 - 954 8666 * Czech Rep: Int.+420 37 - 744 9303 * India: Int.+91 427 - 2441325 http://www.talema-nuvotem.com
(05-06) Communications \ xDSL\Analog Devices


▲Up To Search▲   

 
Price & Availability of AEP100-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X