Part Number Hot Search : 
CLV0620A FN4098 LT319AH 100200 ENC911 170M3811 1SHA10TR PJSOT12
Product Description
Full Text Search
 

To Download ACT9200WC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : Fax : email :
+44 118 979 1238 +44 118 979 1283 info@actcrystals.com
ACT9200WC
The ACT9200 family is a miniature, low profile SMD package, with a ceramic base utilising a seam welded metal lid for high reliability and better long-term stability. The metal lid is grounded through the package to assist with EMI emission reductions. This 7x5mm device is available as the ACT9200 in both 3V3 and 5V0. 1V8 and 2V5 versions are available as ACT9200L (See ACT9200L data sheet). Taped and reeled packaging (1k reels) and loose quantities are available for purchase, to suit high and low volume production. ( The ACT9200WC is the 32.768kHz version of the ACT9200 family. )
SPECIFICATION Parameter
Supply Voltage Frequency Range Frequency Stability Temp Operating Range Temp Storage Range Supply Current (max) Duty Cycle Output Level `0' Output Level `1' Rise & Fall Time (max) Output Load Start-up Time Tri-state Input Voltage Reflow Aging
Period Jitter (absolute)
Symb.
VDD fo f/fo Topr Tstg Iop Tw/t VOL VOH TrTf N/CL Tosc
Specification
Condition
3.3VDC 10% 32.768kHz 100ppm -20 ~ +70C ( -40~85 C Custom Option ) -55 to +125C 2.0mA max 45/55% 0.4VDC max (TTL) 10% VDD max (HCMOS) 2.4VDC min (TTL) 90% VDD min (HCMOS) 100nS max 10TTL / 15pF 10mS max No Connection Enable output VIH : 90% of VDD Enable output VIL : 10% of VDD Disable output : High Impedance 240 Deg C for 10sec max 3ppm p / year @ 25 Deg C
3430pS max
Fa
Tj
@25Deg C
7.0 +0.2 -
Pin connections
#1 #2 #3 #4 NC or Tri-State Ground Output Vdd
Pad surface Material Au
Dimensions in mm
6.45 + 0.2 6.2 + 0.2 1.6 + 0.2 -
5.0 + 0.2 -
APPLICATIONS - Microprocessor clock - PDA / notebook - Wireless applications - Audio - Gigabit ethernet - Fibre channel - Instrumentation
1.70 max
#1
5.08
#2
5.08 2.0 2.6 4.2
1.2
NOTE1: To reduce HF power supply noise, an external bypass capacitor of 0.01F close to ground and Vdd is recommended.
#4
1.4
Suggested Footprint
1.8
Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency Stability, Operating Temperature Range, Output Type, Output enable, Voltage, Duty Cycle In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
ISO9001: 2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com
Issue : 4 SKr Date : 15/02/05
Tel : Fax : email :
+44 118 979 1238 +44 118 979 1283 info@actcrystals.com
ACT9200WC
CIRCUIT DRAWINGS / SOLDER CONDITIONS /WAVE FORM
260
In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK Issue:4 SKr http://www.actcrystals.com
Date:15/02/05
Tel : Fax : email :
+44 118 979 1238 +44 118 979 1283 info@actcrystals.com
ACT9200WC CIRCUIT DRAWINGS / SOLDER CONDITIONS /WAVE FORM (Reels of 1000pcs standard)
In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK http://www.actcrystals.com
Issue: 4 SKr Date:15/02/05


▲Up To Search▲   

 
Price & Availability of ACT9200WC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X