Part Number Hot Search : 
6DQ6B EL6293C 2SB1220G PST3823 AP1603 1KL3B ETC9320 I5216S
Product Description
Full Text Search
 

To Download 74AHC125BQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
Rev. 04 -- 11 January 2008 Product data sheet
1. General description
The 74AHC125; 74AHCT125 is a high-speed Si-gate CMOS device and is pin compatible with Low-power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard JESD7-A. The 74AHC125; 74AHCT125 provides four non-inverting buffer/line drivers with 3-state outputs. The 3-state outputs (nY) are controlled by the output enable input (nOE). A HIGH at nOE causes the outputs to assume a high-impedance OFF-state. The 74AHC125; 74AHCT125 is identical to the 74AHC126; 74AHCT126 but has active LOW enable inputs.
2. Features
s s s s s s Balanced propagation delays All inputs have a Schmitt-trigger action Inputs accepts voltages higher than VCC For 74AHC125 only: operates with CMOS input levels For 74AHCT125 only: operates with TTL input levels ESD protection: x HBM JESD22-A114E exceeds 2000 V x MM JESD22-A115-A exceeds 200 V x CDM JESD22-C101C exceeds 1000 V s Multiple package options s Specified from -40 C to +85 C and from -40 C to +125 C
3. Ordering information
Table 1. Ordering information Package Temperature range 74AHC125D 74AHCT125D 74AHC125PW 74AHCT125PW 74AHC125BQ 74AHCT125BQ -40 C to +125 C -40 C to +125 C TSSOP14 -40 C to +125 C Name SO14 Description plastic small outline package; 14 leads; body width 3.9 mm plastic thin shrink small outline package; 14 leads; body width 4.4 mm Version SOT108-1 SOT402-1 SOT762-1 Type number
DHVQFN14 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 x 3 x 0.85 mm
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
4. Functional diagram
2 1 5 4 9 10 12 13
1A 1OE 2A 2OE
1Y
3 2 1
3
2Y
6
1 5
EN1
6
4 3A 3OE 4A 4OE
mna228
3Y
8
9 8 10
4Y
11
12 11 13
nA
nY
nOE
mna229 mna227
Fig 1. Logic symbol
Fig 2. IEC logic symbol
Fig 3. Logic diagram (one buffer)
5. Pinning information
5.1 Pinning
74AHC125 74AHCT125
1OE 2 3 4 5 6 7 GND 3Y 8 GND(1) 1 terminal 1 index area 1A 14 VCC 13 4OE 12 4A 11 4Y 10 3OE 9 8
001aae755
74AHC125 74AHCT125
1OE 1A 1Y 2OE 2A 2Y GND 1 2 3 4 5 6 7
14 VCC 13 4OE 12 4A 11 4Y 10 3OE 9 3A
1Y 2OE 2A 2Y
3A 3Y
001aah082
Transparent top view
(1) The die substrate is attached to this pad using conductive die attach material. It can not be used as a supply pin or input.
Fig 4. Pin configuration SO14 and TSSOP14
Fig 5. Pin configuration DHVQFN14
74AHC_AHCT125_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
2 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
5.2 Pin description
Table 2. Symbol 1OE 1A 1Y 2OE 2A 2Y GND 3Y 3A 3OE 4Y 4A 4OE VCC Pin description Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Description output enable input (active LOW) data input data output output enable input (active LOW) data input data output ground (0 V) data output data input output enable input (active LOW) data output data input output enable input (active LOW) supply voltage
6. Functional description
Table 3. Control nOE L H
[1] H = HIGH voltage level; L = LOW voltage level; X = don't care; Z = high-impedance OFF-state.
Function table[1] Input nA L H X Output nY L H Z
7. Limiting values
Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC VI IIK IOK IO ICC IGND
74AHC_AHCT125_4
Parameter supply voltage input voltage input clamping current output clamping current output current supply current ground current
Conditions
Min -0.5 -0.5
Max +7.0 +7.0 20 25 75 -
Unit V V mA mA mA mA mA
VI < -0.5 V VO < -0.5 V or VO > VCC + 0.5 V VO = -0.5 V to (VCC + 0.5 V)
[1] [1]
-20 -75
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
3 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
Table 4. Limiting values ...continued In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Tstg Ptot Parameter storage temperature total power dissipation SO14 package TSSOP14 package DHVQFN14 package
[1] [2] [3] [4]
Conditions Tamb = -40 C to +125 C
[2] [3] [4]
Min -65 -
Max +150 500 500 500
Unit C mW mW mW
The input and output voltage ratings may be exceeded if the input and output current ratings are observed. Ptot derates linearly with 8 mW/K above 70 C. Ptot derates linearly with 5.5 mW/K above 60 C. Ptot derates linearly with 4.5 mW/K above 60 C.
8. Recommended operating conditions
Table 5. Recommended operating conditions Voltages are referenced to GND (ground = 0 V). Symbol Parameter VCC VI VO Tamb t/V supply voltage input voltage output voltage ambient temperature input transition rise and fall rate VCC = 3.3 V 0.3 V VCC = 5.0 V 0.5 V Conditions Min 2.0 0 0 -40 74AHC125 Typ 5.0 +25 Max 5.5 5.5 VCC +125 100 20 Min 4.5 0 0 -40 74AHCT125 Typ 5.0 +25 Max 5.5 5.5 VCC +125 20 V V V C ns/V ns/V Unit
9. Static characteristics
Table 6. Static characteristics Voltages are referenced to GND (ground = 0 V). Symbol Parameter For type 74AHC125 VIH HIGH-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VIL LOW-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V 1.5 2.1 3.85 0.5 0.9 1.65 1.5 2.1 3.85 0.5 0.9 1.65 1.5 2.1 3.85 0.5 0.9 1.65 V V V V V V Conditions Min 25 C Typ Max -40 C to +85 C -40 C to +125 C Unit Min Max Min Max
74AHC_AHCT125_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
4 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
Table 6. Static characteristics ...continued Voltages are referenced to GND (ground = 0 V). Symbol Parameter VOH Conditions Min HIGH-level VI = VIH or VIL output voltage IO = -50 A; VCC = 2.0 V IO = -50 A; VCC = 3.0 V IO = -50 A; VCC = 4.5 V IO = -4.0 mA; VCC = 3.0 V IO = -8.0 mA; VCC = 4.5 V VOL LOW-level VI = VIH or VIL output voltage IO = 50 A; VCC = 2.0 V IO = 50 A; VCC = 3.0 V IO = 50 A; VCC = 4.5 V IO = 4.0 mA; VCC = 3.0 V IO = 8.0 mA; VCC = 4.5 V IOZ OFF-state VI = VIH or VIL; output current VO = VCC or GND; VCC = 5.5 V input leakage current VI = 5.5 V or GND; VCC = 0 V to 5.5 V 1.9 2.9 4.4 2.58 3.94 25 C Typ 2.0 3.0 4.5 0 0 0 Max 0.1 0.1 0.1 0.36 0.36 0.25 -40 C to +85 C -40 C to +125 C Unit Min 1.9 2.9 4.4 2.48 3.8 Max 0.1 0.1 0.1 0.44 0.44 2.5 Min 1.9 2.9 4.4 2.40 3.70 Max 0.1 0.1 0.1 0.55 0.55 10.0 V V V V V V V V V V A
II ICC CI CO
-
3.0 4.0
0.1 2.0 10 -
-
1.0 20 10 -
-
2.0 40 10 -
A A pF pF
supply current VI = VCC or GND; IO = 0 A; VCC = 5.5 V input capacitance output capacitance HIGH-level input voltage LOW-level input voltage VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V
For type 74AHCT125 VIH VIL VOH 2.0 0.8 2.0 0.8 2.0 0.8 V V
HIGH-level VI = VIH or VIL; VCC = 4.5 V output voltage IO = -50 A IO = -8.0 mA LOW-level VI = VIH or VIL; VCC = 4.5 V output voltage IO = 50 A IO = 8.0 mA OFF-state per input pin; VI = VIH or VIL; output current VCC = 5.5 V; IO = 0 A VO = VCC or GND; other pins at VCC or GND
4.4 3.94 -
4.5 0 -
0.1 0.36 0.25
4.4 3.8 -
0.1 0.44 2.5
4.4 3.70 -
0.1 0.55 10.0
V V V V A
VOL
IOZ
II ICC
input leakage current
VI = 5.5 V or GND; VCC = 0 V to 5.5 V
-
-
0.1 2.0
-
1.0 20
-
2.0 40
A A
supply current VI = VCC or GND; IO = 0 A; VCC = 5.5 V
74AHC_AHCT125_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
5 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
Table 6. Static characteristics ...continued Voltages are referenced to GND (ground = 0 V). Symbol Parameter ICC Conditions Min additional per input pin; supply current VI = VCC - 2.1 V; IO = 0 A; other pins at VCC or GND; VCC = 4.5 V to 5.5 V input capacitance output capacitance 25 C Typ Max 1.35 -40 C to +85 C -40 C to +125 C Unit Min Max 1.5 Min Max 1.5 mA
CI CO
-
3.0 4.0
10 -
-
10 -
-
10 -
pF pF
10. Dynamic characteristics
Table 7. Dynamic characteristics GND = 0 V; For test circuit see Figure 8. Symbol Parameter For type 74AHC125 tpd propagation delay nA to nY; see Figure 6 VCC = 3.0 V to 3.6 V CL = 15 pF CL = 50 pF VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF ten enable time nOE to nY; see Figure 7 VCC = 3.0 V to 3.6 V CL = 15 pF CL = 50 pF VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF tdis disable time nOE to nY; see Figure 7 VCC = 3.0 V to 3.6 V CL = 15 pF CL = 50 pF VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF CPD power CL = 50 pF; fi = 1 MHz; dissipation VI = GND to VCC capacitance
[3] [2] [2] [2]
Conditions Min
25 C Typ[1] Max
-40 C to +85 C -40 C to +125 C Unit Min Max Min Max
-
4.4 6.2 3.0 4.3
8.0 11.5 5.5 7.5
1.0 1.0 1.0 1.0
9.5 13.0 6.5 8.5
1.0 1.0 1.0 1.0
11.5 14.5 7.0 9.5
ns ns ns ns
-
4.7 6.8 3.3 4.7
8.0 11.5 5.1 7.1
1.0 1.0 1.0 1.0
9.5 13.0 6.0 8.0
1.0 1.0 1.0 1.0
11.5 14.5 6.5 9.0
ns ns ns ns
-
6.7 9.6 4.8 6.8 10
9.7 13.2 6.8 8.8 -
1.0 1.0 1.0 1.0 -
11.5 15.0 8.0 10.0 -
1.0 1.0 1.0 1.0 -
12.5 16.5 8.5 11.0 -
ns ns ns ns pF
74AHC_AHCT125_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
6 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
Table 7. Dynamic characteristics ...continued GND = 0 V; For test circuit see Figure 8. Symbol Parameter For type 74AHCT125 tpd propagation delay nA to nY; see Figure 6 VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF ten enable time nOE to nY; see Figure 7 VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF tdis disable time nOE to nY; see Figure 7 VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF CPD power CL = 50 pF; fi = 1 MHz; dissipation VI = GND to VCC capacitance
[3] [2] [2]
Conditions Min
25 C Typ[1] Max
-40 C to +85 C -40 C to +125 C Unit Min Max Min Max
-
3.0 4.3
5.5 7.5
1.0 1.0
6.5 8.5
1.0 1.0
7.0 9.5
ns ns
-
3.4 4.9
5.1 7.3
1.0 1.0
6.0 8.3
1.0 1.0
6.5 9.5
ns ns
-
4.5 6.5 12
6.8 8.8 -
1.0 1.0 -
8.0 10.0 -
1.0 1.0 -
8.5 11.0 -
ns ns pF
[1] [2]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V). tpd is the same as tPLH and tPHL. ten is the same as tPZL and tPZH. tdis is the same as tPLZ and tPHZ. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz, fo = output frequency in MHz CL = output load capacitance in pF VCC = supply voltage in Volts N = number of inputs switching (CL x VCC2 x fo) = sum of the outputs.
[3]
11. Waveforms
VI nA input GND
VM
tPHL VOH
nY output VOL
tPLH
VM
mna230
Measurement points are given in Table 8. VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6. Propagation delay input (nA) to output (nY)
74AHC_AHCT125_4 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
7 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
VI nOE input GND tPLZ VCC output LOW-to-OFF OFF-to-LOW VOL tPHZ VOH output HIGH-to-OFF OFF-to-HIGH GND outputs enabled VY VM VM VX tPZH tPZL VM
outputs disabled
outputs enabled
mna362
Measurement points are given in Table 8. VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7. Enable and disable times Table 8. Type 74AHC125 74AHCT125 Measurement points Input VM 0.5VCC 1.5 V Output VM 0.5VCC 0.5VCC VX VOL + 0.3 V VOL + 0.3 V VY VOL - 0.3 V VOL - 0.3 V
74AHC_AHCT125_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
8 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
VI negative pulse 0V
tW 90 % VM 10 % tf tr tr tf 90 % VM 10 % tW VM VM
VI positive pulse 0V
VCC
VCC
PULSE GENERATOR
VI
VO
RL
S1
DUT
RT CL
open
001aad983
Test data is given in Table 9. Definitions test circuit: RT = Termination resistance should be equal to output impedance Zo of the pulse generator. CL = Load capacitance including jig and probe capacitance. RL = Load resistance. S1 = Test selection switch.
Fig 8. Load circuit for switching times Table 9. Type 74AHC125 74AHCT125 Test data Input VI VCC 3.0 V tr, tf 3.0 ns 3.0 ns Load CL 15 pF, 50 pF 15 pF, 50 pF RL 1 k 1 k S1 position tPHL, tPLH open open tPZH, tPHZ GND GND tPZL, tPLZ VCC VCC
74AHC_AHCT125_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
9 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
12. Package outline
SO14: plastic small outline package; 14 leads; body width 3.9 mm SOT108-1
D
E
A X
c y HE vMA
Z 14 8
Q A2 pin 1 index Lp 1 e bp 7 wM L detail X A1 (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 8.75 8.55 E (1) 4.0 3.8 0.16 0.15 e 1.27 0.05 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 0.028 0.024 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.057 inches 0.069 0.004 0.049
0.019 0.0100 0.35 0.014 0.0075 0.34
0.244 0.039 0.041 0.228 0.016
0.028 0.004 0.012
8 o 0
o
Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. OUTLINE VERSION SOT108-1 REFERENCES IEC 076E06 JEDEC MS-012 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
Fig 9. Package outline SOT108-1 (SO14)
74AHC_AHCT125_4 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
10 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
D
E
A
X
c y HE vMA
Z
14
8
Q A2 pin 1 index A1 Lp L (A 3) A
1
e bp
7
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT402-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-18 A max. 1.1 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 5.1 4.9 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.72 0.38 8 o 0
o
Fig 10. Package outline SOT402-1 (TSSOP14)
74AHC_AHCT125_4 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
11 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
DHVQFN14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; SOT762-1 14 terminals; body 2.5 x 3 x 0.85 mm
D
B
A
A A1 E c
terminal 1 index area
detail X
terminal 1 index area e 2 L
e1 b 6 vMCAB wM C y1 C
C y
1 Eh 14
7 e 8
13 Dh 0
9 X 2.5 scale 5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max. 1 A1 0.05 0.00 b 0.30 0.18 c 0.2 D (1) 3.1 2.9 Dh 1.65 1.35 E (1) 2.6 2.4 Eh 1.15 0.85 e 0.5 e1 2 L 0.5 0.3 v 0.1 w 0.05 y 0.05 y1 0.1
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. OUTLINE VERSION SOT762-1 REFERENCES IEC --JEDEC MO-241 JEITA --EUROPEAN PROJECTION ISSUE DATE 02-10-17 03-01-27
Fig 11. Package outline SOT762-1 (DHVQFN14)
74AHC_AHCT125_4 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
12 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
13. Abbreviations
Table 10. Acronym CMOS LSTTL ESD HBM MM CDM TTL Abbreviations Description Complementary Metal Oxide Semiconductor Low-power Schottky Transistor-Transistor Logic ElectroStatic Discharge Human Body Model Machine Model Charge-Device Model Transistor-Transistor Logic
14. Revision history
Table 11. Revision history Release date 20080111 Data sheet status Product data sheet Change notice Supersedes 74AHC_AHCT125_3 Document ID 74AHC_AHCT125_4 Modifications:
* * * * *
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. Section 3: DHVQFN14 package added. Section 7: derating values added for DHVQFN14 package. Section 12: outline drawing added for DHVQFN14 package. Product data sheet Product specification Product specification 74AHC_AHCT125_2 74AHC_AHCT125_N_1 -
74AHC_AHCT125_3 74AHC_AHCT125_2 74AHC_AHCT125_N_1
20060324 19990927 19990111
74AHC_AHCT125_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
13 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
15. Legal information
15.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
15.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
15.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
15.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
16. Contact information
For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com
74AHC_AHCT125_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 11 January 2008
14 of 15
NXP Semiconductors
74AHC125; 74AHCT125
Quad buffer/line driver; 3-state
17. Contents
1 2 3 4 5 5.1 5.2 6 7 8 9 10 11 12 13 14 15 15.1 15.2 15.3 15.4 16 17 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 1 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Recommended operating conditions. . . . . . . . 4 Static characteristics. . . . . . . . . . . . . . . . . . . . . 4 Dynamic characteristics . . . . . . . . . . . . . . . . . . 6 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 Legal information. . . . . . . . . . . . . . . . . . . . . . . 14 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 14 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Contact information. . . . . . . . . . . . . . . . . . . . . 14 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 11 January 2008 Document identifier: 74AHC_AHCT125_4


▲Up To Search▲   

 
Price & Availability of 74AHC125BQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X