Part Number Hot Search : 
DTA124 U30D60PT WR204 550PEF10 22210 10BQ040 CRCW0603 10BQ040
Product Description
Full Text Search
 

To Download 500S48N103KV3E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Large Size CapaCitor ChipS 50 - 5,000 VDC
Key Features
* * * * * Rated Working Voltages from 50 to 15,000 VDC Low ESR Ceramic Out-performs Tantalums Compact MLC Designs Smaller Than Film or Disc MIL-PRF-55681 & Hi-Rel Screened Versions Available Custom Sizes, Voltages, and Values Available
appliCations
* Power Supplies * Voltage Multipliers * Data Isolation * Surge Protection * Industrial Control Circuits * Custom Applications
MaxiMuM CapaCitanCe vs dC voltage rating s49 / 1825
L W T E/B Inches .180 .010 .250 .010 .140 Max. .025 .015 (mm) (4.57 .25) (6.35 .25) (3.56 Max) (0.64.38)
50 V NPO X7R 473 185
100 V 383 105
250 V 273 125
500 V 273 334
1K V 153 104
2K V 562 223
3K V 222 822
4K V 102 202
5K V 271 821
s47 / 2220
L W T E/B Inches .225 .015 .200 .015 .150 Max. .025 .015 (mm) (5.72 .38) (5.08 .38) (3.81 Max) (0.64.38)
50 V NPO X7R 683 185
100 V 473 125
250 V 333 105
500 V 273 564
1K V 183 184
2K V 682 273
3K V 272 822
4K V 122 332
5K V 391 152
s48 / 2225
L W T E/B Inches .225 .010 .255 .015 .150 Max. .025 .015 (mm) (5.72 .25) (6.48 .38) (3.81 Max) (0.64.38)
50 V NPO X7R 753 225
100 V 563 225
250 V 393 125
500 V 333 824
1K V 223 224
2K V 822 473
3K V 472 153
4K V 222 563
5K V 681 222
Available capacitance values include the following significant retma values and their multiples 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 ( 1.0 = 1.0, 10, 100, 1000, etc.)
How to order
251
VOLTAGE 500 = 50 V 101 = 100 V 201 = 200 V 251 = 250 V 501 = 500 V 102 = 1000 V 202 = 2000 V 302 = 3000 V 402 = 4000 V 502 = 5000 V
S48
CASE SIZE See Chart
W
DIELECTRIC N = NPO W = X7R
105
CAPACITANCE 1st two digits are significant; third digit denotes number of zeros. 101 = 100 pF 103 = 0.01 F 105 = 1.00 F 106 = 10.0 F
K
TOLERANCE = 5% = 10% = 20% = +80% -20%
V
TERMINATION V = Ni barrier w/ 100% Sn Plating Y = Palladium-Silver MARKING 4 = Unmarked 3 = Specified 6 = EIA "J" Code
4
PART MODIFIER E = 7" Reel Taped H = High Rel Testing (Customer Specified) S = Special Part
J K M Z
Part number written: 630H51W475KY4
1
www.johanson dielectrics.com
MaxiMuM CapaCitanCe vs dC voltage rating H42 / 1515
H42 1515
500 V
Inches .150 .015 .150 .015 .150 Max. .025 .015 (mm) (3.81 .38) (3.81 .38) (3.81 Max) (0.64.38)
1K V 152 223
2K V 681 332
3K V 331 222
4K V 151 681
5K V 101 331
L W T E/B
NPO X7R
472 683
H47 / 2520
H47 2520
500 V
Inches .250 .018 .200 .015 .150 Max. .025 .015 (mm) (6.35 .46) (5.08 .38) (3.81 Max) (0.64.38)
1K V 332 683
2K V 152 153
3K V 681 682
4K V 331 222
5K V 221 102
L W T E/B
NPO X7R
223 224
H51 / 3530
H51 3530
500 V
Inches .350 .035 .300 .030 .200 Max .025 .015 (mm) (8.89 .89) (7.62 .76) (5.08 Max) (0.64.38)
1K V 472 154
2K V 332 473
3K V 152 333
4K V 102 103
5K V 471 682
L W T E/B
NPO X7R
563 474
H54 / 3640
H51 3530
50 V
Inches .360 .030 .400 .030 .200 Max .025 .015 (mm) (9.14 .76) (10.16 .76) (5.08 Max) (0.64.38)
100 V 184 565
250 V 154 475
500 V 683 155
1K V 822 474
2K V 332 683
3K V 222 473
4K V 152 153
5K V 681 822
L W T E/B
NPO X7R
224 825
Available capacitance values include the following significant retma values and their multiples: 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 ( 1.0 = 1.0, 10, 100, 1000, etc.) Consult factory for sizes, values, & voltages not shown.
eleCtriCal CHaraCteristiCs
Meets the standard NPO & X7R dielectric specifications listed on page 28 & 29 except Dielectric Withstanding Voltage DWV = 750 VDC for 500 WVDC rated units, DWV = 945 VDC for 630 WVDC rated units, DWV = 1.2 X rated WVDC for ratings 1,000 WVDC NOTE: Circuit applications above 1KVDC may require surface coating to prevent external arcing.
W
L
T
E/B
www.johanson dielectrics.com
2


▲Up To Search▲   

 
Price & Availability of 500S48N103KV3E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X