Part Number Hot Search : 
3UTZW A143Z 2PB709 00505 PT6355 5KP10C PA240 BZX84A16
Product Description
Full Text Search
 

To Download 330100M6R3JS8E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 330 -55 C to 105 C Ultra-Long-Life, Switching Power Grade Radial
High Ripple and Ultra-Long Life
The Type 330 is the ultra-long-life version of the Type 300 capacitor. With an astonishing, 50,000-hour expected life operating continuously at full load and 65 C the 330 is the choice for power supply outputs and UPS battery stiffening. The exceptionally low ESRs enable high ripple-current capability. With series inductance of 12 to 16 nH and ripple currents to 16 amps one of these capacitors can save by replacing three or four of the 12.5 mm diameter capacitors routinely at the output of switching power supplies. Type 330 R delivers even lower ESR and higher ripple. Type 330 has three leads for rugged, reverse-proof mounting. Two leads are available as Types 331 and 331R.
Highlights
Specifications
Operating Temperature: Rated Voltage: Capacitance: Capacitance Tolerance: Leakage Current: Cold Impedance: Ripple Current Multipliers:
* Expected Life > 20 years @ 45 C * Ripple Current to 16 amps * ESRs to 6 m * > 90% capacitance at -40 C * Replaces multiple capacitors -55 C to +105 C 6.3 to 250 Vdc 270 F to 33,000 F 6.3 to 100 Vdc; -10 + 75%, 160 to 250 Vdc; -10 + 50% 0.5 CV A, 4 mA max, 5 min. -55 C multiple of 25 C Z 4 for 6.3 & 7.5 V, 3 for 10 to 50 V, 2 for > 50 V Ambient Temperature
45 C 1.66 55 C 1.52 65 C 1.37 75 C 1.20 85 C 1.00 95 C 0.75 105 C 0.36
Frequency
50 Hz 60 Hz 120 Hz .77" Diameter 6.3 & 7.5 V 10 to 40 V 50V 63 & 75 V 100 to 250 V .895" Diameter 6.3 & 7.5 V 10 to 40 V 50V 63 & 75 V 100 to 250 V 1.02" Diameter 6.3 & 7.5 V 10 to 40 V 50V 63 & 75 V 100 to 250 V 0.84 0.81 0.76 0.77 0.76 0.88 0.86 0.81 0.81 0.81 1.00 1.00 1.00 1.00 1.00 1.12 1.15 1.23 1.23 1.24 1.17 1.22 1.35 1.35 1.37 1.19 1.25 1.42 1.42 1.44 1.20 1.26 1.44 1.44 1.46 0.82 0.80 0.75 0.75 0.76 0.86 0.84 0.80 0.80 0.81 1.00 1.00 1.00 1.00 1.00 1.14 1.17 1.27 1.26 1.25 1.20 1.25 1.42 1.40 1.38 1.23 1.29 1.50 1.48 1.46 1.24 1.30 1.52 1.50 1.48 0.82 0.78 0.76 0.74 0.76 0.86 0.83 0.81 0.80 0.81 1.00 1.00 1.00 1.00 1.00 1.15 1.20 1.25 1.28 1.24 1.21 1.30 1.38 1.43 1.37 1.24 1.35 1.45 1.52 1.44 1.25 1.36 1.47 1.54 1.46 360 Hz 1 kHz 5 kHz 10 kHz & up
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
Load Life:
Shelf Life:
10,000 h at full load at 85 C Capacitance 20% ESR 200% of limit DCL 100% of limit 500 h at 105 C, capacitance, ESR and DCL, initial requirements
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864) 843-2277 * Fax: (864) 843-3800 * www.cde.com
Type 330 -55 C to 105 C Ultra-Long-Life, Switching Power Grade Radial
Outline Drawings
Case Dimensions
Case Code Insulated D 0.015 (0.4 mm) L 0.062 (1.6 mm) DxL Case Dimensions in Inches GT HP HS HT JL JP JS JT GT HP HS HT JL JP JS JT 0.765 x 3.650 0.890 x 2.650 0.890 x 3.150 0.890 x 3.650 1.015 x 2.150 1.015 x 2.650 1.015 x 3.150 1.015 x 3.650 19.4 x 92.7 22.6 x 67.3 22.6 x 80.0 22.6 X 92.7 25.8 x 54.6 25.8 x 67.3 25.8 x 80.0 25.8 x 92.7 3.712 2.712 3.212 3.712 2.212 2.712 3.212 3.712 94.3 68.9 81.6 94.3 56.2 68.9 81.6 94.3 0.750 x 3.625 0.875 x 2.625 0.875 x 3.125 0.875 x 3.625 1.000 x 2.125 1.000 x 2.625 1.000 x 3.125 1.000 x 3.625 19.1 x 92.1 22.2 x 66.7 22.2 x 79.4 22.2 X 92.1 25.4 x 54.0 25.4 x 66.7 25.4 x 79.4 25.4 x 92.1 0.200 0.300 0.300 0.300 0.300 0.300 0.300 0.300 5.08 7.62 7.62 7.62 7.62 7.62 7.62 7.62 0.300 0.400 0.400 0.400 0.400 0.400 0.400 0.400 7.62 10.16 10.16 10.16 10.16 10.16 10.16 10.16 0.300 0.300 0.300 0.300 0.400 0.400 0.400 0.400 7.62 7.62 7.62 7.62 10.16 10.16 10.16 10.16 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 1.02 1.02 1.02 1.02 1.02 1.02 1.02 1.02 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 Epoxy endseal L Max DxL Bare Can D 0.015 (0.4 mm) L 0.030 (0.8 mm) Lead Spacing Type 330 S1 T 0.020 (0.5 mm) Type 331 S2 0.020 (0.5 mm) Lead dia. Diameter AWG
Case Dimensions in Millimeters
Part Numbering System
330R Type 333 U 6R3 Voltage JS Case Code
See Rating
2 Insulation
E Epoxy
Capacitance Tolerance 330 - 3 leads 100 = 10 F M = 20% 330R - 3 leads 102 = 1000 F T = -10% +50% Low ESR U = -10 +75% 331 - 2 leads 331R - 2 leads, Low ESR 331A - Laydown 3 leads
6R3 = 6.3 V 063 = 63 V 100 = 100 V
0 = Bare Can (blank) = no epoxy 1 = Polyester E = Epoxy 2 = PVC endseal 8 = PVC w/ Standoffs 9 = Polyester w/ Standoffs
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864) 843-2277 * Fax: (864) 843-3800 * www.cde.com
Type 330 -55 C to 105 C Ultra-Long-Life, Switching Power Grade Radial
Typical Performance Curve
Ratings
ESR Max. Ripple Amps, 25 C Max. 85 C 120 Hz 20 kHz 120 Hz 20 kHz (m) (m) (A) (A)
Nominal Size DXL
RoHS Compliant
Cap. (F) Catalog Part Number
ESR Max. Ripple Amps, 25 C Max. 85 C 120 Hz 20 kHz 120 Hz 20 kHz (m) (m) (A) (A)
Nominal Size DXL
Cap. (F)
Catalog Part Number
(in)
0.77 X 3.65 0.77 X 3.65 0.895 X 2.65 0.895 X 2.65 1.02 X 2.15 1.02 X 2.15 0.895 X 3.15 0.895 X 3.15 1.02 X 2.65 1.02 X 2.65 0.895 X 3.65 0.895 X 3.65 1.02 X 3.15 1.02 X 3.15 1.02 X 3.65 1.02 X 3.65
(in)
1.02 X 3.65 1.02 X 3.65
6.3 Vdc (9 Vdc Surge) 15000 330153U6R3GT2 15000 330R153U6R3GT2 15000 330153U6R3HP2 15000 330R153U6R3HP2 18000 330183U6R3JL2 18000 330R183U6R3JL2 22000 330223U6R3HS2 22000 330R223U6R3HS2 22000 330223U6R3JP2 22000 330R223U6R3JP2 27000 330273U6R3HT2 27000 330R273U6R3HT2 27000 330273U6R3JS2 27000 330R273U6R3JS2 33000 330333U6R3JT2 33000 330R333U6R3JT2 26.6 23.0 27.1 19.5 29.6 19.1 22.4 15.9 23.0 14.7 19.4 13.6 19.2 15.1 16.7 10.4 15.1 13.1 16.5 11.3 20.1 10.9 13.7 9.2 15.6 8.4 11.9 7.9 13.0 8.6 11.4 5.9 7.10 7.62 6.57 7.75 6.08 7.57 7.88 9.35 7.66 9.59 9.04 10.80 9.11 10.30 10.50 13.30 8.86 9.52 7.93 9.60 6.95 9.45 9.51 11.60 8.75 12.00 10.90 13.40 10.40 12.80 12.00 16.60
7.5 Vdc (10 Vdc Surge) (cont'd.) 33000 330333U7R5JT2 33000 330R333U7R5JT2 17.0 10.6 11.2 5.9 10.40 13.10 12.10 16.60
10 Vdc (15 Vdc Surge) 12000 330123U010GT2 12000 330R123U010GT2 12000 330123U010HP2 12000 330R123U010HP2 12000 330123U010JL2 12000 330R123U010JL2 15000 330153U010HS2 15000 330R153U010HS2 18000 330183U010HT2 18000 330R183U010HT2 18000 330183U010JP2 18000 330R183U010JP2 22000 330223U010JS2 22000 330R223U010JS2 28.3 24.5 28.7 20.8 31.0 20.3 23.7 17.0 20.5 14.5 24.1 15.6 20.1 16.1 17.5 11.0 15.0 13.0 16.6 11.5 19.9 11.4 13.7 9.3 11.9 8.0 15.4 8.7 12.8 9.0 11.2 6.2 6.88 7.39 6.39 7.49 5.93 7.33 7.66 9.05 8.81 10.50 7.48 9.29 8.90 9.94 10.30 12.90 8.91 9.57 7.91 9.53 6.99 9.23 9.49 11.50 10.90 13.30 8.81 11.70 10.50 12.50 12.10 16.30 0.77 X 3.65 0.77 X 3.65 0.895 X 2.65 0.895 X 2.65 1.02 X 2.15 1.02 X 2.15 0.895 X 3.15 0.895 X 3.15 0.895 X 3.65 0.895 X 3.65 1.02 X 2.65 1.02 X 2.65 1.02 X 3.15 1.02 X 3.15 1.02 X 3.65 1.02 X 3.65
7.5 Vdc (10 Vdc Surge) 12000 330123U7R5GT2 12000 330R123U7R5GT2 15000 330153U7R5HP2 15000 330R153U7R5HP2 15000 330153U7R5JL2 15000 330R153U7R5JL2 18000 330183U7R5HS2 18000 330R183U7R5HS2 22000 330223U7R5HT2 22000 330R223U7R5HT2 22000 330223U7R5JP2 22000 330R223U7R5JP2 27000 330273U7R5JS2 27000 330R273U7R5JS2 27.2 23.6 27.7 20.0 30.1 19.6 22.9 16.3 19.8 13.9 23.4 15.0 19.5 15.5 15.0 13.0 16.6 11.0 19.9 10.9 13.8 9.0 11.9 7.7 15.5 8.4 12.9 8.7 7.01 7.53 6.50 7.65 6.02 7.47 7.79 9.23 8.95 10.70 7.59 9.47 9.03 10.10 8.91 9.57 7.91 9.73 6.99 9.41 9.48 11.74 10.89 13.60 8.80 11.90 10.50 12.80 0.77 X 3.65 0.77 X 3.65 0.895 X 2.65 0.895 X 2.65 1.02 X 2.15 1.02 X 2.15 0.895 X 3.15 0.895 X 3.15 0.895 X 3.65 0.895 X 3.65 1.02 X 2.65 1.02 X 2.65 1.02 X 3.15 1.02 X 3.15
27000 330273U010JT2 27000 330R273U010JT2
16 Vdc (25 Vdc Surge) 10000 330103U016GT2 10000 330R103U016GT2 10000 330103U016HP2 10000 330R103U016HP2 10000 330103U016JL2 10000 330R103U016JL2 12000 330123U016HS2 12000 330R123U016HS2 15000 330153U016HT2 15000 330R153U016HT2 15000 330153U016JP2 29.2 25.3 29.5 21.6 31.8 21.0 24.4 17.6 21.1 15.0 24.7 14.9 12.9 17.1 11.9 19.7 11.1 14.1 9.7 12.2 8.2 15.3 6.77 7.27 6.30 7.36 5.86 7.21 7.55 8.89 8.69 10.30 7.39 8.94 9.60 7.79 9.36 7.01 9.33 9.35 11.30 10.80 13.10 8.85 0.77 X 3.65 0.77 X 3.65 0.895 X 2.65 0.895 X 2.65 1.02 X 2.15 1.02 X 2.15 0.895 X 3.15 0.895 X 3.15 0.895 X 3.65 0.895 X 3.65 1.02 X 2.65
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864) 843-2277 * Fax: (864) 843-3800 * www.cde.com
Type 330 -55 C to 105 C Ultra-Long-Life, Switching Power Grade Radial
Cap. (F) Catalog Part Number
ESR Max. Ripple Amps, 25 C Max. 85 C 120 Hz 20 kHz 120 Hz 20 kHz (m) (m) (A) (A)
Nominal Size DXL
(in)
Cap. (F)
Catalog Part Number
ESR Max. Ripple Amps, 25 C Max. 85 C 120 Hz 20 kHz 120 Hz 20 kHz (m) (m) (A) (A)
Nominal Size DXL
(in)
16 Vdc (25 Vdc Surge) (cont'd.) 15000 330R153U016JP2 18000 330183U016JS2 18000 330R183U016JS2 22000 330223U016JT2 22000 330R223U016JT2 16.1 20.5 16.6 17.9 11.4 8.5 12.7 8.8 11.1 6.0 9.14 8.80 9.79 10.10 12.70 11.80 10.50 12.70 12.10 16.50 1.02 X 2.65 1.02 X 3.15 1.02 X 3.15 1.02 X 3.65 1.02 X 3.65
40 Vdc (60 Vdc Surge) (cont'd.) 5600 330562U040HS2 5600 330R562U040HS2 6800 330682U040HT2 6800 330R682U040HT2 6800 330682U040JP2 6800 330R682U040JP2 8.94 9.60 7.93 9.28 6.96 9.33 9.52 11.20 10.90 13.00 8.77 11.80 10.50 14.20 12.00 16.50 0.77 X 3.65 0.77 X 3.65 0.895 X 2.65 0.895 X 2.65 1.02 X 2.15 1.02 X 2.15 0.895 X 3.15 0.895 X 3.15 0.895 X 3.65 0.895 X 3.65 1.02 X 2.65 1.02 X 2.65 1.02 X 3.15 1.02 X 3.15 1.02 X 3.65 1.02 X 3.65 3300 330332U050GT2 3300 330R332U050GT2 3300 330332U050HP2 3300 330R332U050HP2 3900 330392U050JL2 3900 330R392U050JL2 4700 330472U050HS2 4700 330R472U050HS2 5600 330562U050HT2 5600 330R562U050HT2 5600 330562U050JP2 5600 330R562U050JP2 8.91 9.58 7.91 9.77 6.94 9.29 9.50 11.80 10.90 13.70 8.77 11.80 10.50 14.10 12.10 16.40 0.77 X 3.65 0.77 X 3.65 0.895 X 2.65 0.895 X 2.65 1.02 X 2.15 1.02 X 2.15 0.895 X 3.15 0.895 X 3.15 0.895 X 3.65 0.895 X 3.65 1.02 X 2.65 1.02 X 2.65 1.02 X 3.15 1.02 X 3.15 1.02 X 3.65 1.02 X 3.65 2200 330222U063GT2 2200 330R222U063GT2 2700 330272U063HP2 2700 330R272U063HP2 2700 330272U063JL2 2700 330R272U063JL2 3300 330332U063HS2 3300 330R332U063HS2 3900 330392U063HT2 3900 330R392U063HT2 3900 330392U063JP2 3900 330R392U063JP2 8.52 9.15 7.73 9.29 6.81 8.93 0.77 X 3.65 0.77 X 3.65 0.895 X 2.65 0.895 X 2.65 1.02 X 2.15 1.02 X 2.15 1800 330182U075GT2 4700 330472U063JS2 4700 330R472U063JS2 5600 330562U063JT2 5600 330R562U063JT2 6800 330682U050JS2 6800 330R682U050JS2 8200 330822U050JT2 8200 330R822U050JT2 8200 330822U040JS2 8200 330R822U040JS2 10000 330103U040JT2 10000 330R103U040JT2 29.7 22.2 25.5 18.9 29.4 20.2 24.3 16.5 21.0 14.1 14.3 9.8 12.3 8.3 16.2 9.3 13.4 7.6 11.5 6.5 6.84 7.91 7.89 9.18 6.77 8.17 8.09 9.82 9.35 11.40 9.31 11.20 10.70 13.10 8.61 11.40 10.30 13.60 11.90 15.90 0.895 X 3.15 0.895 X 3.15 0.895 X 3.65 0.895 X 3.65 1.02 X 2.65 1.02 X 2.65 1.02 X 3.15 1.02 X 3.15 1.02 X 3.65 1.02 X 3.65
20 Vdc (30 Vdc Surge) 8200 330822U020GT2 8200 330R822U020GT2 8200 330822U020HP2 8200 330R822U020HP2 8200 330822U020JL2 8200 330R822U020JL2 10000 330103U020HS2 10000 330R103U020HS2 12000 330123U020HT2 12000 330R123U020HT2 12000 330123U020JP2 12000 330R123U020JP2 15000 330153U020JS2 15000 330R153U020JS2 18000 330183U020JT2 18000 330R183U020JT2 29.2 25.3 29.5 21.6 31.8 21.0 24.4 17.6 21.1 15.0 24.7 16.1 20.5 13.2 17.9 11.4 14.9 12.9 16.5 12.1 20.1 11.1 13.7 9.8 11.8 8.4 15.6 8.5 12.9 7.0 11.2 6.0 6.77 7.27 6.30 7.36 5.86 7.21 7.55 8.89 8.69 10.30 7.39 9.14 8.80 11.00 10.10 12.70
50 Vdc (75 Vdc Surge) 44.3 38.4 43.5 33.7 44.9 32.4 35.6 27.3 30.4 23.1 34.5 24.6 28.4 20.0 24.4 17.0 16.4 14.2 17.8 12.1 21.6 12.6 14.6 9.8 12.5 8.3 16.6 9.6 13.6 7.8 11.7 6.6 5.49 5.90 5.18 5.89 4.93 5.81 6.25 7.14 7.23 8.30 6.25 7.40 7.48 8.91 8.67 10.40 8.52 9.15 7.63 9.26 6.71 8.77 9.21 11.20 10.60 13.00 8.50 11.20 10.20 13.40 11.80 15.70 0.77 X 3.65 0.77 X 3.65 0.895 X 2.65 0.895 X 2.65 1.02 X 2.15 1.02 X 2.15 0.895 X 3.15 0.895 X 3.15 0.895 X 3.65 0.895 X 3.65 1.02 X 2.65 1.02 X 2.65 1.02 X 3.15 1.02 X 3.15 1.02 X 3.65 1.02 X 3.65
25 Vdc (35 Vdc Surge) 6800 330682U025GT2 6800 330R682U025GT2 6800 330682U025HP2 6800 330R682U025HP2 6800 330682U025JL2 6800 330R682U025JL2 8200 330822U025HS2 8200 330R822U025HS2 10000 330103U025HT2 10000 330R103U025HT2 10000 330103U025JP2 10000 330R103U025JP2 12000 330123U025JS2 12000 330R123U025JS2 15000 330153U025JT2 15000 330R153U025JT2 31.2 27.0 31.3 23.1 33.5 22.5 25.8 18.9 22.3 16.0 26.0 17.2 21.6 14.1 18.7 12.1 15.0 13.0 16.6 10.9 20.1 11.3 13.7 8.9 11.8 7.5 15.6 8.6 12.9 7.1 11.2 6.0 6.55 7.04 6.11 7.11 5.71 6.96 7.34 8.59 8.45 9.96 7.20 8.84 8.59 10.60 9.90 12.30
63 Vdc (90 Vdc Surge) 49.6 43.0 48.4 37.9 49.5 36.3 39.5 30.7 33.7 25.9 37.9 27.6 31.1 22.4 26.7 19.0 16.4 14.2 18.4 12.5 21.8 12.7 15.0 10.1 12.8 8.5 16.7 9.7 13.7 7.8 11.7 6.6 5.19 5.58 4.92 5.55 4.70 5.48 5.94 6.73 6.87 7.84 5.96 6.99 7.15 8.42 8.30 9.83 8.53 9.16 7.52 9.11 6.68 8.74 9.08 11.10 10.50 12.90 8.47 11.10 10.20 13.40 11.80 15.70 0.77 X 3.65 0.77 X 3.65 0.895 X 2.65 0.895 X 2.65 1.02 X 2.15 1.02 X 2.15 0.895 X 3.15 0.895 X 3.15 0.895 X 3.65 0.895 X 3.65 1.02 X 2.65 1.02 X 2.65 1.02 X 3.15 1.02 X 3.15 1.02 X 3.65 1.02 X 3.65
40 Vdc (60 Vdc Surge) 4700 330472U040GT2 4700 330R472U040GT2 4700 330472U040HP2 4700 330R472U040HP2 4700 330472U040JL2 4700 330R472U040JL2 36.4 31.6 36.2 27.4 38.1 26.5 16.4 14.2 17.4 12.0 20.9 12.2 6.06 6.51 5.68 6.54 5.35 6.42
75 Vdc (100 Vdc Surge) 62.7 27.0 4.62 6.64 0.77 X 3.65
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864) 843-2277 * Fax: (864) 843-3800 * www.cde.com
Type 330 -55 C to 105 C Ultra-Long-Life, Switching Power Grade Radial
Cap. (F) Catalog Part Number
ESR Max. Ripple Amps, 25 C Max. 85 C 120 Hz 20 kHz 120 Hz 20 kHz (m) (m) (A) (A)
Nominal Size DXL
(in)
Cap. (F)
Catalog Part Number
ESR Max. Ripple Amps, 25 C Max. 85 C 120 Hz 20 kHz 120 Hz 20 kHz (m) (m) (A) (A)
Nominal Size DXL
(in)
75 Vdc (100 Vdc Surge) (cont'd.) 1800 330R182U075GT2 2200 330222U075HP2 2200 330R222U075HP2 2200 330222U075JL2 2200 330R222U075JL2 2700 330272U075HS2 2700 330R272U075HS2 2700 330272U075HT2 2700 330R272U075HT2 2700 330272U075JP2 2700 330R272U075JP2 3300 330332U075JS2 3300 330R332U075JS2 3900 330392U075JT2 3900 330R392U075JT2 54.3 60.6 48.5 60.8 46.2 49.2 39.1 41.8 32.9 46.4 35.0 37.9 28.3 32.4 23.9 23.4 27.9 20.9 30.4 20.3 22.6 16.8 19.2 14.2 23.2 15.4 19.0 12.5 16.2 10.5 4.96 4.39 4.91 4.24 4.86 5.32 5.96 6.17 6.95 5.39 6.21 6.47 7.49 7.53 8.76 7.13 6.11 7.06 5.65 6.91 7.39 8.57 8.58 9.99 7.18 8.82 8.63 10.60 10.00 12.40 0.77 X 3.65 0.895 X 2.65 0.895 X 2.65 1.02 X 2.15 1.02 X 2.15 0.895 X 3.15 0.895 X 3.15 0.895 X 3.65 0.895 X 3.65 1.02 X 2.65 1.02 X 2.65 1.02 X 3.15 1.02 X 3.15 1.02 X 3.65 1.02 X 3.65 330 330 390 390 5.61 6.02 5.38 5.92 5.12 5.81 6.52 7.20 7.59 8.41 6.53 7.43 7.87 8.99 0.77 X 3.65 0.77 X 3.65 0.895 X 2.65 0.895 X 2.65 1.02 X 2.15 1.02 X 2.15 0.895 X 3.15 0.895 X 3.15 0.895 X 3.65 0.895 X 3.65 1.02 X 2.65 1.02 X 2.65 1.02 X 3.15 1.02 X 3.15 270 270 270 330 390 390 470 560 470 470 560 680 330 390 390 470 470 560 560 680
100 Vdc (140 Vdc Surge) (cont'd.) 2200 330222U100JT2 2200 330R222U100JT2 48.3 37.7 19.3 14.7 6.17 6.97 9.19 10.50 1.02 X 3.65 1.02 X 3.65
160 Vdc (200 Vdc Surge) 330331T160GT2 330391T160HP2 330391T160JL2 330471T160HS2 330471T160JP2 330561T160HT2 330561T160JS2 330681T160JT2 306 268 278 226 228 189 184 154 116 102 111 85.7 91.4 71.8 73.5 61.6 2.09 2.09 1.98 2.48 2.43 2.90 2.94 3.45 3.20 3.19 2.95 3.80 3.62 4.44 4.39 5.15 0.77 X 3.65 0.895 X 2.65 1.02 X 2.15 0.895 X 3.15 1.02 X 2.65 0.895 X 3.65 1.02 X 3.15 1.02 X 3.65
200 Vdc (250 Vdc Surge) 330331T200GT2 330331T200HP2 330391T200HS2 330391T200JL2 330471T200HT2 330471T200JP2 330561T200JS2 330681T200JT2 384 358 288 339 240 255 205 172 177 165 132 156 111 117 94.4 79.1 1.87 1.81 2.20 1.79 2.57 2.30 2.78 3.27 2.59 2.51 3.06 2.49 3.57 3.19 3.87 4.54 0.77 X 3.65 0.895 X 2.65 0.895 X 3.15 1.02 X 2.15 0.895 X 3.65 1.02 X 2.65 1.02 X 3.15 1.02 X 3.65
100 Vdc (140 Vdc Surge) 820 820 330821U100GT2 330R821U100GT2 99.5 86.2 94.7 78.1 92.7 73.8 76.5 62.8 64.5 52.6 70.3 55.7 57.0 44.9 37.8 32.8 36.0 29.7 37.1 28.8 29.1 23.9 24.5 20.0 28.1 21.7 22.8 17.5 3.67 3.94 3.51 3.87 3.43 3.85 4.26 4.71 4.96 5.50 4.38 4.92 5.28 5.95
1000 330102U100HP2 1000 330R102U100HP2 1000 330102U100JL2 1000 330R102U100JL2 1200 330122U100HS2 1200 330R122U100HS2 1200 330122U100HT2 1200 330R122U100HT2 1200 330122U100JP2 1200 330R122U100JP2 1500 330152U100JS2 1500 330R152U100JS2
250 Vdc (300 Vdc Surge) 330271T250GT2 330271T250HP2 330271T250JL2 330331T250HS2 330391T250HT2 330391T250JP2 330471T250JS2 330561T250JT2 455 423 400 340 284 301 242 202 191 178 168 143 119 126 102 85.0 1.72 1.66 1.65 2.02 2.37 2.12 2.56 3.01 2.50 2.42 2.40 2.94 3.44 3.08 3.73 4.38 0.77 X 3.65 0.895 X 2.65 1.02 X 2.15 0.895 X 3.15 0.895 X 3.65 1.02 X 2.65 1.02 X 3.15 1.02 X 3.65
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864) 843-2277 * Fax: (864) 843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 330100M6R3JS8E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X