Part Number Hot Search : 
1602F AN254 OM6233SS IRF7902 MMBT2222 2SK90 ISL59 TSH22
Product Description
Full Text Search
 

To Download 3188BE122T250APA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 3188 Aluminum Electrolytic Screw Terminals
Type 3188, 85 C Long Life, High-Capacitance, Computer Grade, Aluminum Choice of Potted or Rilled High-Vibration Construction
Long-Life Grade of Best Value Screw Terminal Type The Type 3188 has twice the life of the 3186 and twice the ripple current capability. Like the 3186, Type 3188 is available with the capacitor element potted in place for lower cost or secured by rills, spoon shaped dimples in the side of the can. Rilled construction offers the industry's highest vibration and shock withstanding and excellent heat transfer into the sides and bottom of the can. Besides increasing ripple current handling, the rilled construction extends the opportunity for Type 3188 into military and transportation settings that require rugged mechanical capability. * * * * Rilled cans withstand high shock and vibration. Potted cans are the lowest cost screw-terminal type 2 times the ripple current capability High capacitance per can -40 C to 85 C 16 to 450 Vdc 270 F to 1.0 F -10% +75% up to 100 Vdc, -10 + 50% 200 Vdc & up 6CV A (6 mA max.) at 5 minutes -20 C multiple of 25 C Z 8 for 16 - 50V, 4 for 63 - 100V, 3 for 150V and up. Ambient Temperature
45 C 2.24 55 C 2.00 60 Hz 16 - 100 V 200 - 500 V 0.90 0.90
ESL (nH)
18 23 25
Highlights
Specifications
Operating Temperature:Rated Voltage: Capacitance: Capacitance Tolerance: DC Leakage Current: Cold Impedence: Ripple Current Multipliers:
65 C 1.73
75 C 1.41
85 C 1.00
Frequency
120 Hz 1.00 1.00 300 Hz 1.15 1.25
2.5 3
1000 Hz 1.25 1.40
ESL (nH)
27 29
10 kHz 1.30 1.50
Series Inductance:
case dia (in)
1.375 1.75 2
case dia (in)
Life Endurance Test: 4,000 h at 85 C and rated voltage Capacitance 10% ESR 200% of limit DCL 100% of limit Shelf Life: 500 h @ 85 C and no voltage Capacitance 10% Complies with the EU Directive ESR 175% of limit 2002/95/EC requirement restricting DCL 200% of limit the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium Vibration: Potted: 10 to 55 Hz, 0.06" and 10g max, 1.5 h ea. of 2 axis (Cr(VI)), PolyBrominated Biphenyls Rilled: 10 to 55 Hz, 0.06" and 15g max, 1.5 h ea. of 2 axis (PBB) and PolyBrominated Diphenyl
Ethers (PBDE).
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 3188 Aluminum Electrolytic Screw Terminals
Case Dimensions, Uninsulated Bare Can
Case Code BA BB BC BD BE BF BG BH DA DB DC DD DE DF DG DH EA EB EC ED EE EF EG EH FB FC FD FE FF FG FH GC GD GE GF GG GH GJ GN Optional Weight Weight Bracket 0.031 0.79 0.062 1.157 0.014 0.356 A A (Inches) (mm) (Inches) (mm) (Inches) (mm) (Inches) (mm) (oz) (g) Part No. 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.75 1.75 1.75 1.75 1.75 1.75 1.75 1.75 2 2 2 2 2 2 2 2 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3 3 3 3 3 3 3 3 34.9 34.9 34.9 34.9 34.9 34.9 34.9 34.9 44.5 44.5 44.5 44.5 44.5 44.5 44.5 44.5 50.8 50.8 50.8 50.8 50.8 50.8 50.8 50.8 63.5 63.5 63.5 63.5 63.5 63.5 63.5 76.2 76.2 76.2 76.2 76.2 76.2 76.2 76.2 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 2.625 3.125 3.625 4.125 4.625 5.125 5.625 3.125 3.625 4.125 4.625 5.125 5.625 5.825 8.625 54.0 66.7 79.4 92.1 104.8 117.5 130.2 142.9 54.0 66.7 79.4 92.1 104.8 117.5 130.2 142.9 54.0 66.7 79.4 92.1 104.8 117.5 130.2 142.9 66.7 79.4 92.1 104.8 117.5 130.2 142.9 79.4 92.1 104.8 117.5 130.2 142.9 148.0 219.1 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.750 0.750 0.750 0.750 0.750 0.750 0.750 0.750 0.875 0.875 0.875 0.875 0.875 0.875 0.875 0.875 1.125 1.125 1.125 1.125 1.125 1.125 1.125 1.250 1.250 1.250 1.250 1.250 1.250 1.250 1.250 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 19.1 19.1 19.1 19.1 19.1 19.1 19.1 19.1 22.2 22.2 22.2 22.2 22.2 22.2 22.2 22.2 28.6 28.6 28.6 28.6 28.6 28.6 28.6 31.8 31.8 31.8 31.8 31.8 31.8 31.8 31.8 0.390 0.390 0.390 0.390 0.390 0.390 0.390 0.390 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.453 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.500 0.625 0.625 0.625 0.625 0.625 0.625 0.625 0.750 0.750 0.750 0.750 0.750 0.750 0.750 0.750 9.9 9.9 9.9 9.9 9.9 9.9 9.9 9.9 11.5 11.5 11.5 11.5 11.5 11.5 11.5 11.5 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 15.9 15.9 15.9 15.9 15.9 15.9 15.9 19.1 19.1 19.1 19.1 19.1 19.1 19.1 19.1 2.53 3.17 3.70 4.22 4.75 5.98 7.74 9.50 5.63 6.16 6.34 7.22 7.74 8.27 8.80 9.50 5.98 6.34 6.69 7.74 8.98 10.21 11.26 8.80 10.56 13.02 14.08 15.66 21.12 22.88 21.12 18.30 20.06 21.12 25.34 29.92 34.14 36.96 51.39 72 90 105 120 135 170 220 270 160 175 180 205 220 235 250 270 170 180 190 220 255 290 320 250 300 370 400 445 600 650 600 520 570 600 720 850 970 115058-06 115058-06 115058-06 115058-06 115058-06 115058-06 115058-06 115058-06 115058-15 115058-15 115058-15 115058-15 115058-15 115058-15 115058-15 115058-15 115058-09 115058-09 115058-09 115058-09 115058-09 115058-09 115058-09 115058-09 115058-14 115058-14 115058-14 115058-14 115058-14 115058-14 115058-14 115058-11 115058-11 115058-11 115058-11 115058-11 115058-11 Diameter (D) Length (L) Pitch (P) Plug (A) Typical
1050 115058-11 1460 115058-11
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 3188 Aluminum Electrolytic Screw Terminals
Outline Drawing
Case Dimensions Insulation Adders
Diameter (D) (in) 0.008" PVC 0.012" PVC 0.02 0.03 (mm ) 0.51 0.63 Length (L) (in) 0.032 0.062 (mm ) 0.81 1.58
Terminal Dimensions
For Case Terminal Style Low Post High Post High Current, Low High Current, High M5 Post, Small M6 Low Post Diameters Code 1 to 3 1 to 3 21/2 & 3 21/2 & 3 1 to 2 3 B A D K M J Post Diameter in mm 0.314 8.0 0.314 8.0 0.684 17.4 0.684 17.4 0.314 8.0 0.684 17.4 H max in mm Thread 10-32 10-32 1/4-28 1/4-28 M5 M6 0.094 2.4 0.281 7.1 0.125 3.2 0.281 7.1 0.281 7.1 0.125 3.2 min Full Thread in 0.218 0.375 0.344 0.469 0.375 0.344 mm 5.5 9.5 8.7 11.9 9.5 8.7 Torque in*lb 25 25 60 60 25 60 N*m 2.82 2.82 6.78 6.78 2.82 6.78
Part Numbering System
3188 GH 562 T 400 Voltage M
Click here to see Hardware & Mounting Options
P Insulation P=0.008" PVC H=0.012" PVC with mounting clamp/bracket R=0.008" PVC J=0.012" PVC
A1 Construction* A1=potted R1=rilled S1=stud & potted** T1=stud & rilled**
Type Case Code Capacitance Tolerance
* Construction code is also a sequence number, e.g., A1, A2,---,A9, B1,B2,---, for customer specifications. Sequence number 1 in A1, R1, S1 and T1 denotes the standard catalog capacitor with no special requirements. **Mounting stud not available for 1.375" diameter cases, case codes BA, BC and BE
562=5600 F M= 20% 016=16 Vdc 223=22000 F S= -10 +30% 450=450 Vdc 821=820 F T= -10 +50% U= -10 +75%
Terminal A=high post B=low post D=high current low post K=high current high post M=M5 high post J=M6 low post
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 3188 Aluminum Electrolytic Screw Terminals
Ratings
Capacitance (F) 22000 39000 56000 82000 120000 150000 150000 220000 270000 330000 330000 390000 470000 820000 1000000 12000 22000 33000 56000 82000 100000 120000 120000 150000 180000 180000 220000 270000 470000 8200 12000 18000 27000 47000 56000 68000 68000 82000 100000 100000 120000 150000 270000 ESR max 120 Hz, Ripple max Case Size Catalog 25C 120 Hz, 85 C DxL Part Number (m) potted (A)rilled(A) (in) 16 Volts (20 Volts Surge) 3188BA223U016APA1 10.0 10.5 3188BC393U016APA1 7.0 15.2 3188BE563U016APA1 6.0 18.9 3188EC823U016APA1 6.0 21.4 3188EE124U016APA1 6.0 26.5 3188EG154U016APA1 4.0 27.0 3188EH154U016APA1 4.0 27.3 3188FE224U016DPA1 3.0 38.9 3188FF274U016DPA1 3.0 42.5 3188FH334U016DPA1 3.0 45.0 3188GE334U016DPA1 3.0 43.9 3188GF394U016DPA1 3.0 44.2 3188GH474U016DPA1 2.0 44.6 3188GN824U016DPA1 2.0 46.3 3188GN105U016DPA1 2.0 46.3 25 Volts (30 Volts Surge) 3188BA123U025APA1 32.0 6.0 3188BC223U025APA1 22.0 8.6 3188BE333U025APA1 17.0 10.8 3188EC563U025APA1 7.0 18.8 3188EE823U025APA1 5.0 24.8 3188EG104U025APA1 5.0 27.0 3188EH124U025APA1 4.0 27.3 3188FE124U025DPA1 5.0 31.0 3188FF154U025DPA1 4.0 33.6 3188FH184U025DPA1 4.0 36.9 3188GE184U025DPA1 4.0 36.8 3188GF224U025DPA1 4.0 40.7 3188GH274U025DPA1 4.0 43.8 3188GN474U025DPA1 3.0 46.3 40 Volts (50 Volts Surge) 3188BA822U040APA1 39.0 3188BC123U040APA1 27.0 3188BE183U040APA1 20.0 3188EC273U040APA1 9.0 3188EE473U040APA1 6.0 3188EG563U040APA1 5.0 3188EH683U040APA1 5.0 3188FE683U040DPA1 5.0 3188FF823U040DPA1 5.0 3188FH104U040DPA1 5.0 3188GE104U040DPA1 5.0 3188GF124U040DPA1 4.0 3188GH154U040DPA1 4.0 3188GN274U040DPA1 3.0 5.4 7.8 9.9 17.0 22.1 27.0 27.3 28.3 31.0 34.2 33.3 37.2 41.1 46.3 12.00 17.00 21.00 24.00 30.00 30.00 30.00 44.00 48.00 50.00 50.00 50.00 50.00 50.00 50.00 6.80 9.60 12.00 21.00 28.00 30.00 30.00 35.00 38.00 41.00 42.00 46.00 49.00 50.00 6.10 8.70 11.00 19.00 25.00 30.00 30.00 32.00 35.00 38.00 38.00 42.00 46.00 50.00 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 5.125 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 5.125 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 5.125 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 Capacitance (F) 6800 10000 15000 27000 39000 47000 56000 56000 68000 82000 82000 100000 120000 220000 4700 6800 10000 18000 27000 33000 39000 39000 47000 56000 56000 68000 82000 150000 2700 4700 6800 12000 18000 22000 27000 27000 33000 39000 39000 47000 56000 100000 ESR max 120 Hz, Ripple max Catalog 25C 120 Hz, 85 C Part Number (m) potted (A) rilled(A) 50 Volts (63 Volts Surge) 3188BA682U050APA1 42.0 5.2 3188BC103U050APA1 28.0 7.5 3188BE153U050APA1 21.0 9.9 3188EC273U050APA1 15.0 12.5 3188EE393U050APA1 11.0 16.8 3188EG473U050APA1 10.0 18.9 3188EH563U050APA1 9.0 21.8 3188FE563U050APA1 8.0 23.0 3188FF683U050APA1 7.0 25.7 3188FH823U050DPA1 6.0 30.6 3188GE823U050DPA1 6.0 28.1 3188GF104U050DPA1 6.0 31.9 3188GH124U050DPA1 5.0 34.8 3188GN224U050DPA1 4.0 46.3 63 Volts (75 Volts Surge) 3188BA472U063APA1 42.0 5.2 3188BC682U063APA1 29.0 7.5 3188BE103U063APA1 21.0 9.9 3188EC183U063APA1 15.0 12.5 3188EE273U063APA1 11.0 16.8 3188EG333U063APA1 9.0 20.7 3188EH393U063APA1 9.0 22.7 3188FE393U063APA1 8.0 23.0 3188FF473U063APA1 7.0 24.8 3188FH563U063DPA1 7.0 27.9 3188GE563U063DPA1 7.0 28.1 3188GF683U063DPA1 6.0 31.9 3188GH823U063DPA1 5.0 34.8 3188GN154U063DPA1 4.0 46.3 75 Volts (95 Volts Surge) 3188BA272U075APA1 3188BC472U075APA1 3188BE682U075APA1 3188EC123U075APA1 3188EE183U075APA1 3188EG223U075APA1 3188EH273U075APA1 3188FE273U075APA1 3188FF333U075APA1 3188FH393U075DPA1 3188GE393U075DPA1 3188GF473U075DPA1 3188GH563U075DPA1 3188GN104U075DPA1 46.0 30.0 22.0 16.0 12.0 10.0 9.0 8.0 7.0 6.0 6.0 6.0 5.0 4.0 5.0 7.3 9.0 12.5 15.9 19.8 21.8 22.1 24.8 29.7 28.9 31.0 36.6 46.3 5.90 8.40 11.00 14.00 19.00 21.00 24.00 26.00 29.00 34.00 32.00 36.00 39.00 50.00 5.90 8.40 11.00 14.00 19.00 23.00 25.00 26.00 28.00 31.00 32.00 36.00 39.00 50.00 5.70 8.20 10.00 14.00 18.00 22.00 24.00 25.00 28.00 33.00 33.00 35.00 41.00 50.00 Case Size DxL (in) 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 5.125 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 5.125 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625 1.375 X 2.125 1.375 X 3.125 1.375 X 4.125 2.00 X 3.125 2.00 X 4.125 2.00 X 5.125 2.00 X 5.625 2.50 X 4.125 2.50 X 4.625 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 3188 Aluminum Electrolytic Screw Terminals
Capacitance (F) 1800 2700 4700 6800 10000 12000 15000 18000 22000 22000 27000 27000 39000 56000 680 1200 1800 2700 3900 4700 5600 6800 8200 10000 10000 12000 15000 22000 470 820 1200 1800 2700 3300 3900 4700 5600 ESR max 120 Hz, Ripple max Case Size Catalog 25C 120 Hz, 85 C DxL Part Number (m) potted (A) rilled (A) (in) 100 Volts (125 Volts Surge) 3188BA182U100APA1 79.0 3.5 3188BC272U100APA1 51.0 5.3 3188BE472U100APA1 32.0 8.0 3188EC682U100APA1 64.0 6.1 3188EE103U100APA1 38.0 8.9 3188EG123U100APA1 34.0 9.9 3188EH153U100APA1 28.0 11.8 3188FE183U100APA1 18.0 15.0 3188FF223U100APA1 14.0 17.7 3188FH223U100APA1 25.0 13.5 3188GE273U100APA1 13.0 19.3 3188GF273U100APA1 20.0 19.5 3188GH393U100AA1 16.0 16.1 3188GN563U100APA1 14.0 23.1 200 Volts (250 Volts Surge) 3188BA681T200APA1 130.0 2.5 3188BC122T200APA1 76.0 3.7 3188BE182T200APA1 53.0 6.2 3188EC272T200APA1 76.0 5.5 3188EE392T200APA1 51.0 7.5 3188EG472T200APA1 36.0 9.9 3188EH562T200APA1 20.0 13.6 3188FE682T200APA1 24.0 12.4 3188FF822T200APA1 21.0 14.2 3188FH103T200APA1 17.0 18.0 3188GE103T200APA1 25.0 14.0 3188GF123T200APA1 22.0 15.9 3188GH153T200APA1 19.0 18.8 3188GN223T200APA1 15.0 23.1 250 Volts (300 Volts Surge) 3188BA471T250APA1 3188BC821T250APA1 3188BE122T250APA1 3188EC182T250APA1 3188EE272T250APA1 3188EG332T250APA1 3188EH392T250APA1 3188FE472T250APA1 3188FF562T250APA1 130.0 86.0 54.0 76.0 52.0 22.0 19.0 25.0 20.0 2.5 4.2 6.1 6.2 7.4 12.6 14.5 12.4 14.2 4.00 1.375 X 2.125 5.90 1.375 X 3.125 8.90 1.375 X 4.125 6.80 2.00 X 3.125 10.00 2.00 X 4.125 11.00 2.00 X 5.125 13.00 2.00 X 5.625 17.00 2.50 X 4.125 20.00 2.50 X 4.625 15.00 2.50 X 5.625 22.00 3.00 X 4.125 18.00 3.00 X 4.625 21.00 3.00 X 5.625 25.00 3.00 X 8.625 2.90 1.375 X 2.125 4.10 1.375 X 3.125 6.90 1.375 X 4.125 6.20 2.00 X 3.125 8.50 2.00 X 4.125 11.00 2.00 X 5.125 15.00 2.00 X 5.625 14.00 2.50 X 4.125 16.00 2.50 X 4.625 20.00 2.50 X 5.625 16.00 3.00 X 4.125 18.00 3.00 X 4.625 21.00 3.00 X 5.625 25.00 3.00 X 8.625 2.90 1.375 X 2.125 4.70 1.375 X 3.125 6.80 1.375 X 4.125 6.90 2.00 X 3.125 8.40 2.00 X 4.125 14.00 2.00 X 5.125 16.00 2.00 X 5.625 14.00 2.50 X 4.125 16.00 2.50 X 4.625 Capacitance (F) 6800 6800 8200 10000 12000 330 560 820 1200 1800 2200 2700 2700 3300 3900 3900 4700 5600 10000 270 470 680 1000 1500 1800 2200 2200 2700 3300 3300 3900 4700 8200 1000 1500 2200 3300 3900 ESR max 120 Hz, Ripple max Case Size Catalog 25C 120 Hz, 85 C DxL Part Number (m) potted (A) rilled (A) (in) 250 Volts (300 Volts Surge) 3188FH682T250APA1 17.0 16.2 3188GE682T250APA1 17.0 15.8 3188GF822T250APA1 24.0 14.2 3188GH103T250APA1 18.0 18.8 3188GN123T250APA1 16.0 23.1 350 Volts (400 Volts Surge) 3188BA331T350APA1 290.0 1.7 3188BC561T350APA1 191.0 2.6 3188BE821T350APA1 129.0 3.8 3188EC122T350APA1 122.0 4.5 3188EE182T350APA1 74.0 6.5 3188EG222T350APA1 49.0 8.2 3188EH272T350APA1 39.0 9.0 3188FE272T350APA1 47.0 8.9 3188FF332T350APA1 39.0 10.6 3188FH392T350APA1 34.0 11.7 3188GE392T350APA1 34.0 11.4 3188GF472T350APA1 34.0 12.4 3188GH562T350APA1 28.0 14.3 3188GN103T350APA1 18.0 23.1 400 Volts (450 Volts Surge) 3188BA271T400APA1 333.0 1.5 3188BC471T400APA1 224.0 2.6 3188BE681T400APA1 134.0 3.7 3188EC102T400APA1 127.0 4.3 3188EE152T400APA1 63.0 6.9 3188EG182T400APA1 53.0 7.9 3188EH222T400APA1 45.0 8.9 3188FE222T400APA1 45.0 8.7 3188FF272T400APA1 47.0 9.5 3188FH332T400APA1 35.0 11.7 3188GE332T400APA1 35.0 11.4 3188GF392T400APA1 37.0 11.5 3188GH472T400APA1 31.0 13.4 3188GN822T400APA1 24.0 20.4 450 Volts (525 Volts Surge) 3188EE102T450APA1 3188EG152T450APA1 3188FF222T450APA1 3188GF332T450APA1 3188GH392T450APA1 102.0 70.0 46.0 34.0 22.0 4.9 6.7 9.3 12.2 17.1 18.00 18.00 16.00 21.00 25.00 2.50 X 5.625 3.00 X 4.125 3.00 X 4.625 3.00 X 5.625 3.00 X 8.625
1.90 1.375 X 2.125 2.90 1.375 X 3.125 4.20 1.375 X 4.125 5.00 2.00 X 3.125 7.30 2.00 X 4.125 9.10 2.00 X 5.125 10.00 2.00 X 5.625 10.00 2.50 X 4.125 12.00 2.50 X 4.625 13.00 2.50 X 5.625 13.00 3.00 X 4.125 14.00 3.00 X 4.625 16.00 3.00 X 5.625 25.00 3.00 X 8.625 1.70 1.375 X 2.125 2.90 1.375 X 3.125 4.10 1.375 X 4.125 4.80 2.00 X 3.125 7.80 2.00 X 4.125 8.80 2.00 X 5.125 9.80 2.00 X 5.625 9.80 2.50 X 4.125 10.70 2.50 X 4.625 13.00 2.50 X 5.625 13.00 3.00 X 4.125 13.00 3.00 X 4.625 15.00 3.00 X 5.625 22.00 3.00 X 8.625 5.50 7.40 10.50 13.80 19.10 2.00 X 4.125 2.00 X 5.125 2.50 X 4.625 3.00 X 4.625 3.00 X 5.625
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 3188BE122T250APA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X