Part Number Hot Search : 
G1200 98120 SPM1423 00207 F9234 U664B SR2N7 01040
Product Description
Full Text Search
 

To Download 225P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 225P
Vishay Sprague
Polyester Capacitors Filmite(R) "E", ORANGE DROP(R), Radial Lead
FEATURES
* Utilizes minimum area where printed wiring board space is most important * Wound from PETP polyester film and thin gauge RoHS foil under carefully controlled atmospheric COMPLIANT conditions * Protected against moisture by a conformal coating of epoxy * Specifically designed for printed wiring board applications * Widely used in computers, instrumentation and telecommunications equipment * 100 VDC through 600 VDC, may be operated up to + 125 C with proper dearting
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 C to + 85 C To + 105 C when working voltage is reduced to 70 % of + 85 C rating; to + 125 C when working voltage is reduced to 50 % of 85 C rating Insulation Resistance: After a 2 minute charge at rated voltage or 500 V, whichever is less. At + 25 C: 100 000 Megohm for C 0.25 Microfarads 25000 Megohm - Microfarads for C > 0.25 Microfarads At + 85 C: 10 000 Megohm for C 0.15 Microfarads 1500 Megohm - Microfarads for C > 0.15 Microfarads At + 105 C: 1500 Megohm for C 0.17 Microfarads 250 Megohm - Microfarads for C > 0.17 Microfarads At + 125 C: 200 Megohm for C 0.13 Microfarads 25 Megohm - Microfarads for C > 0.13 Microfarads Capacitance Tolerance and Dissipation Factor: Capacitors shall be measured at a frequency of 1000 Hz at + 25 C or else be referred to measurements made at that frequency and temperature. The maximum dissipation factor shall be 0.75 % Dielectric Withstanding Voltage: Capacitors shall withstand a DC potential of 250 % of rated voltage applied between terminals for not more than 5 seconds. The test voltage must be applied and discharged through a resistor of 1 ohm per volt. Humidity Test: Condition capacitors with no voltage applied for 72 hours at 95 % relative humidity and + 75 C. Remove capacitors from humidity chamber, wipe surface dry of moisture and dry in circulating air for 4 hours. Measure insulation resistance after a 2 minute charge at 25 C and rated voltage or 500 VDC, whichever is less. Minimum product of insulation resistance and capacitance shall be 5000 Megohm - Microfarads after test but need not exceed 10 000 Megohm. Not more than one failure allowed in 12 units tested. DC Life Test: Capacitance are capable of withstanding a 500 hour life test at + 85 C at 150 % of rated working voltage. After test, capacitance shall not have changed by more than 5 % of initial value, insulation resistance shall not have decreased by more than 50 % of the initial limit and dissipation factor shall not have increased to more than 1 %.
DIMENSIONS in inches [millimeters]
L Max. 0.237 " [6.020] Max. Lead Length Lead Length L Max. 0.237 [6.020] Max. H Max. 0.237 [6.020] Max. L Max. T Max.
Lead Length
Tinned Copper-Clad Steel 0.032 [0.813] Dia. (No. 20 AWG) S 0.060 [1.524] S 0.030 [0.762] S 0.030 [0.762]
Terminal A
Terminal B
Terminal D
CASE CODE W X Y Document Number: 42016 Revision: 19-Feb-07
L (Max.) 0.70 [17.78] 0.80 [20.32] 1.25 [31.75]
S Terminal A and B 0.562 [14.275] 0.613 [15.570] 0.969 [24.613] Terminal D 0.375 [9.525] 0.375 [9.525] 0.719 [18.263] www.vishay.com 25
For technical questions, contact: spresale@vishay.com
Type 225P
Vishay Sprague
Polyester Capacitors Filmite(R) "E", ORANGE DROP(R), Radial Lead
DISSIPATION FACTOR VS.TEMPERATURE
1.5
% DISSIPATION/1000 Hz
CAPACITANCE CHANGE
16 14 12 10 CAPACITANCE CHANGE ENVELOPE 8 FOR 96 % CONFIDENCE LEVEL 6 4 2 0 2 4 6 - 55 - 40 - 25 0 + 25 + 50 + 75 + 85 + 105 + 125 - 50 + 100 TEMPERATURE DEG. CENTIGRADE
% CAPACITANCE CHANGE/1000 Hz
1.0
TYPICAL
0.5
0 - 55 - 40 - 25 - 50
0
+ 25 + 50 + 75 + 85 + 105 + 125 + 100
TEMPERATURE DEG. CENTIGRADE
STANDARD RATINGS*
SIZE L H T 100 VDC/70 VAC** 0.001 225P10291W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.0012 225P12291W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.0015 225P15291W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.0018 225P18291W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.0022 225P22291W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.0027 225P27291W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.0033 225P33291W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.0039 225P39291W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.0047 225P47291W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.0056 225P56291W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.0068 225P68291W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.0082 225P82291W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.01 225P10391W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.012 225P12391W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.015 225P15391W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.018 225P18391W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.022 225P22391W 0.70 [17.78] 0.35 [8.89] 0.25 [6.35] 0.027 225P27391W 0.70 [17.78] 0.37 [9.40] 0.27 [6.86] 0.033 225P33391W 0.70 [17.78] 0.37 [9.40] 0.27 [6.86] 0.039 225P39391W 0.70 [17.78] 0.42 [10.67] 0.30 [7.62] 0.047 225P47391W 0.70 [17.78] 0.42 [10.67] 0.30 [7.62] 0.056 225P56391W 0.70 [17.78] 0.49 [12.45] 0.34 [8.64] 0.068 225P68391W 0.70 [17.78] 0.49 [12.45] 0.34 [8.64] 0.082 225P82391W 0.70 [17.78] 0.55 [13.97] 0.40 [10.16] 0.1 225P10491W 0.70 [17.78] 0.55 [13.97] 0.40 [10.16] 0.12 225P12491X 0.80 [20.32] 0.57 [14.48] 0.37 [9.40] 0.15 225P15491X 0.80 [20.32] 0.62 [15.75] 0.40 [10.16] 0.18 225P18491X 0.80 [20.32] 0.66 [16.76] 0.43 [10.92] 0.22 225P22491X 0.80 [20.32] 0.70 [17.78] 0.46 [11.68] 0.27 225P27491X 0.80 [20.32] 0.74 [18.80] 0.49 [12.45] 0.33 225P33491X 0.80 [20.32] 0.77 [19.56] 0.52 [13.21] 0.39 225P39491X 0.80 [20.32] 0.81 [20.57] 0.55 [13.97] 0.47 225P47491X 0.80 [20.32] 0.86 [21.84] 0.60 [15.24] 0.56 225P56491Y 1.25 [31.75] 0.88 [22.35] 0.55 [13.97] 0.68 225P68491Y 1.25 [31.75] 0.90 [22.86] 0.58 [14.73] 0.82 225P82491Y 1.25 [31.75] 0.94 [23.88] 0.65 [16.51] 1.0 225P10591Y 1.25 [31.75] 0.98 [24.89] 0.72 [18.29] * Parts ordered with D3 leads are standard capacitors in stock and available through the Sprague(R) Distribution Network. For complete Part Number, add letter and number for terminal and lead length. See Ordering Information (Ex: 225P39391WD3). ** 60 Hz rms PART NUMBER www.vishay.com 26 For technical questions, contact: spresale@vishay.com Document Number: 42016 Revision: 19-Feb-07 F 10 % TOLERANCE
Type 225P
Polyester Capacitors Filmite(R) "E", ORANGE DROP(R), Radial Lead
STANDARD RATINGS* in inches [millimeters]
F 10 % TOLERANCE 0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 0.015 0.022 0.033 0.047 0.068 0.1 0.1 0.15 0.22 0.33 0.47 0.68 0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 0.015 0.022 0.033 0.047 0.047 0.068 0.1 0.1 0.15 0.22 0.33 0.47 PART NUMBER 225P10292X 225P15292X 225P22292X 225P33292X 225P47292X 225P68292X 225P10392X 225P15392X 225P22392X 225P33392X 225P47392X 225P68392X 225P10492X 225P10492Y 225P15492X 225P22492X 225P33492Y 225P47492Y 225P68492Y 225P10294X 225P15294X 225P22294X 225P33294X 225P47294X 225P68294X 225P10394X 225P15394X 225P22394X 225P33394X 225P47394X 225P47394Y 225P68394X 225P10494X 225P10494Y 225P15494Y 225P22494Y 225P33494Y 225P47494Y L 200 VDC/140 VAC** 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 1.25 [31.75] 0.80 [20.32] 0.80 [20.32] 1.25 [31.75] 1.25 [31.75] 1.25 [31.75] 400 VDC/200 VAC** 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 1.25 [31.75] 0.80 [20.32] 0.80 [20.32] 1.25 [31.75] 1.25 [31.75] 1.25 [31.75] 1.25 [31.75] 1.25 [31.75] SIZE H 0.55 [13.97] 0.55 [13.97] 0.55 [13.97] 0.55 [13.97] 0.55 [13.97] 0.58 [14.73] 0.58 [14.73] 0.58 [14.73] 0.58 [14.73] 0.61 [15.49] 0.61 [15.49] 0.64 [16.26] 0.71 [18.03] 0.64 [16.26] 0.74 [18.80] 0.77 [19.56] 0.71 [18.03] 0.83 [21.08] 1.14 [28.96] 0.55 [13.97] 0.55 [13.97] 0.55 [13.97] 0.55 [13.97] 0.55 [13.97] 0.58 [14.73] 0.58 [14.73] 0.58 [14.73] 0.58 [14.73] 0.65 [16.51] 0.65 [16.51] 0.64 [16.26] 0.80 [20.32] 0.84 [21.34] 0.74 [18.80] 0.80 [20.32] 0.89 [22.61] 0.99 [25.15] 1.14 [28.96] T 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.28 [7.11] 0.28 [7.11] 0.31 [7.87] 0.37 [9.40] 0.31 [7.87] 0.41 [10.41] 0.48 [12.19] 0.41 [10.41] 0.50 [12.70] 0.84 [21.34] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.28 [7.11] 0.28 [7.11] 0.31 [7.87] 0.34 [8.64] 0.41 [10.41] 0.31 [7.87] 0.47 [11.94] 0.52 [13.21] 0.41 [10.41] 0.47 [11.94] 0.56 [14. 22] 0.72 [18.29] 0.84 [21.34]
Vishay Sprague
* Parts ordered with D3 leads are standard capacitors in stock and available through the Sprague(R) Distribution Network. For complete Part Number, add letter and number for terminal and lead length. See How to Order (Ex: 225P39391WD3). ** 60 Hz rms
Document Number: 42016 Revision: 19-Feb-07
For technical questions, contact: spresale@vishay.com
www.vishay.com 27
Type 225P
Vishay Sprague
Polyester Capacitors Filmite(R) "E", ORANGE DROP(R), Radial Lead
STANDARD RATINGS* in inches [millimeters]
F 10 % TOLERANCE 0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 0.015 0.018 0.022 0.033 0.039 0.047 0.068 0.1 0.22 PART NUMBER 225P10296X 225P15296X 225P22296X 225P33296X 225P47296X 225P68296X 225P10396X 225P15396X 225P18396X 225P22396X 225P33396X 225P39396X 225P47396X 225P68396Y 225P10496Y 225P22496Y L 600 VDC/200 VAC** 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 0.80 [20.32] 1.25 [31.75] 1.25 [31.75] 1.25 [31.75] SIZE H 0.55 [13.97] 0.55 [13.97] 0.55 [13.97] 0.55 [13.97] 0.58 [14.73] 0.58 [14.73] 0.64 [16.26] 0.67 [17.02] 0.74 [18.80] 0.74 [18.80] 0.77 [19.56] 0.83 [21.08] 0.83 [21.08] 0.82 [20.83] 0.91 [23.11] 1.10 [27.94] T 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.25 [6.35] 0.31 [7.87] 0.34 [8.64] 0.37 [9.40] 0.37 [9.40] 0.44 [11.18] 0.50 [12.70] 0.50 [12.70] 0.47 [11.94] 0.56 [14.22] 0.76 [19.30]
* Parts ordered with D3 leads are standard capacitors in stock and available through the Sprague(R) Distribution Network. For complete Part Number, add letter and number for terminal and lead length. See How to Order (Ex: 225P39391WD3). * 60 Hz rms
ORDERING INFORMATION
225P TYPE 104 CAPACITANCE Capacitance is expressed in picofarads. The first two digits are significant. The third is the number of zeros to follow. Values must conform to Decade Rating for the tolerance specified. 9 1 TOLERANCE DC VOLTAGE RATING 0 = 20 % 9 = 10 % 5 = 50 % This is expressed in hundred of volts. W CASE CODE D TERMINAL 3 LEAD LENGTH (-XXX) SPECIAL CONSTRUCTION A three-digit suffix may be added by the factory to denote special construction.
1 = 0.187" 0.030" See Dimensional A = Straight Lead [4.750 0.762] Configurations. B = Hairpin Crimped D = Hockey Crimped 2 = 0.250" 0.030" [6.350 0.762] 3 = 1.250" [31.750] Minimum
Note: Some Part Numbers are in stock and available through the Vishay Sprague(R) Distribution Network. Other Part Numbers are available on special order through Vishay Sprague(R) Distribution. In the construction of the components described, the full intent of the specification will be met. Vishay however, reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the design of its products. The information included herein is believed to be accurate and reliable. However, Vishay Sprague(R) assumes no responsibility for its use nor for any infringements of patens of other rights of third parties which may result from its use.
www.vishay.com 28
For technical questions, contact: spresale@vishay.com
Document Number: 42016 Revision: 19-Feb-07
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 225P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X