Part Number Hot Search : 
ADS15K PS200 L11815A ERIES 89247 Q1205 84C641 MPC2004
Product Description
Full Text Search
 

To Download 212T01N224FD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 212
(R)
CTS 212 Rotary Switches
Features
* Hill and valley detent * Balanced double bump detent spring * Excellent feel * 30 or 60 indexing * Spring return styles available * Adjustable stop available * Solder lug and printed circuit terminals available * Molded stator prevents solder from flowing into the circuit * Custom switching patterns available * Index or wafers are available separately * RoHS compliant
Electrical and Mechanical Specifications
Indexing Bushing Lengths Standard: 3/8"-32 UNEF-2A Thread,1/4" (6.35mm) Double bump spring hill and valley detent with standand or 3/8" (9.53mm) long. 30 indexing for 2 through 12 positions or with special Special Lengths: Available as required 60 indexing from 2 to 6 positions. Special 90 indexing consult CTS Locating Lugs Voltage and Current Rating Standard:Left side .531" (13.5mm) radius UL Rating: 3/4 amp at 125 VAC (shorting type only) Special:Right side .531" (13.5mm) radius or no lug Special Rating: 1/4 amp at 28 VDC (shorting or non shorting) Shaft Trim 1 amp at 28 VDC (shorting type only) Standard:Plain round Contact Resistance Special:Flat, slot, knurl, or mixed (flat with slot) 15 milliohms max. when measured from adjacent terminals Frames Stop Strength Machine screw, bolt & nut, or rivet construction 15 in-lb (17.3Kgf-cm). Torque Lubrication Up to 48 in-oz. (3.5Kgf-cm). Special lubrication is used sufficient for the life of the index assembly under normal hand operation. Detent Rotational Life Standard:25,000 cycles through 12 positions and return at 10 cycles per minute. Materials Shaft:Aluminum or unplated brass at CTS option Bushing:Standard -- Brass Detent Spring: Spring brass or nickel silver depending on torque requirements Front Plate: Zinc plated or nickel plated plated steel at CTS option Rotor Contacts, Stator Contacts and Terminals: Silver plated brass standard Stator Insulator: Glass reinforced thermoset material
1-3 CTS Electronic Components
(c) 2007 CTS Corporation. All rights reserved. Information subject to change.
01/19/07
www.ctscorp.com
Physical Dimensions
7.12 .280 1.98 .078 "A" 3.56 .140
0.4 .016
9.12 .359
28.6 1.125
1.98 .078 L A
6.35 .250 *
3/8"-32 UNEF 2A THD.
26.98 1.062
33.3
1.312
6.35 .250 3.18 .125
O6.35 .250
"L"
0.8 .031
3.2 .125
13.5 .531
* NOTE : 10.82/.426 DIMENSION BASED UPON USE OF ONE 6.35/.250 SPACE NO SPACERS OR SPACERS OF NUMEROUS LENGTHS ARE AVAILABLE TO PROVIDE PIN SPACINGS AS REQ'D 11.35 .447 10.82 .426 *
DIMENSION:
mm INCH
Detent Only
Typical Assembled Switch
Available Terminal Styles
36.6 1.44 39.95 .687 5.74 .226 (7) 1.573 26.98 1.062 36.44 1.433 38.0 1.496 3.7 .146 17.44 .687 2.54 .100 (13)
21.0 17.44 26.2 1.03 22.1 .870 .687
.827
17.44
X-Style Y-Style
O38.76 TO OUTSIDE 1.526 OF TERMINALS
33.32
13.49
.531
O1.98
.076
HOLE @ 15 AS REQUIRED
1.312
15
26.98
1.062
R15.09
.594
2-CLEARANCE HOLES FOR #4-40 PANHEAD SCREWS P.C. BOARD MOUNTING HOLE
T-Style
O2.940.05 (2)THR. HOLE .116.002
7.88 .310
7.09 .279
4.46 .176
4.95 .279
1.28 .050 2.79 .110
U-Style
DIMENSION: mm INCH
P-Style
2-3 CTS Electronic Components
(c) 2007 CTS Corporation. All rights reserved. Information subject to change.
01/19/07
www.ctscorp.com
Ordering Information
212
T
01 02
POLES 01 - 1 POLE 10 - 10 POLES ETC.
N
CONTACT TYPE N - NON SHORTING S - SHORTING
(BREAK BEFORE MAKE)
2
20
SHAFT FMS 1/32" INCREMENTS 20 - .625" (15.9mm) 24 - .750" (19.1mm) 28 - .875" (22.2mm) 32 - 1.000" (25.4mm)
R
N
SPECIALS N - NONE D - NO LOCATING LUG E - LOCATING LUG RIGHT SIDE
1
INDEX OR ADJUSTABL STOP BLANK - STANDARD 1 - 60 INDEX 2 - 30 INDEX WITH ADJUSTABLE STOP 3 - 60 INDEX WITH ADJUSTABLE STOP
(BREAK BEFORE MAKE)
MOUNTING STYLE TERMINAL STYLE T - SOLDER LUG X - PC U - PCFORMED TO REAR P - PC WITH .100" (2.54mm) SPACING Y - X STYLE WITH .870" (22.1mm) MEIGHT STAND OFF. BUSHING LENGTH: 1/8" INCREMENTS POSITIONS 02 - 2 POSITIONS 12 - 12 POSITIONS, ETC. EXAMPLES: 2 - .250" (6.35mm) 3 - .375" (9.5mm) BUSHING MOUNT SUPPLIED WITH LOCATING LUG LEFT SIDE TERMINALS DOWN SHAFT TRIM
R - ROUND F - FLATTED .375" X .156" (9.53mm X 4.0mm) K - KNURLED EIA S148(24 TEETH) S - SD SLOT .047" WIDE X .063" DEEP (1.2mm X 1.6mm) M - FLATTED .375" X .218" (9.53mm X 5.54mm) WITH SLOT
3-3 CTS Electronic Components
(c) 2007 CTS Corporation. All rights reserved. Information subject to change.
01/19/07
www.ctscorp.com


▲Up To Search▲   

 
Price & Availability of 212T01N224FD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X