Part Number Hot Search : 
SMBG15A BC847DS THI0512 MB91103 0TFI023 MIC2586 BLF88 C68HC11
Product Description
Full Text Search
 

To Download 212T0102N320KB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 212
(R)
CTS 212 Rotary Switch
* Hill and valley detent * Balanced double bump detent spring * Excellent feel * 30, 60 or 90 indexing * Spring return styles available * Adjustable stop available * Solder lug and printed circuit terminals available * Molded stator prevents solder from flowing into the circuit * Custom switching patterns available * Index or wafers are available separately
Electrical and Mechanical Specifications
Indexing Double bump spring hill and valley detent with 30 indexing for 2 through 12 positions or 60 indexing from 2 to 6 positions. 90 indexing -consult CTS Voltage and Current Rating UL Rating: 3/4 amp at 125 VAC (shorting type only) Special Rating: 1/4 amp at 28 VDC (shorting or non shorting) 1 amp at 28 VDC Shorting Contact Resistance 0.008 to 0.010 ohm when measured from adjacent terminals Stop Strength 15" lbs (17.3Kg-cm). Torque Up to 48" oz. (3.5Kg-cm). Detent Rotational Life Standard: 25,000 cycles through 12 positions and return at 10 cycles per minute. Materials Shaft: Aluminum or unplated brass at CTS option Bushing: Standard -- Brass Materials (continued) Detent Spring: Spring brass or nickel silver depending on torque requirements Front Plate: Zinc plated or nickel steel at CTS option Rotor Contacts, Stator Contacts and Terminals: Silver plated brass standard Stator Insulator: Glass reinforced thermoset material Bushing Lengths Standard: 3/8"-32 UNEF-2A Thread, 1/4" (6.35mm) or 3/8" (9.53mm) long. Special Lengths: Available as required -- Brass Locating Lugs Standard: Left side .531" (13.5mm) radius Special: Right side .531" (13.5mm) radius or no lug Shaft Trim Standard: Plain round Special: Flat, slot, knurl, or mixed (flat with slot) Frames Machine screw, bolt & nut, or rivet construction Lubrication Special lubrication is used sufficient for the life of the index assembly under normal hand operation.
Technical Data Sheet 1448C Technical Data Sheet 4212
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Physical Dimensions
DIMENSION:
MM INCH
Detent Only
Typical Assembled Switch
MM INCH
Available Terminal Styles
DIMENSION:
T-Style
P-Style
X-Style
U-Style
Ordering Information
212
DETENT STYLE 30 INDEX 212 - HILL & VALLEY
T
01
POLES 01 - 1 POLE 10 - 10 POLES ETC.
02
N
CONTACT TYPE N - NON SHORTING
(BREAK BEFORE MAKE)
2
20
SHAFT FMS 1/32" INCREMENTS 20 - .625" (15.9MM) 24 - .750" (19.1MM) 28 - .875" (22.2MM) 32 - 1.000" (25.4MM)
R
N
SPECIALS N - NONE A - ADJUSTABLE STOP B - 60 INDEX C - 90 INDEX D - NO LOCATING LUG E - LOCATING LUG RIGHT SIDE
S - SHORTING
(MAKE BEFORE BREAK)
MOUNTING STYLE TERMINAL STYLE T - SOLDER LUG X - PC U - PC FORMED TO REAR P - X STYLE WITH .100" (2.54MM) SPACING BUSHING LENGTH: 1/8" INCREMENTS POSITIONS 02 - 2 POSITIONS 12 - 12 POSITIONS, ETC. EXAMPLES: 2 - .250" (6.35MM) 3 - .375" (9.5MM) BUSHING MOUNT SUPPLIED WITH LOCATING LUG LEFT SIDE TERMINALS DOWN
SHAFT TRIM R - ROUND F - FLATTED .250" X .156" (6.35MM X 4.0MM) K - KNURLED EIA S148 S - SD SLOT .047" WIDE X .063" DEEP (1.2MM X 1.6MM) M - FLATTED .375" X .218" (9.53MM X5.54MM) WITH SLOT
Order From:
CTS CORPORATION, ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514 North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240 http://www.ctscorp.com CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20 Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China (07) 8216145 / FAX: (07) 8417642.8110040 2.5M-6-99I


▲Up To Search▲   

 
Price & Availability of 212T0102N320KB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X