Part Number Hot Search : 
22101 APA354 ADVANCED 2A103K BCR116F 324004P A224M MSB92W
Product Description
Full Text Search
 

To Download 1SD210FI-FX200R65KF1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 SD 210 FI
Data Sheet SCALE High Voltage IGBT Driver 1SD210FI-FX200R65KF1
Plug-and-play, compact, high performance, single channel driver for two-level converters
Abstract
The SCALE HVI 1SD210FI-FX200R65KF1 is a compact single-channel intelligent gate driver designed for EUPEC's high-voltage IGBTs type FD200R65KF1-K and FZ200R65KF1. The driver features a fiber optic interface and a short-circuit protection. For drivers adapted to other types of high-power and high-voltage IGBT modules refer to www.Igbt-Driver.com/HVI
Product Highlights
Applications
Plug-and play solution Protects the IGBT from short-circuit failure Active clamping of Vce at turn-off Extremely reliable; long service life No electrolytic capacitors Gate current up to -6A/+10A Fiber-optic links Monitoring of supply voltage and fiber optics Switching frequency DC to max. 6kHz Duty cycle 0... 100% Suitable DC/DC power supply as separate unit Shorten application's development time
IGBT-Driver.com
Two-level converters Medium-voltage converters High-voltage applications Industrial drives Traction Railroad power supplies Wind-power converters Radiology and laser technology Research Almost all other conceivable
Page 1
1 SD 210 FI
Data Sheet 1SD210FI-FX200R65KF1
Important: Please Refer to the Related Manuals!
This data sheet contains only product-specific data. For a detailed description, must-read application notes, and common data that apply to the whole series, please refer to "Description and Application Manual for 1SD210FI SCALE High Voltage IGBT Drivers".
Quality Standard
Manufacturing ISO9001 certified.
Mechanical and Electrical Interfaces
Dimensions: 150 x 74 mm. Mounting Principle: Direct screw mount on FD200R65KF1-K. (Note 20) Interface Drive signal input Status output Power supply connector Power supply connector Ground Supply voltage Remarks Fiber optic receiver (Notes 14, 16) Fiber optic transmitter (Notes 14, 17) On board connector (Note 15) Designator GND (Note 19) VDC Part type # HFBR-2522 HFBR-1522 77315-101-05 Pin numbers 1, 2, 4, 5 3
Absolute Maximum Ratings
Parameter Supply voltage VDC Gate peak current Iout Average supply current IDC Output power gate driver Switching frequency DC link voltage Operating temperature Storage temperature Remarks VDC to GND (Note 1) Note 8 Note 3 Notes 3, 11 Note 11 Note 5 Note 11 min max 0 17.3 -6 +10 190 2 6 4400 -40 +85 -40 +90 Unit V A mA W kHz V C C
Page 2
CT-Concept.com
1 SD 210 FI
Data Sheet 1SD210FI-FX200R65KF1
Electrical Characteristics
All data refer to +25C and VDC = 16.4V unless otherwise specified Power supply Nominal supply voltage VDC Supply current IDC Turn-on threshold Vth Hysteresis on-/off Short-circuit protection Vce-monitoring threshold Response time Blocking time Timing characteristics Turn-on delay tpd(on) Turn-off delay tpd(off) Output rise time tr(out) Output fall time tf(out) Acknowledge delay time Acknowledge pulse width Gate Output Turn-on gate resistor Rg(on) Turn-off gate resistor Rg(off) Aux. gate capacitor Cge Remarks VDC to GND (Note 1) Without load (Note 2) Note 4 Note 4 Remarks Between aux. terminals Notes 6, 18 Note 7 Remarks Note 12 Note 12 Note 9 Note 9 At status output (Note 13) At status output Remarks Note 8 Note 8 min min typ max units V mA V V units V ms s units ns ns ns ns ns ms units W W nF
15.5 16.4 16.8 80 13.7 1.0 min typ max 750 10.0 11.0 1 typ max 430 520 100 100 450 0.7 min 1.8 typ max 13.2 75 22
IGBT-Driver.com
Page 3
1 SD 210 FI
Data Sheet 1SD210FI-FX200R65KF1
Footnotes to the key data
1) Supply voltages higher than specified can lead to the destruction of the driver and protection circuits on the output side. The gate-emitter voltage tracks with the supply voltage. (Not regulated by the gate drive unit.) The recommended DC/DC power supply ISO3116I with high voltage isolation capability is a suitable separate unit. Static power consumption of the gate driver. If the specified power consumption of the gate driver is exceeded at average, this indicates an overload of the gate driver and the external DC/DC power supply ISO3116I. Under-voltage monitoring of supply voltage of the gate driver. For a voltage lower than that limit, the power modules are switched off. This limit is due to active clamping. Refer to "Description and Application Manual for 1SD210FI SCALE High Voltage IGBT Drivers". Pulswidth of the direct output of the gate drive unit. (Not covering the delay of the gate resistors.) Duration of blocking the command input (keeping the gate driver and the IGBT in off-state) after fault detection, i.e. short circuit detection or power supply undervoltage lock out. The gate current is limited by on-board gate resistors. Refers to the direct output of the gate drive unit. (Not covering the delay of the gate resistors.) Application-specific self-heating of gate drivers and IGBT modules, especially at high switching frequency, must be taken into account. Commonly, the switching frequency is limited due to switching losses of the IGBT modules. Because CONCEPT cannot predict how the drivers will be incorporated in the user's application, no binding recommended value for self-heating and thus for the maximum useable output power can be made. So, it is recommended to check the gate driver's ambient temperature within the system. Including the delay of external fiber optic links. Measured from the transition of turn-on or turn-off command at the host controller side optical transmitter to direct output of the gate drive unit. (Not covering the delay of the gate resistors.) Including the delay of external fiber optic links. Measured from the transition of turn-on or turn-off command at the host controller side optical transmitter to the transition of acknowledge signal at the host controller side optical receiver. The transceivers required at the host controller side are not delivered with the gate driver. It is recommended to use the same types as used in the gate driver. For product information refer to www.semiconductor.agilent.com Connector and cable to the DC/DC power supply are not delivered with the gate driver, but via FCI inc. Recommended crimp contact housing: order code 65039-032; recommended crimp contacts: 5 pcs, order code 48236-002. Refer to www.fciconnect.com The recommended transmitter current at the host controller is 30-35mA, suitable for plastic optic fiber with a length of less than 2.5 meters. Higher current may increase jitter or delay at turn-off. The transmitter current at the gate driver is 30-35mA. The delay from turn-on transition at direct output of the gate drive unit to the turn-on of the IGBT amounts to about 2ms (due to gate resistors). But turn-off at short-circuit happens without delay; so the real short-circuit time is 2ms less than the response time. GND of power supply is not the same electrical potential as the aux. emitter terminal of the IGBT and they must never be connected together. Since the IGBT FZ200R65KF1 has other mechanical dimensions, the driver cannot be direct screw mounted on the module. The driver must be mounted at about electrical emitter potential and connected via short wires to the aux. terminals of the module.
2) 3) 4) 5) 6) 7) 8) 9) 10) 11)
12) 13) 14) 15) 16) 17) 18) 19) 20)
Page 4
CT-Concept.com
1 SD 210 FI
Data Sheet 1SD210FI-FX200R65KF1
Exclusion Clause
CONCEPT reserves the right to make modifications to its technical data and product specifications at any time without prior notice. The general terms and conditions of delivery of CT-Concept Technology Ltd. apply.
Technical Support
CONCEPT offers you expert help for your questions and problems: www.IGBT-Driver.com/support E-Mail: Support@CT-Concept.com Fax international +41 32 341 71 21
Quite Special: Customized SCALE HVI Drivers
If you need an IGBT driver that is not included in the delivery range, don't hesitate to contact CONCEPT or your CONCEPT sales partner. CONCEPT engineers have more than 15 years experience in the development and manufacture of intelligent drivers for power MOSFETs and IGBTs and have already implemented a large number of customized solutions.
IGBT-Driver.com
Page 5
1 SD 210 FI
Data Sheet 1SD210FI-FX200R65KF1
Ordering Information
Related IGBT EUPEC FD200R65KF1-K EUPEC FZ200R65KF1 CONCEPT Driver Type # 1SD210FI- FX200R65KF1 1SD210FI- FX200R65KF1
Information about Other Products
For drivers adapted to other high-voltage IGBT modules Direct link: www.IGBT-Driver.com/HVI Other drivers and evaluation boards Please click: www.IGBT-Driver.com
Manufacturer
CT-Concept Technology Ltd. Intelligent Power Electronics Renferstrasse 15 CH-2504 Biel-Bienne Switzerland Phone +41 - 32 341 41 01 Fax +41 - 32 341 71 21 E-Mail Info@IGBT-Driver.com Internet www.IGBT-Driver.com
Your Distribution Partner
a Copyright 1999...2002 by CT-Concept Technology Ltd. - Switzerland.
We reserve the right to make any technical modifications without prior notice.
All rights reserved.
Version from 2002-09-16
Page 6
CT-Concept.com


▲Up To Search▲   

 
Price & Availability of 1SD210FI-FX200R65KF1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X