Part Number Hot Search : 
P6KE47C 2SC394 FM93C86 PT8A6301 HMP8116 3DD130 20WZ51 MP4411
Product Description
Full Text Search
 

To Download XFDM-050KPDSR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pre-amplified/5V Excitation/Differential
Features
. . . . . Two accuracy ranks, 1.5 FS and 2.5 FS available Volt level output On-chip amplification and temperature compensations Pre-calibration of offset voltage and span Very small surface mountable package, Easy to mount on PCB
XFDM Data sheet
Applications
. Industrial instrumentation . Pressure switch, Pneumatic device . Medical device
Part number for ordering
XFDM - 025KP D S R H
Rated pressure(Pa) Model XFDM Accuracy No mark : 2.5 FS H : 1.5 FS(Contact us about availability) Terminal leads direction (See Outline Diagram) R: Pressure type Terminal leads configuration D : Differential S : Surface mount package DW : Differential (Bipolar pressure)
Pressure type Differential pressure XFDM
Model
Package configuration Measurable pressure range (kPa) 100 100 0 25 0 50 0 100 0 200 0 1000
Surface mount package Part number for ordering XFDM-100KPDWSR XFDM-025KPDSR XFDM-050KPDSR XFDM-100KPDSR XFDM-200KPDSR XFDM-001MPDSR
Specifications
Model/Rated pressure 100KPDW 025KPD 050KPD 100KPD 200KPD 001MPD Unit Recommended operating conditions Pressure type Differential pressure 100 25 50 100 200 Rated pressure 1.020 0.255 0.510 1.020 2.040 Measurable pressure range 100 100 0 25 0 50 0 100 0 200 Pressure media Non-corrosive gas only Excitation voltage 5.0 0.25 Absolute maximum rating Maximum load pressure Twice of rated pressure Maximum excitation voltage 8 Operating temperature 40 125 Storage temperature 40 125 Operating humidity 30 80 (No dew condensation) Electric performances/characteristics (Excitation voltage Vcc=5.0V constant, Ambient temperature Ta=25 ) Current consumption less than 10 Output impedance less than 10 Source current less than 0.2 Sink current less than 2 Mechanical response time 2 (For the reference) Full scale span voltage 4.5 Offset voltage 1, 2, 3 0.2 0.1125, 0.2 0.0675(H) Full scale span voltage 1, 2, 3 4.7 0.1125, 4.7 0.0675(H) Accuracy 2, 3 2.5, 1.5(H)
Note ; 1) Output refers to pressure at pressure port 2. 2) Excluding input voltage error. 3) Please consult us availability when you choose the H models.
1000 10.20 0 1000
kPa kg/cm2 kPa VDC
1.5times of rated pressure VDC
RH mA mA mA msec V V V FS/0 85
1
Pre-amplified/5V Excitation/Differential
Outline dimensions XFDM
Labelled faceplate 6 5 0.15
Ma
XFDM Data sheet
Unit : mm
Pressure port 2 4 5 6 Pressure port 1
8 3.5 4 Projections
10
x
17.5
14
11
2
1
1 2.54
2
3 1 2.54
0.8 3 2 1 1
3.3
2.5
6
R0.5
10 M
ax.
Recommended footprint for PCB
2- 1.2(Holes for projections) 2 Index direction
0.9 0.6
1.4
5
1 3.4 Zooming up the projections
Land-pads
11 16.6
Index
(Unit : mm)
Connection diagram XFDM
Vcc(DC5V) Vcc
Vout Vout GND C2 C1
GND
Remarks : 1) C1 : Connect 680pF capacitor within 2cm distance from leads. 2) C2 : Connect 0.01 F or more capacitor within 2cm distance from leads. 3) 4 and 5 pins must be No Connection. Open them as floating ones completely, and do NOT connect to other line or each other.
Transfer Function
Vout=Vs (P + ) (Pressure Error Temperature Error Multiplier Vs) Vs=5.0volts Notes ; The output voltage (Vout) is no perfect ratiometric with the power supply voltage. P=Input Pressure(kPa) Model pressure range Temperature Error Multiplier
3.5
Temperature Error Multiplier
3 2.5 2 1.5 1 0.5 0 -40 85 125 120
025KPG(D) 050KPG(D) 100KPG(D) 100KPGV 100KPGW(DW) 200KPG(D) 001MPGW(D) 115KPA
0 25kPa 0 50kPa 0 100kPa 0 100kPa 0 +100kPa 0 200kPa 0 +1MPa 15 115kPa.abs
0.036 0.018 0.009 0.009 0.0045 0.0045 0.0009 0.009
0.04 0.04 0.04 0.04 0.49 0.04 0.04 0.095
Pressure Error(kPa) 0.625 1.25 2.5 2.5 5.0 5.0 25 2.5
-20
0
20
40 Temperature
60
80
100
Note ; Please read instruction "Notes" before using the sensor. Fujikura reserves the right to change specifications without notice.
If you have any questions regarding technical issues or specifications, please contact us. Sensor Engineering Department 5-1 Kiba 1-chome, Koto-ku, Tokyo 135-8512, Japan Phone +81-(0)3-5606-1072 Fax. +81-(0)3-5606-1538 2 E-mail : sensor@fujikura.co.jp
2.54 2.54
(11.5)
5.5 0.5
3.5 1


▲Up To Search▲   

 
Price & Availability of XFDM-050KPDSR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X