Part Number Hot Search : 
1SV245 R1002 CD4127 A6812 PN1307 SMCJ60 REF19 01EDK3
Product Description
Full Text Search
 

To Download XC9801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC9801/XC9802 Series
Regulated Voltage Step-Up Charge Pump ICs
ETR0802_002
GENERAL DESCRIPTION
The XC9801 series are fixed regulated voltage step-up charge pump ICs which provide stable, highly efficient, positive voltages with the only external components required being 2 capacitors. Since regulating is done via the control of the charge pump's gate voltage waveform, ripple is minimal. selectable in 100mV steps within a 2.5V ~ 6.0V range. Control of the XC9802 switches to PFM (pulse skip) during light loads without affecting output impedance or ripple so that the IC is protected against drops in efficiency. doubler. As well as the ultra small MSOP-8A and USP-8 packages, the small consumption current and high efficiencies of the series make the XC9801 suitable for use with all types of battery operated applications. Connecting the SENSE pin to the GND pin allows the IC to be used as a voltage Output voltage is
APPLICATIONS
Palm top computers, PDAs On board local power supplies Various battery powered devices
FEATURES
Input Voltage Range Output Voltage Range Small Input Current Output Current Oscillation Frequency Stand-by Current (CE 'L') CE (Chip Enable) Function Can be used as a step-up doubler (sense = 0V) Packages : MSOP-8A, USP-8 : 1.8V ~ 5.5V : 2.5V ~ 6.0V : 80A (no load:XC9802) : 80mA (3.6V5.0V step-up) : 300kHz : 2.0A (MAX.)
PFM Operation During Light Loads (XC9802)
TYPICAL APPLICATION CIRCUIT
Regulation Output
TYPICAL PERFORMANCE CHARACTERISTICS
1/12
XC9801/XC9802 Series
PIN CONFIGURATION
1 2 3 4 8 7 6 5
PIN ASSIGNMENT
PIN NUMBER USP-8 1 2 3 4 5 MSOP-8A 1 2 3 4 5 6 7 8 SENSE CE VIN GND PGND C1 C1 VOUT Output Voltage Monitor Chip Enable (High Active) Input (Power Supply) Ground Power Ground External Capacitor - Pin External Capacitor + Pin Output PIN NAME FUNCTION
MSOP-8A (TOP VIEW)
PGND 5 VOUT 8 C1- 6 C1+ 7 C1+ 6 C1- 7 VOUT 8 PGND 5
1 SENSE 2 CE 3 VIN 4 GND
6 7 8
USP-8 (BOTTOM
PRODUCT CLASSIFICATION
Selection Guide
SERIES XC9801 XC9802 PULSE SKIP MODE Not Available Available
Ordering Information
XC9801/02
DESIGNATOR DESCRIPTION True Logic Level at CE Pin SYMBOL B 50 Output Voltage 25 ~ 60 Oscillation Frequency 3 K Package D R Device Orientation L : Embossed tape, reverse feed : USP-8 : Embossed tape, standard feed : Positive : Standard voltage VOUT=5.0V=5, =0 : Semi-custom voltage e.g. VOUT=2.5V=2, =5 : 300kHz : MSOP-8A DESCRIPTION
Regulated output voltage function cannot be used by the following input voltage condition: VIN < (VOUT/2), or VIN VOUT
2/12
XC9801/XC9802
Series
BLOCK DIAGRAM
Controller
(1) Basic Operations
Using the XC9801/02's clock generated by the internal oscillator, a step-up charge pump operation can be brought about as a result of the alternate switching between operating conditions where P1 & N4 are ON with P2 & P3 OFF (or) P1 & N4 are OFF with P2 & P3 ON. By connecting the SENSE pin to VOUT, output voltage can be feedback and the difference between the feedback voltage and the reference voltage (Vref) are compared by the internal operational amplifier. Output voltage can be stabilized (* 2) by controlling P3's gate voltage waveform via the signal generated by the internal amplifier. Please note that this stabilizing function will not operate with VIN < (VOUT/2) or VIN VOUT. By connecting SENSE to ground, the output stability function, as described above, can be halted and the IC can be used as a step-up doubler. * 2 : As a result of P3 gradually reaching an ON state with each clock (signal), rush current is controlled, the ripple decreases and with the combination of the independent phase compensation circuit, output voltage is stabilized (2) Stand-by Function When the voltage at CE (chip enable) is `low' (0V), P1, P2 & P3 will be OFF with N4 & N5 ON. The external capacitor C1 will discharge and impedance at VOUT will be high. (3) PFM (Pulse Skip) Operations Whilst maintaining output voltage, the XC9802 provides the added security of protection against drops in efficiency during light loads as a result of the pulse, generated by the internal oscillator, being skipped and the operating frequency being changed.
ABSOLUTE MAXIMUM RATINGS
PARAMETER VIN pin Voltage VOUT pin Voltage C1 + pin Voltage C1 - pin Voltage CE pin Voltage VOUT Pin Output Current MSOP-8A Power Dissipation USP-8 Operating Temperature Range Storage Temperature Range SYMBOL VIN VOUT C1+ C1VCE IOUT Pd Topr Tstg CONDITIONS 0.36.0 0.312.0 0.3VOUT0.3 0.3VOUT0.3 0.3VIN0.3 200 150 120 4085 40125
Ta = 25, GND = 0V UNITS V V V V V mA mW
3/12
XC9801/XC9802 Series
ELECTRICAL CHARACTERISTICS
XC9801B503KR VOUT=5.0V PARAMETER Output Voltage Load Regulation Operating Voltage Range Supply Current Stand-by Current Oscillation Frequency Output Impedance Input Current Voltage Converting Efficiency Power Converting Efficiency CE / 'H' Level Voltage CE / `L' Level Voltage CE / Input Current SYMBOL VOUT VOUT VIN IDD ISTB FOSC ROUT IIN IIN2 VEFFI EFFI EFFI2 EFFI3 VCEH VCEL ICE VIN=5.5V, SENSE=0V, External Components=CIN only CONDITIONS Regulation Output Regulation Output IOUT=1mA 1mAIOUT80mA MIN. 4.875 -100 1.8 1 255 95 IOUT=10mA IOUT=1mA IOUT=80mA 73 64 1.5 -2.0 TYP. 5.000 3 300 20 5 1.5 99 78 40 69 MAX. 5.125 100 5.5 6 2.0 345 40 0.25 2.0 Ta=25 UNITS V mV V mA A kHz mA mA % % % % V V A
Doubler Output, VOUT>VINx2x0.95 VIN=3.6V, External Components=CIN only, SENSE=0V, VOUT=VIN CE=0V External Component=CIN only, SENSE=0V, VOUT open Doubler Output IOUT=10mA Doubler Output Regulation Output Doubler Output Doubler Output Regulation Output
Test Conditions: Unless otherwise stated, Typical Application Circuit, VIN=3.6V, GND=0V, CE=VIN, No Load, SENSE=VOUT (Regulation Output)
XC9802B503KR VOUT=5.0V PARAMETER Output Voltage Load Regulation Operating Voltage Range Supply Current Stand-by Current Oscillation Frequency Switching Pulse Frequency Output Impedance Input Current Voltage Converting Efficiency Power Converting Efficiency CE /`H'Level Voltage CE /`L'Level Voltage CE / Input Current SYMBOL VOUT VOUT VIN IDD ISTB FOSC FOSC2 ROUT IIN IIN2 VEFFI EFFI EFFI2 EFFI3 VCEH VCEL ICE VIN=5.5V, SENSE=0V, External Components=CIN only CONDITIONS Regulation Output Regulation Output IOUT=1mA MIN. 4.875 -100 1.8 1 255 98 IOUT=10mA IOUT=1mA IOUT=80mA 73 64 1.5 -2.0 TYP. 5.000 3 300 10 20 5 0.08 99 78 59 69 MAX. 5.125 100 5.5 6 2.0 345 40 0.25 2.0
Ta=25 UNITS V mV V mA A kHz kHz mA mA % % % % V V A
1mAIOUT80mA
Doubler Output, VOUT >VINx2x0.95 VIN=3.6V, External Components=CIN only, SENSE=0V, VOUT=VIN CE=0V External Component = CIN only, SENSE=0V, VOUT open Regulation Output Doubler Output Doubler Output Regulation Output Doubler Output Doubler Output Regulation Output IOUT=1mA IOUT=10mA
Test Conditions: Unless otherwise stated, Typical Application Circuit, VIN=3.6V, GND=0V, CE=VIN, No Load, SENSE=VOUT (Regulation Output)
4/12
XC9801/XC9802
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC9801B333KR VOUT=3.3V PARAMETER Output Voltage Load Regulation Operating Voltage Range Supply Current Stand-by Current Oscillation Frequency Output Impedance Input Current Voltage Converting Efficiency Power Converting Efficiency CE / `H' Level Voltage CE / `L' Level Voltage CE / Input Current SYMBOL VOUT VOUT VIN IDD ISTB FOSC ROUT IIN IIN2 VEFFI EFFI EFFI2 EFFI3 VCEH VCEL ICE VIN=5.5V, SENSE=0V, External Components=CIN only CONDITIONS Regulation Output Regulation Output IOUT=1mA 1mAIOUT2mA MIN. 3.218 -66 1.8 1 255 95 IOUT=10mA IOUT=1mA IOUT=32mA 73 64 1.5 -2.0 TYP. 3.300 3 300 20 5 1.1 99 78 40 69 MAX. 3.383 66 5.5 6 2.0 345 40 0.25 2.0 Ta=25 UNITS V mV V mA A kHz mA mA % % % % V V A
Doubler Output, VOUT>VINx2x0.95 VIN=3.6V, External components=CIN only, SENSE=0V, VOUT=VIN CE=0V External component=CIN only, SENSE=0V, VOUT open Doubler Output Doubler Output Regulation Output Doubler Output Doubler Output Regulation Output IOUT=10mA
Test Conditions: Unless otherwise stated, Typical Application Circuit, VIN=2.376V, GND=0V, CE=VIN, No Load, SENSE=VOUT (Regulation Output)
XC9802B333KR VOUT=3.3V PARAMETER Output Voltage Load Regulation Operating Voltage Range Supply Current Stand-by Current Oscillation Frequency Switching Pulse Frequency Output Impedance Input Current Voltage Converting Efficiency Power Converting Efficiency CE / `H' Level Voltage CE / `L' Level Voltage CE / Input Current SYMBOL VOUT VOUT VIN IDD ISTB FOSC FOSC2 ROUT IIN IIN2 VEFFI EFFI EFFI2 EFFI3 VCEH VCEL ICE VIN=5.5V, SENSE=0V, External Components=CIN only CONDITIONS Regulation Output Regulation Output IOUT=1mA 1mAIOUT32mA MIN. 3.218 66 1.8 1 255 98 IOUT=10mA IOUT=1mA IOUT=32mA 73 64 1.5 -2.0 TYP. 3.300 3 300 10 20 5 0.08 99 78 63 69 40 0.25 2.0 MAX. 3.383 66 5.5 6 2.0 345
Ta=25 UNITS V mV V mA A kHz kHz mA mA % % % % V V A
Doubler Output, VOUT >VINx2x0.95 VIN=3.6V, External Components=CIN only, SENSE=0V, VOUT=VIN CE=0V External Component = CIN only, SENSE=0V, VOUT open Regulation Output Doubler Output Doubler Output Regulation Output Doubler Output Doubler Output Regulation Output IOUT=1mA IOUT=10mA
Test Conditions: Unless otherwise stated, Typical Application Circuit, VIN=2.376V, GND=0V, CE=VIN, No Load, SENSE=VOUT (Regulation Output)
5/12
XC9801/XC9802 Series
TYPICAL APPLICATION CIRCUITS
Regulation Output
Doubler Output
External Components: CIN=1F (Ceramic Capacitor: TAIYO YUDEN) C1=0.47F (Ceramic Capacitor: TAIYO YUDEN) C2=4.7F (Ceramic Capacitor: TAIYO YUDEN) Note: The XC9801 series are step-up charge pump voltage doublers which provide regulated output voltage. The application circuit of the doubler output () halts the regulated output function and operates as a normal voltage doubler. The output voltage is stable when connected as in () above, except when VIN < (VOUT / 2) and VIN VOUT.
6/12
XC9801/XC9802
Series
TYPICAL PERFORMANCE CHARACTERISTICS
XC9801B333KR (300kHz, 3.3V) (1) Output Voltage vs. Output Current
(2) Efficiency vs. Output Current
(3) Ripple Voltage vs. Output Current
7/12
XC9801/XC9802 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC9801B503KR (300kHz, 5.0V) (1) Output Voltage vs. Output Current
(2) Efficiency vs. Output Current
(3) Ripple Voltage vs. Output Current
8/12
XC9801/XC9802
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC9801B503KR (300kHz, SENSE=0V, Doubler) (1) Output Voltage vs. Output Current
(2) Efficiency vs. Output Current
(3) Ripple Voltage vs. Output Current
9/12
XC9801/XC9802 Series
PACKAGING INFORMATION
MSOP-8A USP-8
USP-8 Recommended Pattern Layout
USP-8 Recommended Metal Mask Design
10/12
XC9801/XC9802
Series
MARKING RULE
MSOP-8A
Represents product series MARK 2 3 Represents true logic level at the CE pin MARK B PRODUCT SERIES XC9801/9802Bxx3Kx PRODUCT SERIES XC9801Bxx3Kx XC9802Bxx3Kx
Represents output voltage MARK 3 5 3 0 VOLTAGE (V) 3.3 5.0 PRODUCT SERIES XC9801/9802B333Kx XC9801/9802B503Kx
Represents oscillation frequency MARK 3 OSCILLATION FREQUENCY (kHz) 300 PRODUCT SERIES XC9801/9802Bxx3Kx
Represents production lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted) Note: No character inversion used.
11/12
XC9801/XC9802 Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this catalog is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this catalog. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this catalog. 4. The products in this catalog are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this catalog within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this catalog may be copied or reproduced without the prior permission of Torex Semiconductor Ltd.
12/12


▲Up To Search▲   

 
Price & Availability of XC9801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X