Part Number Hot Search : 
SM5841HS PSD83 SK320 TA200216 CRY91 TA8331AN 2N4016 03025001
Product Description
Full Text Search
 

To Download TUF105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.0A Ultra Fast Recovery Rectifier TUF101 - TUF108
1.0A Ultra Fast Recovery Rectifier
Features
Low forward voltage drop High current capability High reliability High surge current capability High temperature soldering guaranteed: 250C/10 seconds /.375" (9.5mm) lead length at 5lbs (2.3kg) tension * RoHS Compliance * * * * *
DO-41
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: DO-41, molded plastic UL 94V-0 rate flame retardant Axial leads, solderable per MIL-STD-202, Method 208 guaranteed Color band denotes cathode end 0.34 gram
Maximum Ratings and Electrical Characteristics (T A=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current TUF 101 50 35 50 TUF 102 100 70 100 TUF 103 200 140 200 TUF 104 300 210 300 1.0 TUF 105 400 280 400 TUF 106 600 420 600 TUF 107 800 560 800 TUF 108 1000 700 1000 Unit V V V A Conditions
VRRM VRMS VDC Io(AV)
TA=55 C
8.3ms single half sine-wave superimposed on rated load (JEDEC method)
IFSM
30
A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-TAITRON (800)-824-8766 (800)-TAITFAX (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/DX 2007-06-04 Page 1 of 4
1.0A Ultra Fast Recovery Rectifier TUF101 - TUF108
Symbol Description Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Reverse Recovery Time Typical Junction Capacitance Operating Temperature range Storage Temperature Range TUF 101 TUF 102 1.0 TUF 103 TUF 104 1.3 5.0 A 100 50 20 -55 to +125 C -55 to +150 75 15 nS pf TUF 105 TUF 106 TUF 107 1.7 TUF 108 Unit V Conditions
VF
IF=1.0 A TA=25 C TA=100 C IF=0.5A, IR=1A, Irr=0.25A
VR=4V, f=1MHz
IR
Trr
CJ
TJ TSTG
Typical Characteristics Curves
Fig.1-Max. Forward Current Derating Curve Peak Forward Surge Current (A) Fig.2-Max. Non-Repetitive Forward Surge Current
Average Forward Rectified Current
(A)
Number of Cycles at 60Hz Ambient Temperature Ta (C)
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 2 of 4
1.0A Ultra Fast Recovery Rectifier TUF101 - TUF108
Fig.4-Typical Reverse Characteristics Fig.3- Typical Forward Characteristics
IR, Instantaneous Reverse current (A)
Instantaneous Forward Current
(A)
Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.5- Typical Junction Capacitance Junction Capacitance (pF)
Reverse Voltage (V)
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 3 of 4
1.0A Ultra Fast Recovery Rectifier TUF101 - TUF108
Dimensions in inches (mm)
D0-41
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of TUF105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X