|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
0.8mm Height Flat Top LED TSP1-FF1608H8E2 0.8mm Height Flat Top LED Features * * * * * Package in 8mm tape on 7" diameter reel Compatible with automatic placement equipment Compatible with infrared and vapor phase reflow solder process Mono-color type RoHS compliance QSLP1FF1 Applications * Automotive: Backlighting in dashboards and switch * Telecommunication: indicator and backlighting in telephone and fax * Flat backlight for LCD, switches and symbols Descriptions * The SMD series enables smaller board size, higher packing density, reduced storage space, and small equipment * Light weight makes them ideal for miniature applications * Applications include automotive, telecommunications and backlighting Device Selection Guide Chip Part No. Material AlGaInP Emitted Color Brilliant Yellow Green Lens Color TSP1-FF1608H8E2 Water Clear TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com Tel: (800)-247-2232 (800)-TAITRON (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415 Rev. A/JY 2006-08-26 Page 1 of 7 0.8mm Height Flat Top LED TSP1-FF1608H8E2 Absolute Maximum Ratings (Ta=25C) Parameter Reverse Voltage Forward Current Peak Forward Current (Duty 1/10 @1KHz) Power Dissipation Electrostatic Discharge Soldering Temperature Operating Temperature Storage Temperature Symbol Value 5 25 100 60 2000 260 (for 5 seconds) -40 ~ +85 -40 ~ +90 Unit V mA mA mW V C C C VR IF IFP Pd ESD Tso Topr Tstg Electro-Optical Characteristics (Ta=25C) Parameter Luminous Intensity Viewing Angle Peak Wavelength Dominant wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current Symbol Min. 18 ------------------------Typ. 25 100 575 573 20 2.0 ----Max. --------------------2.4 10 Unit mcd deg nm IF =20mA nm nm V A VR=5V Condition IV 21/2 p d VF IR Notes: 1. Tolerance of Luminous Intensity 10% 2. Tolerance of Dominant Wavelength 1nm 3. Tolerance of Forward Voltage 0.05V Rev. A/JY 2006-08-26 www.taitroncomponents.com Page 2 of 7 0.8mm Height Flat Top LED TSP1-FF1608H8E2 Typical Electro-Optical Characteristics Curves Spectrum Distribution Relative luminous intensity (%) Forward Current vs. Forward Voltage Forward Current IF (mA) Wavelength p(nm) Luminous Intensity vs. Ambient Temperature Relative luminous intensity (%) Forward Voltage (VF)-volts Luminous Intensity vs. Forward Current Relative luminous intensity (%) Ambient Temperature Ta (C) Forward Current Derating Curve Forward Current IF (mA) Forward Current IF (mA) Ambient Temperature Ta (C) Radiation Diagram (Ta =25C) Rev. A/JY 2006-08-26 www.taitroncomponents.com Page 3 of 7 0.8mm Height Flat Top LED TSP1-FF1608H8E2 Reliability Test Items and Conditions The reliability of products shall be satisfied with items listed below. Confidence level: 90%, LTPD: 10% Test Hours / Cycles 5 Sec 50 Cycles Sample Size 76 PCS. 76 PCS. No. 1 2 Solder Heat Items Test Condition Temp.: 260C 5C. H: +85C 30min 5 min L: -55C 15min H: +100C 5min 10 sec L: -10C 5min Temp: 100C Temp: -40C IF = 20 mA 85C / 85%RH Ac/Re 0/1 0/1 Temperature Cycle 3 4 5 6 7 Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity 50 Cycles 1000 Hrs. 1000 Hrs. 1000 Hrs. 1000 Hrs. 76 PCS. 76 PCS. 76 PCS. 76 PCS. 76 PCS. 0/1 0/1 0/1 0/1 0/1 Rev. A/JY 2006-08-26 www.taitroncomponents.com Page 4 of 7 0.8mm Height Flat Top LED TSP1-FF1608H8E2 Package Dimensions (In mm) Note: The tolerances unless mentioned is 0.1mm, Unit = mm Carrier Tape Dimensions Loaded quantity 3000pcs per reel (In mm) Rev. A/JY 2006-08-26 www.taitroncomponents.com Page 5 of 7 0.8mm Height Flat Top LED TSP1-FF1608H8E2 Reel Dimensions Note: The tolerances unless mentioned is 0.1mm, Unit = mm Test Circuit Rev. A/JY 2006-08-26 www.taitroncomponents.com Page 6 of 7 0.8mm Height Flat Top LED TSP1-FF1608H8E2 Ordering Information TS P 1- F F 1608 H8E2 - 92-TR70 Lead Free Tape & Reel 7=7 reel 0=3k per reel Factory Location Code Dice Code Size in mm Flat Top Color Diffused Convex (Dipping Type) PCB Type Taitron SMD LED How to contact us US HEADQUARTER 28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com TAITRON COMPONENTS MEXICO, S.A .DE C.V. BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190 TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052 TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-54249942 Fax: +86-21-5424-9931 Rev. A/JY 2006-08-26 www.taitroncomponents.com Page 7 of 7 |
Price & Availability of TSP1-FF1608H8E2 |