Part Number Hot Search : 
0100S KD200 658C2I2 G4BC30FD 15ADR FSB50550 LTC21 NTD20
Product Description
Full Text Search
 

To Download TSOT23-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Package information - TSOT23-5
Surface mounted, 5 pin package Package outline
DIM A A1 A2 b c D E E1 e e1 L L2 a Min. 0.01 0.84 0.30 0.12
Millimeters Max. 1.00 0.10 0.90 0.45 0.20 2.90 BSC 2.80 BSC 1.60 BSC 0.95 BSC 1.90 BSC 0.30 0.25 BSC 4 12 4 0.50 0.0118 Min. 0.0003 0.0330 0.0118 0.0047
Inches Max. 0.0393 0.0039 0.0354 0.0177 0.0078 0.114 BSC 0.110 BSC 0.062 BSC 0.0374 BSC 0.0748 BSC 0.0196 0.010 BSC 12
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Tape and reel information
Orientation Tape width (mm) 8 8 Reel size (inches) 7 13 No. of components 3,000 10,000 Tape option indicator TA TC
Issue 3 - March 2007
(c) Zetex Semiconductors plc 2007
1
www.zetex.com
Package information - TSOT23-5
Nominal weight
Nominal weight per device 12mg.
Embossed carrier tape configuration
P0 K t
Top cover tape 10 pitches culmulative tolerance on tape 0.2mm (0.008")
D
P2
E
See Note 1
A0
See Note 1
F
W
B1
K0
See Note 1
B0 P
Embossment Center lines of cavity
D1
User direction of feed
Dimensions mm (inches) A0, B0, K0 B1 (max.) D D1 (max.) E F P
Tape size (mm) 8 See note* 4.55 (0.179) 1.50 + 0.10 - 0.00 1.00 (0.039) 1.75 0.10 3.50 0.10 (0.138 0.004) 4.00 0.10 (0.157 0.004) 12 See note* 8.20 (0.323) 1.50 + 0.10 - 0.00 1.50 (0.059) 1.75 0.10 5.50 0.05 (0.217 0.002) 4.00 0.10 (0.157 0.004) 8.00 0.10 (0.315 0.004) 16 See note* 12.10 (0.476) 1.50 + 0.10 - 0.00 1.50 (0.059) 1.75 0.10 7.50 0.10 (0.295 0.004) 4.00 0.10 (0.157 0.004) 8.00 0.10 (0.315 0.004) 12.00 0.10 (0.472 0.004) 4.00 0.10 2.00 0.05 0.40 16.30 (0.642) 24 See note* 20.10 (0.791) 1.50 + 0.10 - 0.00 1.50 (0.059) 1.75 0.10 11.50 0.10 (0.453 0.004) 4.00 0.10 (0.157 0.004) to 20.00 0.10 (0.787 0.004) in 4.00 (0.157) increments 4.00 0.10 2.00 0.05 0.40 24.30 (0.957)
P0 P2 t (max.) W
4.00 0.10 2.00 0.05 0.40 8.00 (0.315)
4.00 0.10 2.00 0.05 0.40 12.00 0.30 (0.472 0.012)
NOTES: * A0, B0 and K0 dimensions are determined with respect to EIA/JEDEC rotational and lateral movement requirements (see fig. 1).
Issue 3 - March 2007
(c) Zetex Semiconductors plc 2007
2
www.zetex.com
Package information - TSOT23-5
0.5mm maximum 20 maximum Component cavity center line
0.5mm maximum 20 maximum
B0
Component center line A0
Sketch A (top view) Component lateral movement
Sketch B (side or front sectional view) Component rotation - side view
Sketch C (top view) Component rotation - top view
Figure 1 - rotational and lateral movement
Reel configuration
Tape slot in core for tape start. 2.5mm min. width, 10mm min. depth
T
B
A
D
N
C
Full radius
G
Tape option TA TC
A max. 179 (7.047) 330 (12.992)
B min. 1.5 (0.06) G
C 13.00 - 13.02 (0.512 - 0.52)
D min. 25.0 (0.984) 20.2 (0.795) T max.
N min. 50 (1.969)
Tape size 8mm 12mm 16mm 24mm
8.4 -9.9 (0.33 - 0.39) 12.4 -16.4 (0.49 - 0.569) 16.4 -18.4 (0.65 - 0.729 ) 24.4 - 26.4 (0.96 - 1.039)
14.4 (0.567) 18.4 (0.724) 22.4 (0.882) 30.4 (1.197)
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned. The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Issue 3 - March 2007
(c) Zetex Semiconductors plc 2007
3
www.zetex.com


▲Up To Search▲   

 
Price & Availability of TSOT23-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X