Part Number Hot Search : 
LTC40 ASM3P 0022122 29L682C 55000 330M1 FA764 C7973
Product Description
Full Text Search
 

To Download TMQ80A-CL420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Topstek True RMS Current Transducer TMQ80A..1000A-CL420 TMQ80A~1000A-CL420
Features
iHighly reliable Open Loop Hall Effect device iFaster response time than temperature sensing iExcellent linearity of the output voltage over a wide input range
True RMS 4-20mA Current Loop Output CT
Applications
iPower measurement, power panel iTrue RMS AC+DC current measurement
i VFD and SCR type waveforms current measurement iTrue RMS output i4-20mA current loop output
Options
iPlastic case material: PBT+30%GF(white) standard and PC(blue) option iOperating temperature range: 70C standard and option 85C available iConnector type: specify -E or -M. If other types of connector required, please contact factory for other possibilities.
iHigh isolation voltage between the measuring circuit and the current-carrying conductor (AC3KV) iFlame-Retardant plastic case and silicone encapsulant, using UL classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range
Specifications
Parameter Nominal Input Current Max Primary Current Peak Current Output Protocol Output Offset Current Over-Scale Output Current Load Resistance Supply Voltage Accuracy @ IPN Linearity Consumption Current Response Time (90% IPN Step) Frequency bandwidth (1dB) Thermal Drift of Output Thermal Drift of Zero Current Offset Dielectric Strength Isolation Resistance @ 1000 VDC Operating Temperature Storage Temperature Mass ICC Tr fBW RIS Ta Ts W Symbol IPN IPMax IOUT IOS IOL RL VCC V % % mA Psec Hz %/C PA/C V M C C g Unit A RMS A mA mA mA 80A 80 400 100A 100 400 200A 200 800 300A 300 400A 400 500A 500 600A 600 1000A 1000
1200 1600 2000 2400 2400
4-20 mA Current Loop, 4mA@ IP =0A, 20mA@ IP = IPN +4 mA <32 mA <300 +20V .. +32V Within 1% of IPN @25C(excluding offset) Within 1% of IPN 4-20 mA (= IOUT) <150 msec DC to 6kHz Within 0.1 %/C @ IPN < 3PA/C(0-60C), < 6PA/C(-40 .. 70C) AC3KV X 60 sec >1000 M -40C to 70C -45C to 85C 240 g
- 125 www.topstek.com
TMQ-CL420
V080530
7/1/2008
Topstek True RMS Current Transducer TMQ80A..1000A-CL420
Appearance, dimensions and pin identification of TMQ-CL420-E
All dimensions in mm 0.2, holes -0, +0.2 except otherwise noted.
- 126 www.topstek.com
TMQ-CL420
V080530
7/1/2008
Topstek True RMS Current Transducer TMQ80A..1000A-CL420
Appearance, dimensions and pin identification of TMQ-CL420-M
All dimensions in mm 0.2, holes -0, +0.2 except otherwise noted.
- 127 www.topstek.com
TMQ-CL420
V080530
7/1/2008
Topstek True RMS Current Transducer TMQ80A..1000A-CL420
Application Connections
TMQ-CL420 can be used with two types of connections. In both cases, the GND pin have no internal connection, and TP Pin is for factory calibration only.
Connection 1:
The power supply is on the receiver side. Only two connector pins are used.
Connection 2:
The power supply is on the CT side. Make sure you have a proper ground connection to prevent grounding noise.
- 128 www.topstek.com
TMQ-CL420
V080530
7/1/2008


▲Up To Search▲   

 
Price & Availability of TMQ80A-CL420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X