Part Number Hot Search : 
90BIP R05SD15 AC240 NJM2247A KBL06 CS161 HC594 31ACD
Product Description
Full Text Search
 

To Download TMD1414-2C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE POWER MMIC AMPLIFIER MICROWAVE SEMICONDUCTOR TECHNICAL DATA
TMD1414-2C
FEATURES
n HIGH POWER P1dB=34.5dBm at 13.75GHz to 14.5GHz n HIGH GAIN G1dB=26.0dB at 13.75GHz to 14.5GHz n BROAD BAND INTERNALLY MATCHED n HERMETICALLY SEALED PACKAGE
ABSOLUTE MAXIMUM RATINGS ( Ta= 25C )
CHARACTERISTICS Drain Supply Voltage Gate Supply Voltage Input Power Flange Temperature Storage Temperature SYMBOL VDD VGG Pin Tf Tstg UNIT V V dBm C C RATING 10 -10 20 -40 +90 -65 +175
RF PERFORMANCE SPECIFICATIONS ( Ta= 25C )
CHARACTERISTICS Operating Frequency Output Power at 1dB Gain Compression Point 1dB Gain Compression Point Gain Flatness Drain Current Power Added Efficiency G IDD add G1dB VDD=7V VGG=-5V dB dB A % 21.0 26.0 1.4 29 1.0 1.8 SYMBOL CONDITIONS UNIT GHz dBm MIN. 13.75 32.0 TYP. MAX. 34.5 14.5
f
P1dB
uThe information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may results from its use, No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. The information contained herein is subject to change without prior notice. It is therefor advisable to contact TOSHIBA before proceeding with design of equipment incorporating this product.
Rev. Mar.2006
TMD1414-2C
PACKAGE OUTLINE (7-BA15A)
4-C1.5 2.4
Unit in mm
j k l
2.6 0.2 2.6 0.2
8.8 0.2
13.4 0.2
n m
17.8 0.2
* T TMD 1414 - 2C
o
j:VGG k: RF Input lm: VDD n: RF Output o: Vdet
0.25 0.1
Two VDD pins do not have to be biased at the same time, but at least one of the pins has to be biased. In case only one pin is biased,
4-R0.5 2.0 0.5 8.35 0.2 2.0 0.5
The Other pin has to be opened.
0.1 0.05
0.75 0.2
0.254 0.2
Recommended Bias Configuration 10k 6:Vdet 0.5pF 2:RF Input 0.5-1pF TMD1414-2C 50Matching 50Matching GND : Base Plate 1:VGG 47E F 1000pF 0.5pF 1000pF 3,4:VDD
1.004 0.2
2.4 MAX.
47E F
5:RF Output
2


▲Up To Search▲   

 
Price & Availability of TMD1414-2C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X