Part Number Hot Search : 
B1010 SLE4436C HIROSE E35018 2108A 7972SSM SBL3045C AMS302T
Product Description
Full Text Search
 

To Download TGD20A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Topstek Current Transducer TGD3A .. TGD40A TGD 3A~50A
Features
iHighly reliable Hall Effect device iCompact and light weight, Two sensors in one package iFast response time iExcellent linearity of the output voltage over a wide input range iExcellent frequency response (> 50 kHz) iLow power consumption (22 mA nominal) iCapable of measuring both DC and AC, both pulsed and mixed iHigh isolation voltage between the measuring circuit and the current-carrying conductor (AC2.5KV) iExtended operating temperature range iFlame-Retardant plastic case and silicone encapsulate, using UL classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range
Applications
iUPS systems iIndustrial robots iNC tooling machines iElevator controllers iProcess control devices iAC and DC servo systems iMotor speed controller iElectrical vehicle controllers iInverter-controlled welding machines iGeneral and special purpose inverters iPower supply for laser processing machines iController for traction equipment e.g. electric trains iOther automatic control systems
Specifications
Parameter Nominal Input Current Linear Range Nominal Output Voltage Nominal Output Voltage Accuracy Offset Voltage Output Resistance Supply Voltage Linearity Consumption Current Response Time (90%Vhn) Frequency bandwidth (-3dB) Thermal Drift of Output Thermal Drift of Zero Current Offset Dielectric Strength Isolation Resistance @ 1000 VDC Operating Temperature Storage Temperature Mass ICC Tr fBW RIS Ta Ts W Vos ROUT VCC V % mA Psec Hz %/C mV/C V M C C g Symbol Ifn Ifs Vhn Unit A DC A DC V mV mV TGD3A .. TGD40A 3 .. 40 3.75 .. 50 = 1.25x Ifn
VCC/2 1.5V at If=Ifn ( RL=10k ) Within 45mV
VCC/2 35 mV @ If=0, Ta=25C <100 +5V 5% Within 1% of Ifn +22 mA nominal, +30 mA max 5 Psec max. @ d If /dt = Ifn / Psec
DC to 50kHz Within 0.1 %/C @ Ifn Within 2 mV/C @ Ifn
AC2.5KV X 60 sec >1000 M -15C to 80C -20C to 85C 8g
- 36 www.topstek.com
TGD
V080708
7/8/2008
Topstek Current Transducer TGD3A .. TGD40A
Appearance, dimensions and pin identification
All dimensions in mm 0.2, holes -0, +0.2 except otherwise noted.
Primary 4x d Secondary pins 5x(0.5x0.25)
1 2 3 4 5 6 7 8 9
+5V NC VOUT1 VOUT2 GND I1+ I1I2+ I2-
Primary Current Input Pin Diameter d(mm)
3A-9A 0.6
10A-14A 0.8
15A-24A 1.0
25A-40A 1.2
- 37 www.topstek.com
TGD
V0800708
7/8/2008


▲Up To Search▲   

 
Price & Availability of TGD20A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X