Part Number Hot Search : 
1R1001 KIC9482F ADC124 T114038 04TR68 EPM7128A MAX739 40406
Product Description
Full Text Search
 

To Download STW21NM50N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP/F21NM50N - STW21NM50N STB21NM50N - STB21NM50N-1
N-channel 500V - 0.15 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmeshTM Power MOSFET
General features
Type STB21NM50N STB21NM50N-1 STF21NM50N STP21NM50N STW21NM50N VDSS (@Tjmax) 550V 550V 550V 550V 550V RDS(on) < 0.19 < 0.19 < 0.19 < 0.19 < 0.19 ID
3
3
1 2
3 1 2
1
18A 18A 18A(1) 18A 18A
TO-220
D2PAK
TO-220FP
1. Limited by wire bonding
3 12
100% avalanche tested Low input capacitance and gate charge Low gate input resistance
I2PAK
TO-247
Description
The devices are realized with the second generation of MDmesh Technology. This revolutionary Power MOSFET associates a new vertical structure to the company's strip layout to yield one of the world's lowest on-resistance and gate charge. It is therefore suitable for the most demanding high efficiency converters
Internal schematic diagram
Applications
Switching application
Order codes
Part number STB21NM50N STB21NM50N-1 STF21NM50N STP21NM50N STW21NM50N Marking B21NM50N B21NM50N F21NM50N P21NM50N W21NM50N Package D I
2PAK 2PAK
Packaging Tape & reel Tube Tube Tube Tube
TO-220FP TO-220 TO-247
January 2007
Rev 6
1/18
www.st.com 18
Contents
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5 6
Test circuit
................................................ 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Packing mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
2/18
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
Electrical ratings
1
Electrical ratings
Table 1.
Symbol
Absolute maximum ratings
Value Parameter TO-220/ D2PAK/ I2PAK/TO-247 500 25 18 11 72 140 1.12 15 --55 to 150 150 2500 18
(1)
Unit TO-220FP V V A A A W W/C V/ns V
VDS VGS ID ID IDM
(2)
Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor
11(1) 72(1) 30 0.23
PTOT dv/dt(3) Viso Tstg Tj
Peak diode recovery voltage slope Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1s;TC=25C) Storage temperature Max. operating junction temperature
C
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD 18 A, di/dt 400 A/s, VDD =80% V(BR)DSS
Table 2.
Symbol
Thermal data
Parameter TO-220/DPAK/ IPAK / TO-247 0.89 62.5 300 TO-220FP 4.21 Unit C/W C/W C
Rthj-case Thermal resistance junction-case max Rthj-amb Thermal resistance junction-ambient max Tl Maximum lead temperature for soldering purpose
Table 3.
Symbol IAS EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) Single pulse avalanche energy (starting Tj = 25C, ID = IAR, VDD = 50V) Max value 9 480 Unit A mJ
3/18
Electrical characteristics
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 4.
Symbol
On/off states
Value Parameter Drain-source breakdown voltage Drain source voltage slope Zero gate voltage drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions Min. Typ. Max. V 44 1 10 100 2 3 4 V/ns A A nA V Unit
V(BR)DSS dv/dt(1) IDSS IGSS VGS(th) RDS(on
ID = 1mA, VGS = 0 VDD=400V, ID=25A, VGS=10V VDS = Max rating VDS = Max rating,TC@125C VGS = 20V VDS = VGS, ID = 250A VGS = 10V, ID = 9A
500
0.150 0.190
1. Characteristic value at turn off on inductive load
Table 5.
Symbol gfs
(1)
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Equivalent output capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge Gate input resistance Test conditions VDS = 15V, ID = 9A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 12 1950 420 60 270 22 18 90 30 65 10 30 1.6 Max. Unit S pF pF pF
Ciss Coss Crss Coss eq.(2) td(on) tr td(off) tf Qg Qgs Qgd Rg
VGS = 0V, VDS = 0V to 400V VDD =250V, ID = 9A RG = 4.7 VGS = 10V (see Figure 15.) VDD = 400V, ID = 18A, VGS = 10V, (see Figure 16.) f=1MHz Gate DC Bias=0 test signal level=20mV open drain
pF ns ns ns ns nC nC nC
1. Pulsed: pulse duration=300s, duty cycle 1.5% 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
4/18
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
Electrical characteristics
Table 6.
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 18A, VGS = 0 ISD = 18A, di/dt=100A/s VDD = 100V, (see Figure 17.) ISD = 18A, di/dt=100A/s VDD = 100V, Tj = 150C (see Figure 17.) 360 5 27 464 6.5 27 Test conditions Min. Typ. Max. 18 72 1.5 Unit A A V ns C A ns C A
1. Pulse width limited by safe operating area 2. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %.
5/18
Electrical characteristics
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area Figure 2. Thermal impedance
Figure 3.
Safe operating area for TO-220FP
Figure 4.
Thermal impedance for TO-220FP
Figure 5.
Output characteristics
Figure 6.
Transfer characteristics
6/18
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N Figure 7. Transconductance Figure 8.
Electrical characteristics
Static drain-source on resistance
Figure 9.
Gate charge vs gate-source voltage Figure 10. Capacitance variations
Figure 11. Normalized gate threshold voltage vs temperature
Figure 12. Normalized on resistance vs temperature
7/18
Electrical characteristics
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N Figure 14. Normalized BVdss vs temperature
Figure 13. Source-drain diode forward characteristics
8/18
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
Test circuit
3
Test circuit
Figure 16. Gate charge test circuit
Figure 15. Switching times test circuit for resistive load
Figure 17. Test circuit for inductive load Figure 18. Unclamped Inductive load test switching and diode recovery times circuit
Figure 19. Unclamped inductive waveform
Figure 20. Switching time waveform
9/18
Package mechanical data
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/18
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
Package mechanical data
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
11/18
Package mechanical data
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
12/18
G
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
Package mechanical data
TO-262 (I2PAK) MECHANICAL DATA
mm. DIM. MIN. A A1 b b1 c c2 D e e1 E L L1 L2 4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27 TYP MAX. 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40 MIN. 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.194 0.393 0.511 0.137 0.050 TYP. MAX. 0.181 0.107 0.034 0.066 0.027 0.052 0.368 0.106 0.202 0.410 0.551 0.154 0.055 inch
13/18
Package mechanical data
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
D2PAK MECHANICAL DATA TO-247 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
1
14/18
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
Package mechanical data
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
15/18
Packing mechanical data
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
5
Packing mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
16/18
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
Revision history
6
Revision history
Table 7.
Date 29-Sep-2005 05-Oct-2005 19-Oct-2005 29-Nov-2005 20-Nov-2006 19-Jan-2007
Revision history
Revision 1 2 3 4 5 6 First release Symbol changed on Dynamic Changed Figure 8: Static drain-source on resistance Modified Figure 5: Output characteristics Modified Figure 8: Static drain-source on resistance Typo mistake on Table 5. Changes
17/18
STP/F21NM50N - STB21NM50N - STB21NM50N-1 - STW21NM50N
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
18/18


▲Up To Search▲   

 
Price & Availability of STW21NM50N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X