Part Number Hot Search : 
74LS47 LX128B TMA16XB 82OHM AM460 CS4281 74HC7540 BU2510
Product Description
Full Text Search
 

To Download STTS424E02BDA6E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STTS424E02
Memory module temperature sensor with a 2Kb SPD EEPROM
Data Brief
Features
Temperature sensor compliant with JEDEC JC42.4, integrated with 2Kbit Serial Presence Detect (SPD) EEPROM.
Temperature sensor

Temperature sensor resolution: 0.25C (typ)/LSB Temperature sensor accuracy: - 1C from +75C to +95C - 2C from +40C to +125C - 3C from -40C to +125C ADC conversion time: 125ms (max) Supply voltage: 2.7V to 3.6 V Maximum operating supply current: 200A Hysteresis selectable set points from: 0, 1.5, 3, 6.0C Ambient temperature sensing range: -40C to +125C
DFN8 (DA) 2mm x 3mm

TSSOP8 (DW) 4.4mm x 3mm
Two-wire bus 2Kb SPD EEPROM

2-Wire SMBus/I2C -compatible serial interface Supports up to 100kHz transfer rate
Functionality identical to ST's M34E02 SPD EEPROM Permanent and reversible software data protection for the lower 128 bytes Single supply voltage: 2.7V to 3.6V Byte and page write (up to 16 bytes) Self-time WRITE cycle (5ms, max) Automatic address incrementing More than 1 million erase/WRITE cycles Operating temperature range: -40C to +85C
Packages

2mm x 3mm DFN8, height: 0.85mm (typ) 4.4mm x 3mm TSSOP8(a) Halogen-free, lead-free
a. Contact local ST sales office for availability.
August 2007
Rev 1
1/7
www.st.com 1
For further information contact your local STMicroelectronics sales office.
Description
STTS424E02
Description
The STTS424E02 is targeted for DIMM Modules in Mobile Personal Computing Platforms (Laptops), Server Memory Modules and other industrial applications. The Thermal Sensor (TS) in the STTS424E02 is fully compliant with the JEDEC 42.4 specification, which defines Memory Module Thermal Sensors requirements for Mobile platforms. The 2Kbit Serial Presence Detect (SPD) I2C-compatible Electrically Erasable Programmable Memory (EEPROM) in the STTS424E02 is organized as 256 x8 bits and is functionally identical to the industry standard M34E02. Ambient temperature sensing range for the temperature sensor is -40C to +125C per JC42.4 specifications. The operating temperature range for the SPD EEPROM is guaranteed for -40C to +85C. The TS-SPD EEPROM combination provides space as well as cost savings for Mobile and Server Platform Dual Inline Memory Modules (DIMM) manufacturers, as it is packaged in the compact 2mm x 3mm 8-lead DFN package which has a height that will not exceed 0.9mm. It is also available in the JEDEC compliant TSSOP8 package. The temperature sensor includes a band gap-based temperature sensor and 10-bit Analogto-Digital Converter (ADC) which monitor and digitize the temperature to a resolution of up to 0.25C. The typical accuracies over these temperature ranges are:

3C (max) over the full temperature measurement range of -40C to 125C, 2C in the +40C to +125C temperature range, and 1C in the +75C to +95C temperature range.
The temperature sensor in the STTS424E02 is specified for operating at supply voltages from 2.7V to 3.6V. Operating at 3.3V, the supply current is 100A (typ). The on-board sigma delta ADC converts the measured temperature to a digital value that is calibrated in C. For Fahrenheit applications, a lookup table or conversion routine is required. The STTS424E02 is factory-calibrated and requires no external components to measure temperature. The digital temperature sensor component has user-programmable registers that provide the capabilities for DIMM temperature-sensing applications. The open drain Event output pin is active when the monitoring temperature exceeds a programmable limit, or it falls above or below an alarm window. The user has the option to set the Event output as a critical temperature output. This pin can be configured to operate in either a comparator mode for thermostat operation or in interrupt mode. The 2Kbit serial EEPROM memory in the STTS424E02 has the ability to permanently lock the data in its first half (upper) 128 bytes (locations 00h to 7Fh). This facility has been designed specifically for use in DRAM DIMMs with SPD. All of the information concerning the DRAM module configuration (e.g. access speed, size, and organization) can be kept write protected in the first half of the memory. The second half (lower) 128 bytes of the memory can be write protected using two different software write protection mechanisms. By sending the device a specific sequence, the first 128 bytes of the memory become write protected: permanently or resettable. In the STTS424E02 the EEPROM Write Control (WC) is always held low. Thus, the write protection of the memory array is dependent on whether the software protection has been set.
2/7
STTS424E02 Figure 1. Logic diagram
VDD SDA(1) SCL A2 A1 A0 STTS424E02 EVENT(1)
Description
VSS
AI12261
1. SDA and EVENT are open drain.
Table 1.
Pin 1 2 3 4 5 6 7 8
Signal names
Symbol A0 A1 A2 VSS SDA(1) SCL EVENT(1) VDD Description Direction
Serial Bus Address selection pin. Can be tied to VSS or VDD. Input Serial Bus Address selection pin. Can be tied to VSS or VDD. Input Serial Bus Address selection pin. Can be tied to VSS or VDD. Input Supply ground Serial Data Serial Clock Event output pin. Open drain and active-low Supply power (2.7V to 3.6V) Input/output Input Output
1. SDA and EVENT are open drain.
Figure 2.
Connections (DFN8 and TSSOP8)
A0 A1 A2 GND 1 2 3 4 8 7 6 5 VDD EVENT(1) SCL SDA(1)
AI12262
1. SDA and EVENT are open drain.
3/7
Description Figure 3. Block diagram
8 VDD
STTS424E02
Temperature Sensor Logic Control Comparator Timing ADC EVENT 7
Capability Register Configuration Register Temperature Register
Upper Register Lower Register Critical Register Manufacturer ID Device ID/ Revision
2Kb SPD EEPROM Software Write Protect WC VSS 1 2 3 A0 A1 A2 E0 E1 E2
Address Pointer Register
SCL 6 SMBus/I2C Interface SDA 5
VSS 4
AI12278a
4/7
STTS424E02
Part numbering
Part numbering
Table 2.
Example:
Ordering information scheme
STTS424E02 C DA 6 F
Device type STTS424E02
Grade C: Maximum accuracy 75C to 95C = 2C B: Maximum accuracy 75C to 95C = 1C(1)
Package DA = DFN8 DW = TSSOP8 (4.4mm x 3 mm body size)(1)
Temperature -40C to 85C
Shipping method F = ECOPACK package, tape & reel packing E = ECOPACK package, tube packing
1. Contact local ST sales office for availability.
For other options, or for more information on any aspect of this device, please contact the ST sales office nearest you.
5/7
Revision history
STTS424E02
Revision history
Table 3.
Date 03-Aug-2007
Revision history
Revision 1 Initial release. Changes
6/7
STTS424E02
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of STTS424E02BDA6E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X