|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STPRF1650CT thru STPRF1660CT Ultra Fast Recovery Diodes Dimensions TO-220AB A C(TAB) A C A C A Dim. A B C D E F G H J K M N Q R A=Anode, C=Cathode, TAB=Cathode VRRM V STPRF1650CT 500 STPRF1660CT 600 VRMS V 350 420 VDC V 500 600 Inches Min. Max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 BSC 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110 Milimeter Min. Max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 BSC 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79 Symbol I(AV) IFSM VF IR CJ TRR ROJC Characteristics Maximum Average Forward Rectified Current @TC=100 oC Maximum Ratings 16 125 1.5 @TJ=25 C @TJ=100oC o Unit A A V uA pF ns o Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Maximum Forward Voltage At 8.0A DC Maximum DC Reverse Current At Rated DC Blocking Voltage 5 500 80 50 1.5 -55 to +150 Typical Junction Capacitance Per Element (Note 1) Maximum Reverse Recovery Time (Note 2) Typical Thermal Resistance (Note 3) C/W o TJ, TSTG Operating And Storage Temperature Range NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A. 3. Thermal Resistance Junction To Case. C FEATURES * Glass passivated chip * Superfast switching time for high efficiency * Low forward voltage drop and high current capability * Low reverse leakage current * High surge capacity MECHANICAL DATA * Case: TO-220AB molded plastic * Polarity: As marked on the body * Weight: 0.08 ounces, 2.24 grams * Mounting position: Any STPRF1650CT thru STPRF1660CT Ultra Fast Recovery Diodes 16 PEAK FORWARD SURGE CURRENT, AMPERES FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 150 125 100 75 50 25 0 1 2 5 10 20 50 100 12 8 4 RESISTIVE OR INDUCTIVE LOAD Single Half-Sine-Wave (JEDEC METHOD) 0 25 50 75 100 125 150 175 CASE TEMPERATURE , C NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL REVERSE CHARACTERISTICS 100.0 FIG.4 - TYPICAL FORWARD CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT ,(A) TJ = 125 C INSTANTANEOUS REVERSE CURRENT ,(uA) TJ = 125 C 10.0 TJ = 100 C 50-200V 10 300-400V 500-600V TJ = 75 C 1.0 1.0 TJ = 25 C 0.1 TJ = 25 C .01 0 20 40 60 80 100 120 140 0.1 0 0.2 0.4 0.6 0.8 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) PULSE WIDTH 300ua 300us 2% Duty cycle 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE , VOLTS FIG.5 - TYPICAL JUNCTION CAPACITANCE 1000 CAPACITANCE , (pF) 50-400V 100 500-600V TJ = 25 C, f= 1MHz 10 0.1 1 4 10 100 REVERSE VOLTAGE , VOLTS |
Price & Availability of STPRF1650CT |