Part Number Hot Search : 
SIS780DN AOTF7N70 CM1696 2N411 2SD60 PQ600 TC144 ICL8021
Product Description
Full Text Search
 

To Download STPR820D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STPR810D thru STPR820D
Ultra Fast Recovery Diodes
Dimensions TO-220AC A C(TAB) A C C
Dim. A B C D E F G H J K L M N Q
A=Anode, C=Cathode, TAB=Cathode
STPR810D STPR820D
VRRM V 100 200
VRMS V 70 140
VDC V 100 200
Inches Min. Max. 0.500 0.580 0.560 0.650 0.380 0.420 0.139 0.161 2.300 0.420 0.100 0.135 0.045 0.070 0.250 0.025 0.035 0.190 0.210 0.140 0.190 0.015 0.022 0.080 0.115 0.025 0.055
Milimeter Min. Max. 12.70 14.73 14.23 16.51 9.66 10.66 3.54 4.08 5.85 6.85 2.54 3.42 1.15 1.77 6.35 0.64 0.89 4.83 5.33 3.56 4.82 0.38 0.56 2.04 2.49 0.64 1.39
Symbol I(AV) IFSM
Characteristics Maximum Average Forward Rectified Current Non Repetitive Peak Forward Surge Current Per Diode Sinusoidal (JEDEC METHOD) Maximum Forward Voltage Pulse Width=300us Duty Cycle Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 1) Maximum Reverse Recovery Time (Note 2) Typical Thermal Resistance @TC=120oC TP=10ms TP=8.3ms
Maximum Ratings 8.0 80 90 0.99 1.20 1.25 50 600 80 30 3.0 -55 to +150
Unit A A
VF
IF=8A @TJ=125oC IF=16A @TJ=125oC IF=16A @TJ=25oC @TJ=25oC @TJ=100oC
V
IR CJ TRR ROJC
uA pF ns
o
C/W
o
TJ, TSTG Operating and Storage Temperature Range NOTES: 1. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
C
FEATURES
* Glass passivated chip * Superfast switching time for high efficiency * Low forward voltage drop and high current capability * Low reverse leakage current * High surge capacity
MECHANICAL DATA
* Case: TO-220AC molded plastic * Polarity: As marked on the body * Weight: 0.08 ounces, 2.24 grams * Mounting position: Any
STPR810D thru STPR820D
Ultra Fast Recovery Diodes
10
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
120 100 80
TP=8.3ms
8
6 4
60 40 20 0 1 2 5 10 20 50 100
TP=10ms 8.3ms Single Half-Sine-Wave (JEDEC METHOD)
2
RESISTIVE OR INDUCTIVE LOAD
0
25
50
75
100
125
150
175
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
1000
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ = 150 C
10
10
TJ = 100 C
TJ = 125 C TJ = 25 C
1.0
1.0
TJ = 25 C
0.1
0.01 0 20 60 100 140
0.1 0 0.2 0.4 0.6 0.8
RATED PEAK REVERSE VOLTAGE (VOLTS)
PULSE WIDTH 300us 2% Duty cycle
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
CAPACITANCE , (pF)
100
TJ = 25 C, f= 1MHz
10 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS


▲Up To Search▲   

 
Price & Availability of STPR820D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X