Part Number Hot Search : 
21M10 BULT116D DS1558Y 2SD1127 MAX520 UPD17 00095 TSM105D
Product Description
Full Text Search
 

To Download STL150N3LLH5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STL150N3LLH5
N-channel 30 V - 0.0014 - 35 A - PowerFLATTM (6x5) STripFETTM V Power MOSFET
Features
Type STL150N3LLH5 VDSS 30 V RDS(on) max ID
<0.00175 35 A (1)
1. The value is rated according Rthj-pcb
RDS(on) * Qg industry benchmark Extremely low on-resistance RDS(on) High avalanche ruggedness Low gate drive power losses
PowerFLATTM ( 6x5 )
Application
Switching applications Figure 1. Internal schematic diagram
Description
This product utilizes the 5th generation of design rules of ST's proprietary STripFETTM technology. The lowest available RDS(on)*Qg, in this chip scale package, makes this device suitable for the most demanding DC-DC converter applications, where high power density is to be achieved.
Table 1.
Device summary
Marking 150N3LLH5 Package PowerFLATTM (6x5) Packaging Tape and reel
Order code STL150N3LLH5
April 2008
Rev 2
1/12
www.st.com 12
Contents
STL150N3LLH5
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................. 6
3 4 5
Test circuits
.............................................. 8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
2/12
STL150N3LLH5
Electrical ratings
1
Electrical ratings
Table 2.
Symbol VDS VGS ID(1) ID (1) ID(2) ID
(3) (3)
Absolute maximum ratings
Parameter Drain-source voltage (VGS = 0) Gate-source voltage Drain current (continuous) at TC = 25 C Drain current (continuous) at TC = 100 C Drain current (continuous) at TC = 25 C Drain current (continuous) at TC=100 C Drain current (pulsed) Total dissipation at TC = 25 C Total dissipation at TC = 25 C Derating factor Value 30 20 150 94 35 21.8 140 80 4 0.03 -55 to 150 Unit V V A A A A A W W W/C C
IDM
PTOT (1) PTOT
(3)
TJ Tstg
Operating junction temperature Storage temperature
1. The value is rated according Rthj-c 2. The value is rated according Rthj-pcb 3. Pulse width limited by safe operating area
Table 3.
Symbol Rthj-case Rthj-pcb
(1)
Thermal resistance
Parameter Thermal resistance junction-case (drain) (steady state) Thermal resistance junction-ambient Value 1.56 31.3 Unit C/W C/W
1. When mounted on FR-4 board of 1inch, 2oz Cu, t < 10 sec
Table 4.
Symbol IAV EAS
Avalanche data
Parameter Not-repetitive avalanche current, (pulse width limited by Tj Max) Single pulse avalanche energy (starting TJ = 25 C, ID = IAV , VDD = 24 V) Value 17 300 Unit A mJ
3/12
Electrical characteristics
STL150N3LLH5
2
Electrical characteristics
(TCASE = 25 C unless otherwise specified) Table 5.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250 A, VGS= 0 VDS = Max rating, VDS = Max rating @125 C VGS = 20 V VDS= VGS, ID = 250 A VGS= 10 V, ID= 17.5 A VGS= 4.5 V, ID= 17.5 A 1 0.0014 0.00175 0.0019 0.0024 Min. 30 1 10
100
Typ.
Max.
Unit V A A nA V
Table 6.
Symbol Ciss Coss Crss Qg Qgs Qgd RG
Dynamic
Parameter Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge Test conditions VDS = 25 V, f=1 MHz, VGS=0 VDD=15 V, ID = 35 A VGS =4.5 V (see Figure 14) f=1 MHz Gate DC Bias = 0 Test signal level = 20 mV open drain Min. Typ. 5800 1147 127 40 13.4 14.9 Max. Unit pF pF pF nC nC nC
Gate input resistance
1.1
4/12
STL150N3LLH5
Electrical characteristics
Table 7.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Turn-off delay time Fall time Test conditions VDD=15 V, ID= 17.5 A, RG=4.7 , VGS=10 V (see Figure 13) Min. Typ. 17.2 30.8 65.8 47.8 Max. Unit ns ns ns ns
Table 8.
Symbol ISD ISDM(1) VSD(2) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 35 A, VGS=0 ISD = 35 A, di/dt = 100 A/s, VDD=25 V 43.8 46 2.1 Test conditions Min Typ. Max 35 140 1.1 Unit A A V ns nC A
1. Pulse width limited by safe operating area 2. Pulsed: pulse duration=300s, duty cycle 1.5%
5/12
Electrical characteristics
STL150N3LLH5
2.1
Figure 2.
ID(A)
Electrical characteristics (curves)
Safe operating area
HV42710 TJ = 150 C TC = 25C Single pulse
Figure 3.
Thermal impedance
100
a is are this S(on) on D xR tion ma era by Op ited lim
10
10 ms
100 ms 1 1s
0.1
0.01 0.1 1 10 VDS(V)
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
BVDSS
(norm)
Normalized BVDSS vs temperature
HV42790
Figure 7.
Static drain-source on resistance
HV42770
RDS(on) (m) 2.5
1.1
1.05
2.0
1
1.5
0.95
0.9
1.0
0.85 -55 -30 -5 20 45 70 95 120 145 TJ(C)
0.5 0 10 20 30 ID(A)
6/12
STL150N3LLH5 Figure 8. Gate charge vs gate-source voltage Figure 9.
HV42730 VDD=15 V VGS=5 V ID=34 A
C(pF)
Electrical characteristics Capacitance variations
HV42760 f=1MHz
VGS(V)
12 10 8
10000
8000
Ciss
6000
6 4 2 0
0 20 40 60 Qg(nC)
4000
2000
Crss
Coss
0 0 10 20 VDS(V)
Figure 10. Normalized gate threshold voltage vs temperature
VGS(th) (norm) 1.2 HV42740 ID=250A
Figure 11. Normalized on resistance vs temperature
RDS(on)
(norm)
HV42750
1.6
ID=17 A VGS=10 V
1
1.4
0.8
1.2
0.6
1
0.4
0.8
0.2 -55
-30
-5
20
45
70
95
120
145 TJ (C)
0.6 -55
-30
-5
20
45
70
95
120 145 TJ(C)
Figure 12. Source-drain diode forward characteristics
VSD(V) 0.8 0.7 TJ=25C 0.6 0.5 TJ=175C 0.4 0.3 0 10 20 30 ID(A) TJ=-55C HV42780
7/12
Test circuits
STL150N3LLH5
3
Test circuits
Figure 14. Gate charge test circuit
Figure 13. Switching times test circuit for resistive load
Figure 15. Test circuit for inductive load Figure 16. Unclamped inductive load test switching and diode recovery times circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform
8/12
STL150N3LLH5
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
9/12
Package mechanical data
STL150N3LLH5
PowerFLATTM(6x5) mechanical data
mm. Min. A A1 A3 b D D1 D2 E E1 E2 E4 e L 0.70 3.43 2.58 4.15 0.35 0.80 Typ. 0.83 0.02 0.20 0.40 5.00 4.75 4.20 6.00 5.75 3.48 2.63 1.27 0.80 0.90 0.027 3.53 2.68 0.135 4.25 0.163 0.47 0.013 Max. 0.93 0.05 Min. 0.031 inch Typ. 0.32 0.0007 0.007 0.015 0.196 0.187 0.165 0.236 0.226 0.137 0.103 0.050 0.031 0.035 0.139 0.105 0.167 0.018 Max. 0.036 0.0019
DIM.
10/12
STL150N3LLH5
Revision history
5
Revision history
Table 9.
Date 22-Oct-2007 01-Apr-2008
Document revision history
Revision 1 2 First release Document status promoted from preliminary data to datasheet Changes
11/12
STL150N3LLH5
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of STL150N3LLH5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X