|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STA516B 60 V 6 A quad power half bridge Features Minimum input output pulse width distortion 200 m RdsON complementary DMOS output stage CMOS compatible logic inputs Thermal protection Thermal warning output Under voltage protection Power SO36 slug up Description STA516B is a monolithic quad half bridge stage in Multipower BCD Technology. The device can be used as dual bridge or reconfigured, by connecting CONFIG pin to Vdd pin, as single bridge with double current capability, and as half bridge (Binary mode) with half current capability. The device is particularly designed to make the output stage of a stereo all-digital high efficiency (DDXTM) amplifier capable to deliver 160 + 160 W @ THD = 10 % at Vcc 50 V output power on 8 load and 320 W @ THD = 10 % at Vcc 50V on 4 load in single BTL configuration. The input pins have threshold proportional to VL pin voltage. Table 1. Device summary Part number STA516B STA516B13TR Package Power SO36 slug up Power SO36 slug up Packaging Tube Tape and reel March 2007 Rev 2 1/13 www.st.com 1 Contents STA516B Contents 1 2 3 4 5 6 7 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin lists . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Power supply and control sequencing . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Test . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Mechanical and package data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 2/13 STA516B Introduction 1 Introduction Figure 1. Application circuit (dual BTL) VCC1A IN1A IN1A +3.3V VL CONFIG PWRDN R57 10K R59 10K C58 100nF TH_WAR IN1B VDD VDD VSS VSS C58 100nF C53 100nF C60 100nF IN2A VCCSIGN VCCSIGN IN2A GND-Reg GND-Clean 21 22 33 34 M17 35 8 9 36 31 20 19 M16 M15 REGULATORS 7 VCC2A C32 1F OUT2A OUT2A 6 GND2A PWRDN FAULT 23 24 25 27 26 TRI-STATE PROTECTIONS & LOGIC M5 28 30 M4 13 M2 29 M3 15 17 16 C30 1F OUT1A OUT1A 14 GND1A C52 330pF +VCC C55 1000F L18 22H C20 100nF R98 6 C99 100nF C23 470nF C101 100nF 8 12 VCC1B C31 1F OUT1B OUT1B GND1B R63 20 R100 6 C21 100nF L19 22H 11 10 TH_WAR IN1B L113 22H C110 100nF C109 330pF R103 6 R104 20 4 VCC2B C33 1F OUT2B OUT2B R102 6 C111 100nF 3 2 C107 100nF C108 470nF C106 100nF 8 IN2B IN2B GNDSUB 32 M14 L112 22H 1 5 GND2B D00AU1148B 3/13 Pin lists STA516B 2 Pin lists Table 2. Number 1 2, 3 4 5 6 7 8, 9 10, 11 12 13 14 15 16, 17 18 19 20 21, 22 23 24 25 26 27 28 29 30 31 32 33, 34 35, 36 Pin function Pin GND-SUB OUT2B Vcc2B GND2B GND2A Vcc2A OUT2A OUT1B Vcc1B GND1B GND1A Vcc1A OUT1A NC Substrate ground Output half bridge 2B Positive supply Negative supply Negative supply Positive supply Output half bridge 2A Output half bridge 1B Positive supply Negative supply Negative supply Positive supply Output half bridge 1A Not connected Description GND-clean Logical ground GND-Reg Vdd VL CONFIG PWRDN Ground for regulator Vdd 5 V regulator referred to ground High logical state setting voltage Configuration pin Stand-by pin TRI-STATE Hi-Z pin FAULT TH-WAR IN1A IN1B IN2A IN2B Vss Vcc sign Fault pin advisor Thermal warning advisor Input of half bridge 1A Input of half bridge 1B Input of half bridge 2A Input of half bridge 2B 5 V regulator referred to +Vcc Signal positive supply 4/13 STA516B Table 3. Pin name FAULT FAULT (1) Pin lists Functional pin status Logical value 0 1 0 1 0 1 0 1 0 1 Status Fault detected (short circuit or thermal for example) Normal operation All powers in Hi-Z state Normal operation Low absorption Normal operation Temperature of the IC =130 oC Normal operation Normal operation OUT1A=OUT1B; OUT2A=OUT2B (IF IN1A = IN1B; IN2A = IN2B) TRI-STATE TRI-STATE PWRDN PWRDN THWAR THWAR(1) CONFIG CONFIG(2) 1. The pin is open collector. To have the high logic value, it needs to be pulled up by a resistor. 2. To put CONFIG = 1 means connect Pin 24 (CONFIG) to Pins 21, 22 (Vdd) Figure 2. Pin connection VCCSign VCCSign VSS VSS IN2B IN2A IN1B IN1A TH_WAR FAULT TRI-STATE PWRDN CONFIG VL VDD VDD GND-Reg GND-Clean 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 D01AU1273 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 GND-SUB OUT2B OUT2B VCC2B GND2B GND2A VCC2A OUT2A OUT2A OUT1B OUT1B VCC1B GND1B GND1A VCC1A OUT1A OUT1A N.C. 5/13 Electrical characteristics STA516B 3 Table 4. Symbol VCC Vmax Top Tstg, Tj Electrical characteristics Absolute maximum ratings Parameter DC supply voltage (Pins 4,7,12,15) Maximum voltage on pins 23 to 32 Operating temperature range Storage and junction temperature 60 5.5 0 to 70 -40 to 150 Value V V C C Unit Table 5. Symbol Tj-case TjSD Twarn thSD Thermal data Parameter Thermal resistance junction to case (thermal pad) Thermal shut-down junction temperature Thermal warning temperature Thermal shut-down hysteresis Min. 1 150 130 25 Typ. Max. 2.5 Unit C/W C C C Table 6. Symbol RdsON Idss gN gP Dt_s Dt_d td ON td OFF tr tf VCC VIN-High VIN-Low IIN-H IIN-L Electrical characteristics (VL= 3.3 V; Vcc = 50 V; Tamb = 25 C unless otherwise specified) Parameter Power Pchannel/Nchannel MOSFET RdsON Power Pchannel/Nchannel leakage Idss Power Pchannel RdsON matching Power Nchannel RdsON matching Low current dead time (static) High current dead time (dynamic) Turn-on delay time Turn-off delay time Rise time Fall time Supply operating voltage High level input voltage Low level input voltage High level Input current Low level input current Pin voltage = VL Pin voltage = 0.3 V VL/2 -300mV 1 1 Id=1A Id=1A see Figure 4 L=22H, C = 470nF Rl = 8 Id=4.5A , see Figure 5 Resistive load Resistive load Resistive load see Figure 4 Resistive load see Figure 4 10 95 95 10 20 50 100 100 25 25 52 VL/2 +300mV ns ns ns Test conditions Id=1A Min. Typ. 200 Max. 240 100 Unit m A % % ns ns ns V V V A A 6/13 STA516B Table 6. Symbol Electrical characteristics Electrical characteristics (continued) (VL= 3.3 V; Vcc = 50 V; Tamb = 25 C unless otherwise specified) Parameter Test conditions VL= 3.3 V VL = 3.3 V VL = 3.3 V 0.8 1.7 3 Min. Typ. 35 Max. Unit A V IPWRDN-H High level PWRDN pin input current VLow VHigh IVCCPWRDN Low logical state voltage VL (pin PWRDN, TRISTATE)(seeTable 7) High logical state voltage VH (pin PWRDN, TRISTATE)(seeTable 7) V Supply current from Vcc in power down PWRDN = 0 Output current pins FAULT -TH-WARN when FAULT CONDITIONS Supply current from Vcc in Tristate mA IFAULT IVCC-hiz Vpin = 3.3 V Tristate = 0 Input pulse width = 50 % duty Switching frequency = 384 Khz; No LC filters 6 1 22 mA mA mA IVCC Supply current from Vcc in operation both channel switching) 70 IOUT-SH VUV VOV tpw_min Over current protection threshold Isc (short circuit current limit)1(1) Under voltage protection threshold Over voltage protection threshold Output minimum pulse width No load 8 7 10 A V 60 25 70 40 V ns 1. See specific application note number: AN1994. Table 7. VLow, VHigh variation with VL VL 2.7 3.3 5 VLow min 0.7 0.8 0.85 VHigh max 1.5 1.7 1.85 Unit V V V Table 8. Tristate 0 1 1 1 1 Logic truth table (see Figure 2) INxA x 0 0 1 1 INxB x 0 1 0 1 Q1 OFF OFF OFF ON ON Q2 OFF OFF ON OFF ON Q3 OFF ON ON OFF OFF Q4 OFF ON OFF ON OFF Output mode Hi-Z DUMP NEGATIVE POSITIVE Not used 7/13 Power supply and control sequencing STA516B 4 Power supply and control sequencing To guarantee correct operation and reliability, a correct turn on/off sequence must be followed. Figure 3 shows the correct power on sequence. Figure 3. V Correct power-on sequence Vcc VL Vcc > VL t PWRDN t IN t Vcc must turn on before VL in order to prevent uncontrolled current flowing through an internal protection diode connected between VL (logic supply) and Vcc (high power supply). Failure to do so could result in damage to the device. PWRDN must be released after VL is switched on. An input signal can then be sent to the power stage. 8/13 STA516B Test 5 Test Figure 4. Test circuit OUTxY Vcc (3/4)Vcc Low current dead time = MAX(DTr,DTf) (1/2)Vcc (1/4)Vcc +Vcc t Duty cycle = 50% M58 DTr OUTxY M57 DTf INxY R 8 + - V67 = vdc = Vcc/2 D03AU1458 gnd Figure 5. Current dead time test circuit High Current Dead time for Bridge application = ABS(DTout(A)-DTin(A))+ABS(DTOUT(B)-DTin(B)) +VCC Duty cycle=A Duty cycle=B DTout(A) M58 Q1 OUTxA Rload=8 L67 22 C69 470nF DTout(B) L68 22 C70 470nF Q2 OUTxB M64 DTin(A) INxA DTin(B) INxB Iout=4.5A M57 Q3 Iout=4.5A Q4 M63 C71 470nF Duty cycle A and B: Fixed to have DC output current of 4.5A in the direction shown in figure D00AU1162 9/13 Test Figure 6. STA516B Typical single BTL configuration to obtain 320 W @ THD 10 %, RL = 4 W, VCC = 50 V (a) +3.3V 100nF VL GND-Clean GND-Reg 10K 100nF X7R VDD VDD CONFIG TH_WAR nPWRDN 10K TH_WAR PWRDN FAULT TRI-STATE 100nF IN1A IN1B IN2A IN2B VSS VSS 100nF X7R 100nF X7R Add. VCCSIGN VCCSIGN GNDSUB 23 18 17 16 11 10 N.C. 12H 19 20 OUT1A OUT1A OUT1B OUT1B OUT2A 9 8 OUT2B 3 2 VCC1A 1F X7R OUT2B 12H +36V 2200F 63V OUT2A 330pF 22 1/2W 6.2 1/2W 6.2 1/2W 100nF FILM 100nF X7R 680nF FILM 100nF X7R 100nF FILM 21 22 24 28 25 27 26 4 15 29 30 31 32 33 34 12 VCC1B VCC2A IN1A 7 +36V 1F X7R IN1B 4 14 VCC2B GND1A GND1B 35 13 GND2A 36 1 6 GND2B 5 D04AU1545 Figure 7. Typical quad half bridge configuration VCC1P IN1A IN1A +3.3V VL CONFIG PWRDN R57 10K R59 10K C58 100nF TH_WAR IN1B VDD VDD VSS VSS C58 100nF C53 100nF C60 100nF IN2A VCCSIGN VCCSIGN IN2A GND-Reg GND-Clean 21 22 33 34 M17 35 8 9 36 31 20 19 M16 M15 OUTPR OUTPR 6 PGND2P R43 20 C43 330pF L13 22H C73 100nF R53 6 C83 100nF R66 5K REGULATORS 7 VCC2P PWRDN FAULT 23 24 25 27 26 TRI-STATE PROTECTIONS & LOGIC M5 28 30 M4 13 M2 29 M3 15 17 16 OUTPL OUTPL 14 PGND1P R41 20 C41 330pF L11 22H C71 100nF R51 6 C81 100nF R62 5K R61 5K +VCC C21 2200F C31 820F C91 1F 4 12 VCC1N C51 1F OUTNL OUTNL PGND1N C61 100nF L12 22H R42 20 C42 330pF C72 100nF R52 6 C82 100nF R64 5K 11 10 TH_WAR IN1B R63 5K C32 820F C92 1F 4 R65 5K C33 820F C93 1F 4 4 VCC2N C52 1F OUTNR OUTNR C62 100nF L14 22H R44 20 C44 330pF C74 100nF R54 6 C84 100nF R68 5K 3 2 IN2B R67 5K C34 820F IN2B GNDSUB 32 M14 1 5 PGND2N C94 1F 4 D03AU1474 For more information, refer to the application note "ST50X and STA51X digital power amplifiers". a. A PWM modulator as driver is required. This result was obtained using the STA30X+STA50X demo board. 10/13 STA516B Mechanical and package data 6 Mechanical and package data Figure 8. Power SO36 (slug up) mechanical data and package dimension mm TYP. inch TYP. DIM. A A2 A4 A5 a1 b c D D1 D2 E E1 E2 E3 E4 e e3 G H h L N s MIN. 3.25 3.1 0.8 0.030 0.22 0.23 15.8 9.4 MAX. 3.43 3.2 1 -0.040 0.38 0.32 16 9.8 MIN. 0.128 0.122 0.031 0.0011 0.008 0.009 0.622 0.37 MAX. 0.135 0.126 0.039 -0.0015 0.015 0.012 0.630 0.38 OUTLINE AND MECHANICAL DATA 0.2 0.008 1 13.9 10.9 5.8 2.9 0.65 11.05 0 15.5 0.8 0.075 15.9 1.1 1.1 10 8 0 0.61 0.031 14.5 11.1 2.9 6.2 3.2 0.547 0.429 0.228 0.114 0.039 0.57 0.437 0.114 0.244 1.259 0.026 0.435 0.003 0.625 0.043 0.043 10 8 PowerSO36 (SLUG UP) (1) "D and E1" do not include mold flash or protusions. Mold flash or protusions shall not exceed 0.15mm (0.006") (2) No intrusion allowed inwards the leads. 7183931 D 11/13 Revision history STA516B 7 Revision history Table 9. Date 01-Feb-2007 19-Mar-2007 Document revision history Revision 1 2 Initial release Update to reflect product maturity. Changes 12/13 STA516B Please Read Carefully: Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein. UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK. Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST. ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners. (c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com 13/13 |
Price & Availability of STA516B |