Part Number Hot Search : 
14NM50N 1H820 CS493253 2110B HTA10 C557A IRFD211 MM74C905
Product Description
Full Text Search
 

To Download SS24A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS22A thru SS210A
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS FEATURES
For surface mounted applications Metal-Semiconductor junction with guarding Epitaxial construction Very low forward voltage drop High current capability
REVERSE VOLTAGE
- 20 to 100 Volts
FORWARD CURRENT - 2.0 Amperes SMA
.062(1.60) .055(1.40)
.114(2.90) .098(2.50)
Plastic material has UL flammability classification 94V-0
For use in low voltage, high frequency inverters,
.181(4.60) .157(4.00) .012(.305) .006(.152) .103(2.62) .079(2.00)
free wheeling, and polarity protection applications.
MECHANICAL DATA
Case Molded Plastic Polarity: lndicated by cathode band Weight: 0.002 ounces,0.064 grams
.060(1.52) .030(0.76)
.208(5.28) .188(4.80)
.008(.203) .002(.051)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed On Rated Load (JEDEC Method) Maximum Forward Voltage at 2.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TL=100
SYMBOL VRRM VRMS VDC I(AV)
SS22A 20 14 20
SS23A 30 21 30
SS24A 40 28 40
SS25A 50 35 50 2.0
SS26A 60 42 60
SS28A 80 56 80
SS210A 100 70 100
UNIT V V V A
IFSM VF IR CJ RJL TJ TSTG 0.45 0.55 0.6
60 0.7 1.0 20 200 15 -55 to +150 -55 to + 150 0.85
A V mA pF /W
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 2.Thermal resistance junction to lead.
~ 157 ~
RATING AND CHARACTERTIC CURVES SS22A thru SS210A
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES 60 50 40 30 20 10 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL JUNCTION CAPACITANCE 1000
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
FIG. 1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
2.0
1.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
0 25 50 75 100 125 150 175
LEAD TEMPERATURE FIG.4-TYPICAL FORWARD CHARACTERISTICS 20
SS22A
INSTANTANEOUS FORWARD CURRENT, (A)
10
SS24A
SS23A
CAPACITANCE pF
100
SS25A -SS26A SS28A -SS210A
1.0
TJ = 25C PULSE WIDTH 300us 1% DUTY CYCLE
TJ=25 f=1MHZ
10 0.1 1.0 4.0 10.0 100 1.5 1.7 REVERSE VOLTAGE,VOLTS
0.1 0 0.1 0.3 0.5 0.7 0.9 1.1 1.3 INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
FIG.5-TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT, (mA )
10
T J=125
1.0
T J=100
0.1
0.01
T J=25
0.001 0 20 40 60 80 100 120 140
PERCENT RATED PEAK REVERSE VOLTAGE,(%)
~ 158 ~


▲Up To Search▲   

 
Price & Availability of SS24A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X