Part Number Hot Search : 
LT1764E 4761A 4761A D15SB100 1N4754 ML120 MA5889 PSSB05P
Product Description
Full Text Search
 

To Download SR1620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SCHOTTKY BARRIER RECTIFIER
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications Low forward voltage drop,low switching losses High surge capability The plastic material carries U/L recognition 94V-0
SR1620- - -SR1660
REVERSE VOLTAGE: 20 - 60 V FORWARD CURRENT: 16 A TO-220AC
MECHANICAL DATA
Case:JEDEC TO--220AC,molded plastic Terminals: Plated leads, solderable per MIL-STD-111 111 202, Method 208 Polarity: As marked Weight: 0.064 ounce, 1.81 grams Mounting position: Any
(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SR 1620
Maximum recurrent peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forw ard rectified current h @TA=100 Peak forw ard surge current 8.3 ms single half b sine-w ave superimposed on rated load v (JEDEC Method) @TJ =125 Maximum instantaneous forw ard voltage per leg @ 16A (Note1) Maximum reverse current at rated DC blocking voltage @TA=25 @TA=100
SR 1630
30 21 30
SR 1640
40 28 40 16.0
SR 1650
50 35 50
SR 1660
60 42 60
UNITS
V V V A
VRRM VRMS VDC IF(AV)
20 14 20
IFSM
200.0
A
VF
0.7 1.0
0.8
V
IR TJ TSTG
mA 50.0 -55 --- +150 -55 --- +150
www.galaxycn.com
Operating junction temperature range Storage temperature range
Note: 1. Pulse test:300us pulse width,1% duty cy cle.
Document Number 0266048
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 --FORWARD CURRENT DERATING CURVE INSTANTANEOUS REVERSE CURRENT MILLIAMPERES AVERAGE FORWARD CURRENT
1000
SR1620 - - - SR1660
FIG.2 -- TYPICAL REVERSE CHARACTERISTICS
18
15 Resistive or inductive load
100
TJ=150ae
TJ=75ae
AMPERES
12
10
TJ=25ae
9
1
6
0.1
3
0 0 50 100 150
0.01 0 20 40 60
80
100
CASE TEMPERATURE,
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG.4 -- PEAK FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD CURRENT
50
SR1650-SR1660 SR1620-SR1640
PEAK FORWARD SURGE CURRENT AMPERES
200 175 150 125 100 75 50 25 0 1 5 10 50 100
AMPERES
10
TJ=TJMAX. 8.3ms Single Half Sine-Wave (JEDEC Method)
1.0
Pulse width=300 1% Duty Cycle
s
0.1 .2 .3 .4 .5 .6 .7 .8 .9 1.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLE AT 60Hz
www.galaxycn.com
Document Number 0266048
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of SR1620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X