|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Semiconductor SDS915F Switching Diode Features * * * * SMD package : SOT-23F Low forward voltage : VF=0.9V(Typ.) Fast reverse recovery time : trr=1.6 (Typ.) Small total capacitance : CT=2.2 (Typ.) Ordering Information Type No. SDS915F Marking C5E Package Code SOT-23F Outline Dimensions unit : mm 2.30~2.50 1.50~1.70 1 2.80~3.00 1.90 Typ. 3 2 0.45 Max. 3 0.80~1.00 1 2 0.10 Max. 0.20 Max. PIN Connections 1. Cathode 2. NC 3. Anode KSD-2037-002 1 SDS915F Absolute maximum ratings Characteristic Peak reverse voltage Reverse voltage Peak forward current Average forward current Peak forward surge current(10ms) Power dissipation Junction temperature Storage temperature range Ta=25C Symbol VRM VR IFM IO IFSM PD Tj Tstg Rating 85 80 300 100 2 150 150 -55 ~ 150 Unit V V A C C Electrical Characteristics Characteristic Forward voltage Ta=25C Symbol VF(1) VF(2) VF(3) IR CT IF=1 Test Condition IF=10 IF=100 VR=80V VR=0, f=1 IF=10 (Fig. 5) Min. Typ. Max. 0.6 0.7 0.9 2.2 1.6 1.2 0.5 4.0 4.0 Unit V Reverse current Total capacitance Reverse recovery time trr KSD-2037-002 2 SDS915F Electrical Characteristic Curves Fig. 1 IF-VF Fig. 2 IR-VR Fig. 3 CT-VR Fig. 4 trr-IF Fig. 5 Reverse recovery time(trr) test circuit x KSD-2037-002 3 SDS915F The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice. KSD-2037-002 4 |
Price & Availability of SDS915F |