Part Number Hot Search : 
CC20L2 X1273 C3510 RT2805A TA0511A KM273J 74HC5 MTD2001
Product Description
Full Text Search
 

To Download SBA18-11EGWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
Part Number: SBA18-11EGWA High Efficiency Red Green
Features
1.75 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAC1575 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 1 OF 7 ERP: 1301000643
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. SBA18-11EGWA High Efficiency Red (GaAsP/GaP) Green (GaP)
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Description
Typ. 24000 12000 Common Anode ,Rt. Hand Decimal.
WHITE DIFFUSED
4700 3000
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Per Segment Or (DP) Reverse Current Per Segment Or (DP) Device High Efficiency Red Green High Efficiency Red Green High Efficiency Red Green High Efficiency Red Green High Efficiency Red Green High Efficiency Red Green Typ. 627 565 625 568 45 30 15 15 6.0 (2.0) 6.6 (2.2) 7.5 (2.5) 7.5 (2.5) 10 (10) Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=15V (VR=5V)
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation Per Segment Or (DP) DC Forward Current Per Segment Or (DP) Peak Forward Current [1] Per Segment Or (DP) Reverse Voltage Per Segment Or (DP) Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
High Efficiency Red 225 (75) 30 (30) 160 (160) 15 (5) -40C To +85C
Green 187.5 (62.5) 25 (25) 140 (140)
Units mW mA mA V
260C For 3-5 Seconds
SPEC NO: DSAC1575 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 2 OF 7 ERP: 1301000643
SBA18-11EGWA High Efficiency Red
SPEC NO: DSAC1575 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 3 OF 7 ERP: 1301000643
SPEC NO: DSAC1575 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 4 OF 7 ERP: 1301000643
Green
SPEC NO: DSAC1575 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 5 OF 7 ERP: 1301000643
SPEC NO: DSAC1575 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 6 OF 7 ERP: 1301000643
PACKING & LABEL SPECIFICATIONS
SBA18-11EGWA
SPEC NO: DSAC1575 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 7 OF 7 ERP: 1301000643


▲Up To Search▲   

 
Price & Availability of SBA18-11EGWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X