Part Number Hot Search : 
C20VI 15ETH03 ALVCH LTC2641 NTE5980 2SB1005 2SB1005 8HC71
Product Description
Full Text Search
 

To Download S3PHB70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S3PHB70,
S3PHBD70,
S3PFB70
Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
Dimensions in mm (1mm=0.0394")
S3PHB70 Type S3PHB70G08 S3PHB70G12 S3PHB70G14 S3PHB70G16 S3PHBD70G08 S3PHBD70G12 S3PHBD70G14 S3PHBD70G16
S3PHBD70 VRSM V 900 1300 1500 1700
S3PFB70 VRRM V 800 1200 1400 1600
S3PFB70G08 S3PFB70G12 S3PFB70G14 S3PFB70G16
Symbol Idav Tc=85 C, module Idavm module IFRMS,ITRMS per leg TVJ=45oC VR=0 IFSM,ITSM TVJ=TVJM VR=0
2
Test Conditions
o
Maximum Ratings 70 70 36
Unit A
t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine repetitive, IT=50A
550 600 500 550 1520 1520 1250 1250 150
A
It
TVJ=45oC VR=0 TVJ=TVJM VR=0
A2s
TVJ=125oC f=50Hz, tp=200us (di/dt)cr VD=2/3VDRM IG=0.3A diG/dt=0.3A/us (dv/dt)cr PGM TVJ TVJM Tstg VISOL Md Weight 50/60Hz, RMS _ IISOL<1mA
non repetitive, IT=1/2 Idav
.
A/us 500 1000 10 5 1 -40...+125 125 -40...+125 V/us W
TVJ=TVJM; VDR=2/3VDRM RGK= ; method 1 (linear voltage rise) TVJ=TVJM IT=ITAVM tp=30us tp=500us tp = 10ms
o
C
t=1min t=1s
2500 3000 5 15 % 44 15 % 50
V~ Nm/lb.in. g
Mounting torque (M5) (10-32 UNF)
S3PHB70,
S3PHBD70,
S3PFB70
Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
Symbol ID,IR VT, VF VTO rT VGT IGT VGD IGD IL IH tgd tq IRM RthJC RthJK dS dA a per thyristor/diode; DC current per module per thyristor/diode; DC current per module Creeping distance on surface Strike distance through air Maximum allowable acceleration TVJ=25 C; tp=10us IG=0.45A; diG/dt=0.45A/us TVJ=25oC; VD=6V; RGK= TVJ=25 C; VD=1/2VDRM IG=0.45A; diG/dt=0.45A/us TVJ=TVJM; IT=20A; tp=200us; -di/dt=10A/us VR=100V; dv/dt=15V/us; VD=2/3VDRM typ.
o o
Test Conditions TVJ=TVJM; VR=VRRM; VD=VDRM IT, IF=300A; TVJ=25 C For power-loss calculations only
o o
Characteristic Values 5 1.64 0.85 11
Unit mA V V m V mA V mA mA mA us us A K/W K/W mm mm m/s2
VD=6V; VD=6V; TVJ=TVJM;
TVJ=25 C TVJ=-40oC TVJ=25oC TVJ=-40oC VD=2/3VDRM
1.5 1.6 100 200 0.2 5 450 200 2 250 45 0.9 0.15 1.1 0.157 16.1 7.5 50
FEATURES
* Low forward voltage drop * Package with copper base plate * Planar passivated chips * Isolation voltage 3000 V~ * 1/4''fast-on power terminals
APPLICATIONS
* Input rectifiers for PWM inverter * Supplies fir DC power equipment * Field supply for DC motors * Battery DC power supplies
ADVANTAGES
* Space and weight savings * Easy to mount with two screws * Improved temperature and power cycling capability * Small and light weight


▲Up To Search▲   

 
Price & Availability of S3PHB70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X