Part Number Hot Search : 
ES51C1 SY58610 F0070B IPD4000 CMX602B BCR8P 00LVEL FQB2N90
Product Description
Full Text Search
 

To Download RS102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS101 THRU RS107
Features
* Glass Passivated Die Construction * High Case Dielectric Strength of 1500VRMS * Low Reverse Leakage Current * Surge Overload Rating to 65A Peak * Ideal for Printed Circuit Board Applications * Plastic Material - UL Flammability Classification 94V-0
A
CURRENT 1.0 Amperes VOLTAGE 50 to 1000 Volts
B
+
H
C
RS
Mechanical Data
* Case : Molded Plastic * Terminals : Plated Leads, Solderable per MIL-STD-202, Method 208 * Polarity : As Marked on Body * Approx. Weight : 1.52 grams * Mounting Position : Any * Marking : Type Number
G
Dim
Min 15.50 10.00 15.00 3.70 2.50 2.30
Max 16.00 10.50 4.00 3.00 2.50
D
A B C
E
D E G H
0.70 T ypical
A ll Dimens ions in mm
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 50 E VRMM VRWM VR VR(RMS) Io IFSM VFM IRM Cj Re JC Tj TSTG
RS 101
50 35
RS 102
100 70
RS 103
200 140
RS 104
400 280 1.0 50 1.0 10.0 1000 25 38 -55 to +150
RS 105
600 420
RS 106
800 560
RS 107
1000 700
Units
Volts Volts Amps Amps Volts iA pF E /W E
Non-Repetitive Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load per element (JEDEC method) Forward Voltage (per element) Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance per Element (Note 2) Typical Thermal Resistance (Note 1) Operating and Storage Temperature Range @ IF=1.0 A @ TC=25E @ TC=100E
Notes:
(1) Thermal resistance from junction to case per element. Unit mounted on 75 x 75 x 16mm aluminum plate heat sink. (2) Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
RATING AND CHARACTERISTIC CURVES RS101 THRU RS107
2.0 (A)
(A) 10
CURRENT
1.5
Lead
I F , INST ANT ANEOUS FWD CURRENT
T J = 150C
Case
1.0
T J = 25C
RECTIFIED
1.0
Ambient
I O , AVERAGE
0.1
0.5
Pulse Width = 300 s
0 0 50 100 150
0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
T, TEMPERA TURE (C) Fi g. 1 Forward Current Deratin g Curve
V F , INST ANT ANEOUS FWD VOL TAGE (V) Fi g. 2 Typical Fwd Characteristics
50
T j = 150c Single Half Sine Wave (JEDEC Method)
100
(A)
T j = 25C f = 1MHz
CURRENT
40
30
I FSM , PEAK FWD SURGE
C j, CAP ACIT ANCE (pF)
10
20
10
0 1 10 100
1 1 10 V R , REVERSE VOL TAGE (V) Fi g. 4 Typical Junction Capacitance 100
NUMBER OF CYCLES AT 60 Hz Fi g. 3 Max Non-Repetitive Peak Fwd Sur ge Current
10,000 (mA) CURRENT 1000
T j = 150C
100
T j = 125C T j = 100C
I R , INST ANT ANEOUS REVERSE
10
1.0
T j = 25C
0.1 0.01 0 PERCENT 20 40 60 80 100 120 140 OF RA TED PEAK REVERSE VOL TAGE (%) Fi g. 5 Typical Reverse Characteristics


▲Up To Search▲   

 
Price & Availability of RS102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X