Part Number Hot Search : 
203415B MZT3011 FCT24 LT350 04001 BFR30TRL GL6840A 74AUP
Product Description
Full Text Search
 

To Download RGP100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIOTEC ELECTRONICS CORP.
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
Data Sheet No. FSPD-100-1B
1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FEATURES MECHANICAL SPECIFICATION
R
PROPRIETARY SOFT GLASS JUNCTION PASSIVATION FOR SUPERIOR RELIABILITY AND PERFORMANCE VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM MECHANICAL STRENGTH AND HEAT DISSIPATION (Solder Voids: Typical < 2%, Max. < 10% of Die Area)
ACTUAL SIZE OF DO-41 PACKAGE
SERIES RGP100 - RGP110 DO - 41
LL BD (Dia)
EXTREMELY LOW LEAKAGE AT HIGH TEMPERATURES LOW FORWARD VOLTAGE DROP 1A at TA = 75 C WITH NO THERMAL RUNAWAY
MECHANICAL DATA
LL
Case: JEDEC DO-41, molded epoxy (U/L Flammability Rating 94V-0) Terminals: Plated axial leads Soldering: Per MIL-STD 202E Method 208 guaranteed Polarity: Color band denotes cathode Mounting Position: Any Weight: 0.012 Ounces (0.34 Grams)
LD (Dia) Color Band Denotes Cathode BL
Id
xw
Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range
c 3*3 c c5DD 5 3DD | * (R) (c)cc3 c(c)D D(R)3 D 5cH(c)DD c|3D (R) (R) 35 D3 5 3D3 6c1/48H 3/4 1/2
Cy TT
baY X c8DW
H27

8i}{ zw v x~| y x
u t
VU 3
Typical Thermal Resistance, Junction to Ambient (Note 1)
RT
y y
6 R
IQ
C/W pF C
s
A
A
Maximum Average DC Reverse Current At Rated DC Blocking Voltage
@ T = 25 C @ T = 100 C
r s q o p
6 S
Maximum Reverse Recovery Time (I =0.5A, I =1A, I
=0.25A)
A
TS
uu o/ o oo uu o 8o
on 8
nm 5l
u 5
Maximum Forward Voltage at 1 Amp DC
A iA A A
Vt
k i j
g h
Iv
f
Average Forward Rectified Current @ T = 75 C, Lead length = 0.375 in. (9.5 mm) Peak Forward Surge Current ( 8.3 mSec single half sine wave superimposed on rated load)
ph 6i
Maximum Peak Recurrent Reverse Voltage
P I
Vh
ii ii

ee 8e
8d ee
8
aa a
U U
gf 6
Maximum RMS Voltage
Ve
ii 8i

cae 88a

8
a
U U
i r
Maximum DC Blocking Voltage
Vq
ee ee
O OO
OO O

N 8I
aa 8a
8
II c5I
5E EE
8
5C CE
Y
A AEAE
Series Number
(c)(c)(c) |
(c) "!
(c)# %$
y
x O
2HG A 6F 3(c)! # (c)(c)! #1 (c)(c)& 6! 9 3(c)E #$) ! 71 % ) " )#& 2(c)& 6! 9 (c)(c) 3#3 9 ! # 7 D(c)A @ ! 9 8(c)0 (c)' 7(c) (c)"6! (c) 54 1 % )$1 &! CB 7 ( % ! ' %| 21 )!" 3 ! 0 (c)! ( (c)' ! (c)! #$ (c)" ! (c) ! (c) (c) #! & %$ #! |
PARAMETER (TEST CONDITIONS)
&
S RoH
PLI OM C
ANT
Sym BL BD LL LD
Minimum In mm 0.160 0.103 1.00 0.028 4.1 2.6 25.4 0.71
Maximum In mm 5.2 0.205 0.107 0.034 2.7 0.86
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
SYMBOL
RATINGS
UNITS
VOLTS
AMPS
VOLTS nS A
DIOTEC ELECTRONICS CORP.
18020 Hobart Blvd., Unit B Gardena, CA 90248 U.S.A Tel.: (310) 767-1052 Fax: (310) 767-7958
Data Sheet No. FSPD-100-2B
1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
RATING & CHARACTERISTIC CURVES FOR SERIES RGP100 - RGP110
Average Forward Current, Io (Amperes)
Peak Forward Surge Current (Amperes)
0.8
0.6
0.4
0
0
50
100
150
180
FIGURE 1. FORWARD CURRENT DERATING CURVE
Number of Cycles at 60 Hz
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Instantaneous Forward Current (Amperes)
1.0
Capacitance, pF
TJ = 25 oC f = 1 MHz VSIG = 50 mV P-P
0.1
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Instantaneous Forward Voltage (Volts) FIGURE 3. TYPICAL FORWARD CHARACTERISTIC
W W
Reverse Voltage, (Volts)
FIGURE 4. TYPICAL JUNCTION CAPACITANCE
0.5
(+)
D.U.T.
(-)
0.0
(-)
W
(+)
-0.5
FIGURE 5. REVERSE RECOVERY TEST SETUP AND TIME CHARACTERISTIC
TUVWW S PQR I GH
H28
C 9AE A
A AAA 9A u 43w 1/23/4 1/4 ** 9q9 q|
-1.0
E j
TE
22 431
g 3f
) 0(
b
'
Ambient Temperature, C
E 3D
0.2
8 97 A 4@ C 4B F e 9c d
1.0
43 k n9q{(c)n9 |u~ 9|w 9u y }{z y x v ts pn kg hg w9r qolmujiwf
6 45 p 9h i rr 43q a 0 (R) jjj | 3 | q(R) | | | (c) | 3 oq30 i00 0000j q3 q 33|(R) 3 3jjjj | 3 (c)| w3qi9 d v t ey 99 93 44 4 (c)4x wtus y v E OI E I ON qIIE UU x O U O43OwIO Y 0X
1.2


▲Up To Search▲   

 
Price & Availability of RGP100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X