Part Number Hot Search : 
VHCXXXX MT9044 ANTX2 LTC1841 3105V MC14557 5JG2Z41 YX8018
Product Description
Full Text Search
 

To Download RF23701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF2370
3V LOW NOISE AMPLIFIER
RoHS Compliant & Pb-Free Product Package Style: SOT 6-Lead
Features
Low Noise and High Intercept Point Adjustable Bias Current Power Down Control Low Insertion Loss Bypass Feature 1.8V to 5V Operation (See Note: Page 2) 1.5GHz to 3.8GHz Operation
BIAS 1
Logic Control
6 GAIN SELECT
GND1 2
5 GND2
RF IN 3
4 RF OUT
Applications
WLAN LNA with Bypass Feature CDMA PCS LNA with Bypass Feature MMDS LNA with Bypass Feature General Purpose Amplification Commercial and Consumer Systems
Functional Block Diagram
Product Description
The RF2370 is a switchable low noise amplifier with a very high dynamic range designed for digital cellular and WLAN applications. The device functions as an outstanding front end low noise amplifier. The bias current may be set externally. The IC is featured in a standard SOT 6-lead plastic package.
Ordering Information
RF2370 RF2370PCBA-410 3V Low Noise Amplifier Fully Assembled Evaluation Board (WLAN) usable from 1.9GHz to 4GHz with standard tune
Optimum Technology Matching(R) Applied
GaAs HBT GaAs MESFET InGaP HBT SiGe BiCMOS Si BiCMOS SiGe HBT GaAs pHEMT Si CMOS Si BJT GaN HEMT
RF MICRO DEVICES(R), RFMD(R), Optimum Technology Matching(R), Enabling Wireless ConnectivityTM, PowerStar(R), POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. (c)2006, RF Micro Devices, Inc.
Rev A7 DS071115
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
1 of 6
RF2370
Absolute Maximum Ratings Parameter
Supply Voltage Input RF Level Current Drain, ICC Operating Ambient Temperature Storage Temperature
Rating
-0.5 to +6.0 +5 (see note) 32 -40 to +85 -40 to +150
Unit
VDC dBm mA C C
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability. Specified typical performance or functional operation of the device under Absolute Maximum Rating conditions is not implied. RoHS status based on EUDirective2002/95/EC (at time of this document revision). The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice.
NOTE: Exceeding any one or a combination of the above maximum rating limits may cause permanent damage. Input RF transients to +15dBm will not harm the device. For sustained operation at inputs >+5dBm, a small dropping resistor is recommended in series with the VCC in order to limit the current due to self-biasing to <32mA.
Parameter
Operating Range
Frequency Range
Min.
900
Specification Typ.
Max.
4000
Unit
MHz MHz
Condition
TAMB =+25C, VCC =3.0V
WLAN Low Noise Amplifier
Frequency HIGH GAIN MODE Gain Noise Figure Input IP3 Output VSWR Current Drain BYPASS MODE Gain Input IP3 Output VSWR Current Drain -4.0 +16.0 -3.0 +20.0 1.6:1 2.0 3 0.8 1.8 0 10 3.0 mA V V V A High Gain mode. Select<0.8V, VBIAS =3V Low Gain mode. Select>1.8V, VBIAS =0V Gain Select<0.8V, VBIAS =0V, VCC =3.0V -2.0 dB dBm 12.0 14.0 1.3 +7.0 1.7:1 7 2:1 mA Gain Select>1.8V, VBIAS =0V Note: Bypass mode insertion loss will degrade gradually as VCC goes below 2.7V. 1.5 dB dB dBm IIP3 will improve if ICC is raised above 7mA. 2450 Gain Select<0.8V, VBIAS =3V, T=+25C
Power Supply
Voltage (VCC) VSELECT Low VSELECT High Power Down
Bias note: Due to the presence of ESD protection circuitry on the RF2370, the maximum allowable collector bias voltage (pin 4) is 4.0V. Higher supply voltages such as 5V are permissible if a series resistor is used to drop VCC to <4.0V for a given ICC.
2 of 6
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A7 DS071115
RF2370
Pin 1 Function BIAS Description
For low noise amplifier applications, this pin is used to control the bias current. An external resistor can be used to set the bias current for any VBIAS voltage.
Interface Schematic
V B IA S
2 3
GND1 RF IN
Ground connection. For best performance, keep traces physically short and connect immediately to ground plane. RF input pin. This part is designed such that 50 is the optimal source impedance for best noise figure. Best noise figure is achieved with only a series capacitor on the input.
RF IN
To Bias Circuit RF OUT
4
RF OUT
5
GND2
Amplifier output pin. This pin is an open-collector output. It must be biased to VCC through a choke or matching inductor. This pin is matched to 50 with a shunt L, series L topology enhances to stability of the device by reducing the high frequency gain above 6GHz. See GND1.
6
GAIN SELECT
This pin selects high gain and bypass modes. Gain Select<0.8V, high gain. Gain Select>1.8V, low gain. A series resistor of 100 is required on this pin to enhance stability.
Rev A7 DS071115
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
3 of 6
RF2370
Package Drawing
1.80 1.40 0.50 0.35 0.10 MAX.
TEXT*
1.90
3.10 2.70
3.00 2.60
Shaded lead is pin 1.
Dimensions in mm.
0.90 0.70 1.30 1.00
9 1
0.25 0.10 0.37 MIN.
*When Pin 1 is in upper left, text reads downward (as shown).
4 of 6
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A7 DS071115
RF2370
Evaluation Board Schematic
VREF 1 C1 DNI R1 1.8 k 2 C2 100 pF 3 4 C4 DNI VREF GND SELECT L1 3.3 nH C5 100 pF R3 0 VCC C6 10 nF
Logic Control
R2 100 6
C3 DNI Select
5 L2 1.2 nH C7 2.0 pF
J1 RF IN
J2 RF OUT
P1-1
P1 1 2
P1-3 P1-4
3
VCC 4 HDR_1X4
Rev A7 DS071115
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
5 of 6
RF2370
Evaluation Board Layout Board Size 0.835" x 0.900"
Board Thickness 0.032", Board Material FR-4
RoHS* Banned Material Content
RoHS Compliant: Package total weight in grams (g): Compliance Date Code: Bill of Materials Revision: Pb Free Category: Yes 0.013 N/A e3 Pa r ts Pe r Mi l l i o n (PPM ) Pb 0 0 0 0 0 0 Cd 0 0 0 0 0 0 Hg 0 0 0 0 0 0 Cr V I 0 0 0 0 0 0 PB B 0 0 0 0 0 0 PB DE 0 0 0 0 0 0
B i l l o f Ma te r i a l s Di e M o l di ng Co mp o und Le a d F r a me Di e A tta ch Ep o x y Wi r e So l d e r Pl a ti ng
Thi s R o HS ba nne d ma te r i a l co nte nt d e cl a r a ti o n wa s pr e p a r e d so l e l y o n i nfo r ma ti o n, i ncl udi ng a na l y ti ca l da ta , pr o vi d e d to R F M D b y i ts supp l i e r s, a nd a p pl i e s to the B i l l o f M a te r i a l s (B OM ) r e vi si o n no te d * DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 27 January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
6 of 6
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A7 DS071115


▲Up To Search▲   

 
Price & Availability of RF23701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X