Part Number Hot Search : 
FBR2501 TK10417M MV5074C 160432 T83C51 HFU37H TK10417M LTC17
Product Description
Full Text Search
 

To Download RCFS25T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CARBON FILM RESISTOR NORMAL & MINIATURE STYLE RCF & RCFS SERIES
Carbon Film Resistor - Normal & Miniature Style Features
* * * * Low cost Excellent long-term stability Tolerance: 2%, 5% ROHS compliant
Mechanical Data
* Exceeds carbon comp MIL-R-11 performance * Bulk and 52mm tape and reel standard, cut and formed, or radial Panasert/Avisert available upon request
Dimensions (in mm)
Type RCF08T RCF25T RCF50T RCF1W RCF2W RCFS25T RCFS50T RCFS1W RCFS2W RCFS3W
L 3.40.3 6.30.5 9.00.5 11.51.0 15.51.0
D 1.90.2 2.40.2 3.30.3 4.50.5 5.00.5
H 282.0 282.0 262.0 352.0 332.0
d 0.50.05 0.60.05 0.60.05 0.80.05 0.80.05
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. C/JJ 2007-08-10 Page 1 of 6
Carbon Film Resistor - Normal & Miniature Style RCF & RCFS Series
Absolute Maximum Ratings & Characteristics
Description Power Rating at 70 C Maximum Working Voltage Maximum Overload Voltage Dielectric Withstanding Voltage <100K Temperature Coefficient 100K ~1M 1M ~10M Resistance Range(Note1) (2%, 5%) RCF 08T 1/8 150 300 300 RCF S25T 1/4 200 400 400 RCF 25T 1/4 250 500 500 RCF S50T 1/2 300 600 500 RCF 50T 1/2 350 700 500 RCF S1W 1 400 800 700 RCF 1W 1 500 1000 1000 RCF S2W 2 500 1000 1000 RCF 2W 2 500 1000 1000 RCF S3W 3 500 1000 1000 Unit W V V V
+350/-500 +350/-700 +350/-1500 1~10M -55 to +155
350 +350/-500 +350/-1500 C ppm/ C
Operating Temperature Range
Note1: For a zero ohm resistor, it is similar to a 1/4W resistor(1/8W size also available,typical resistance 0.004 .
Power derating curve
For resistors operate in the ambient temperature over 70C, loading power ratio will derate in accordance with following curve.
Percentage of the rated dissipating (%)
Ambient Temperature (C)
Rev. C/JJ 2007-08-10 www.taitroncomponents.com Page 2 of 6
Carbon Film Resistor - Normal & Miniature Style RCF & RCFS Series
Environmental Performance Specification
Item Short Time Overload Dielectric Withstanding Voltage Insulation Resistance Solderability Terminal Strength Pulse Overload Load Life in Humidity Load Life Temperature Cycling Resistance to Soldering Heat JIS-C-5202 5.5 JIS-C-5202 5.7 JIS-C-5202 5.6 JIS-C-5202 6.5 Test Methods 2.5 Times RCWV for 5 seconds In V-Block for 60 Seconds In V-Block 260C5C for 50.5 Seconds 4 Times RCWV 1000 Cycle (1 sec. on, 25 sec. off) 402C , 90-95% RH at RCWV for 1000 hours (1.5 Hrs. on, 0.5 Hrs. off) 70C at RCWV for 1000 Hrs (1.5 Hrs. on, 0.5 Hrs. off) -55C Rom Temp. +155C for 5 Cycles Rom Temp. Specifications (0.75% +0.05) by Type >1000M Covering 95% >=2.5kg (24.5N) (1% +0.05) (3% +0.05) (3% +0.05) (1% +0.05) (1% +0.05)
Direct Load for 10 Seconds in The Direction of The Terminal Leads JIS-C-5202 5.8 JIS-C-5202 7.9 JIS-C-5202 7.10 JIS-C-5202 7.4 JIS-C-5202 6.4
35010C for 30.5 Seconds
Packing Information:
Carrier Tape Dimensions (in mm)
Type RCF08T RCF25T RCF50T RCF1W RCF2W RCFS25T RCFS50T RCFS1W RCFS2W RCFS3W
a 60.5 60.5 60.5 60.5 60.5
A 52.41.5 52.41.5 52.41.5 73.01.5 73.01.5
B1-B2 1.2 1.2 1.2 1.2 1.5
S (Spacing) 5 5 5 5 10
T (Max. Deviation of Spacing)
1mm Per 10 Spacing, 0.5mm per 5 spacing
Rev. C/JJ 2007-08-10 www.taitroncomponents.com Page 3 of 6
Carbon Film Resistor - Normal & Miniature Style RCF & RCFS Series
Reel Dimensions (in mm)
Type RCF08T RCF25T RCF50T RCF1W RCF2W RCFS25T RCFS50T RCFS1W RCFS2W RCFS3W
Reel Diameter
PCS per Reel 5,000 5,000
A
B
C
W 72 48/72
12''
2,500 2,000 1,000
305
51
15
72 95 92
Box Dimensions (in mm)
Type RCF08T RCF25T RCF50T RCF1W RCF2W RCFS25T RCFS50T RCFS1W RCFS2W RCFS3W
PCS per Reel 5,000 5,000 1,000 1,000 1,000
W(A) 81 81 73 103 103
H(B) 70 104 45 78 94
L(C) 260 260 258 260 260
Rev. C/JJ 2007-08-10 www.taitroncomponents.com Page 4 of 6
Carbon Film Resistor - Normal & Miniature Style RCF & RCFS Series
Carton Information
Tape/Reel
Type RCF08T RCF25T RCF50T RCF1W RCF2W RCFS25T RCFS50T RCFS1W RCFS2W RCFS3W PCS per Carton 50,000 50,000 25,000 20,000 10,000 Carton Size 600X320X430(in mm) 600X320X430(in mm) 600X320X430(in mm) 600X320X545(in mm) 600X320X545(in mm)
Tape/Box
Type RCF08T RCF25T RCF50T RCF1W RCF2W RCFS25T RCFS50T RCFS1W RCFS2W RCFS3W PCS per Carton 100,000 75,000 30,000 16,000 12,000 Carton Size 440X280X360(in mm) 440X280X360(in mm) 440X280X360(in mm) 440X280X360(in mm) 280X460X300(in mm)
Rev. C/JJ 2007-08-10 www.taitroncomponents.com Page 5 of 6
Carbon Film Resistor - Normal & Miniature Style RCF & RCFS Series
How to order: RCF 2W 20 J - 52 - TR20
Packing Code Factory Location Code Tolerance Code
G: 2% J: 5%
Resistance Value
Example: 102=10x100=1K
Power Code
08T: 1/8W 25T:1/4W 50T: 1/2W 1W: 1W 2W: 2W
Series Number
RCF: Carbon Film Resistor RCFS: Miniature Carbon Film Resistor
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLASA, 1160 WEST YAN'AN ROAD, SUITE 1502, SHANGHAI, 200052,CHINA Tel: +86-21-54249942 Fax: +86-21-5424-9931 Rev. C/JJ 2007-08-10 www.taitroncomponents.com Page 6 of 6


▲Up To Search▲   

 
Price & Availability of RCFS25T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X