Part Number Hot Search : 
LG1030 2SB1018A 4X337M00 IS42S164 BCR3AS CT100 12K8EC PER100
Product Description
Full Text Search
 

To Download RC1206J103-XX-BL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THICK FILM CHIP RESISTOR GENERAL PURPOSE RC1206
Thick Film Chip Resistor - General Purpose
Features
* * * * Small and light weight Excellent heat resistance and moisture resistance Suitable size and packaging for surface mount assembly RoHS Compliant
Applications
* For general purpose applications * For laptop and notebook computer, memory module, digital camera and telecommunication equipment
Absolute Maximum Ratings & Characteristics
Product Number mm Tolerance Power Rating @70C MAX MAX Working Overload TCR ppm/ Voltage Voltage 200 RC1206 3216 J: 5% F: 1% 1/4W 200V 400V 100 200 Resistance Range Rated Working Temperature
1 ~ 9.76 10 ~ 1M 1.02M ~ 10M -55~+155
*Jumper
Product Number RC1206 Jumper Rated Current 2A Resistance 50m (max.) Rated Working Temperature -55~+155
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. C/JJ 2007-08-10 Page 1 of 7
Thick Film Chip Resistor - General Purpose RC1206
Power Derating Curve
For resistors operate in the ambient temperature over 70C, loading power ratio will de-rate in accordance with following curve. Percentage of the rated dissipation (%)
Ambient Temperature ()
Max. Dissipation of rated power as a function of the ambient temperature
Soldering Condition
IR Reflow soldering
Wave soldering (flow soldering)
Rev. C/JJ 2007-08-10 www.taitroncomponents.com Page 2 of 7
Thick Film Chip Resistor - General Purpose RC1206
Dimensions (in mm)
Product Number RC1206
mm 3216
L 3.10 0.10
W 1.55 0.10
H 0.55 0.10
A 0.50 0.25
B 0.50 0.20
Average Weight 8.84 mg
Marking
(1) 5% Tolerance (J): 3 digits, the first two digits are significant figures; the third digit is number of zeros to follow. Letter "R" is as decimal point; Letter "0" for jumper. (2) 1% Tolerance (F): 4 digits, the first three digits are significant figures; the fourth digit is number of zeros. Letter "R" is as decimal point; Letter "0" for jumper. Examples: 3 digits marking (5%) 4 digits marking (1%)
683 = 68x103 = 68000 = 68K 7R5 = 7.5
Jumper
6812 = 681x102 = 68100 = 68.1K
Rev. C/JJ 2007-08-10 www.taitroncomponents.com Page 3 of 7
Thick Film Chip Resistor - General Purpose RC1206
Test and Requirements
Test Item Temperature Coefficient of Resistance(T.C.R.) Short Time Overload Insulation Resistance Voltage Proof Substrate Bending Test Resistance to soldering heat Leaching Solderability Endurance at upper category temperature Rapid change of temperature Damp heat with load Test Method JIS C 5201 4.8 IEC 60115-1 4.8 JIS C 5201 4.13 IEC 60115-1 4.13 JIS C 5201 4.6 IEC 60115-1 4.6 JIS C 5201 4.7 IEC 60115-1 4.7 JIS C 5201 4.33 IEC 60115-1 4.33 JIS C 5201 4.18 IEC 60115 4.18 JIS C 5201 4.18 IEC 60115 4.18 JIS C 5201 4.17 IEC 60115-1 4.17 JIS C 5201 4.23 IEC 60115-1 2.23.2 JIS C 5201 4.19 IEC 60115-1 4.19 Test Condition -55C~+155,20C is the reference temperature 2.5 times RCWV or max. overload voltage for 5 seconds Max. overload voltage for 1 minute 1.42 times RCWV (RMS) for 1 minute Bending once with 5 seconds for 3 mm 2605C for 10 seconds 2605C for 60 seconds 2455C for 3 seconds. at +155C for 1000 hrs -55C to +155C, 5 cycles 402C, 90~95% R.H. or max. working voltage for 1000 hrs with 1.5hrs "ON" and 0.5 hrs "OFF" 702C, RCWV or Max. working voltage for 1000 hrs with 1.5 hrs "ON" and 0.5 hrs "OFF" Requirement 1% Within the specification (1.0%+0.05) (2.0%+0.05) 10G no breakdown or flashover (1.0%+0.05) (0.5%+0.05) no leaching >95% coverage (1.0%+0.05) (0.5%+0.05) (1.5%+0.10) (1.0%+0.05) <50m <50m (1.0%+0.05) (1.0%+0.05) <50m <50m <50m 5% Jumper
JIS 5201 4.24
(2.0%+0.10)
(3.0%+0.10)
<100m
Endurance
JIS C 5201 4.25 IEC 60115-1 4.25.1
(2.0%+0.10)
(3.0%+0.10)
<100m
Note: RCWVRated Continuous Working Voltage. RCWV=
Rated power (W) x Resistance value (R)
Rev. C/JJ 2007-08-10 www.taitroncomponents.com Page 4 of 7
Thick Film Chip Resistor - General Purpose RC1206
Packing Information:
Carrier Tape Dimensions (in mm)
Type RC1206
A 1.900.1
B 3.500.2
W 8.00.2
E 1.750.1
F 3.50.05
P0 4.00.1
P1 4.00.05
P2 2.00.05
D0 1.5+0.1/-0
T 0.850.1
Reel Dimensions (in mm)
Reel Diameter 7'' 13''
PCS per Reel 5,000 20,000
A 180+0/-3 3301
B 60+1/-0 1001
C 13.00.2 13.00.2
W 9.00.5 9.50.5
T 11.41 13.51
Carton Information
PCS per Carton 300,000 Carton Size 400X400X200 ( in mm)
Rev. C/JJ 2007-08-10 www.taitroncomponents.com Page 5 of 7
Thick Film Chip Resistor - General Purpose RC1206
How to Order RC 1206 J 103 - xx - TR70
Packing Code BL: Bulk, RoHS TR70: Tape and Reel, 7"reel, RoHS
Factory Location Code
Resistance Value Code (in Ohm) J series (E-24) 3 digit coding system "000" for Jumper F series (E-24/E-96) 4 digit coding system
Resistance Tolerance J: 5%; (F: 1%; Available upon request)
1206(inch): 3.2x1.6(mm) cross to 3216(mm)
Chip Resistor - General Purpose
Rev. C/JJ 2007-08-10 www.taitroncomponents.com Page 6 of 7
Thick Film Chip Resistor - General Purpose RC1206
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLASA, 1160 WEST YAN'AN ROAD, SUITE 1502, SHANGHAI, 200052,CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. C/JJ 2007-08-10 www.taitroncomponents.com Page 7 of 7


▲Up To Search▲   

 
Price & Availability of RC1206J103-XX-BL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X