Part Number Hot Search : 
KSR2111 25D621KJ KBPC804S EUP3423 XP0053A 39C66 5020Y KBP10
Product Description
Full Text Search
 

To Download R1113Z151A-EX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LOW NOISE 150mA LDO REGULATOR
R1113Z SERIES
OUTLINE
NO. EA-101-0504
The R1113Z Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low supply current, low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference unit, an error amplifier, resistors, a current limit circuit, and a chip enable circuit. These ICs perform with low dropout voltage and a chip enable function. The line transient response and load transient response of the R1113Z Series are excellent, thus these ICs are very suitable for the power supply for hand-held communication equipment. The output voltage of these ICs is fixed with high accuracy. Since the package for these ICs is WL-CSP4-P1 (Wafer Level CSP), high density mounting of the ICs on boards is possible.
FEATURES
Ultra-Low Supply Current................................................ Typ. 100A Standby Mode ................................................................. Typ. 0.1A Low Dropout Voltage....................................................... Typ. 0.23V (IOUT=100mA 3.0V Output type) High Ripple Rejection ..................................................... Typ. 80dB(f=1kHz 3.0V Output type) Low Temperature-Drift Coefficient of Output Voltage...... Typ. 100ppm/C Excellent Line Regulation ............................................... Typ. 0.05%/V High Output Voltage Accuracy ........................................ 2.0% Excellent Dynamic Response Small Package .............................................................. WL-CSP4-P1 (Wafer Level CSP) Output Voltage .................................................. ............. Stepwise setting with a step of 0.1V in the range of 1.5V to5.0V is possible * Built-in Chip Enable Circuit (2 types; A: active low, B: active high) * Built-in Fold Back Protection Circuit ............................... Typ. 30mA (Current at short mode) * Ceramic capacitors are recommended to be used with this IC * * * * * * * * * *
APPLICATIONS
* Power source for cellular phones such as GSM, CDMA and various kinds of PCS. * Power source for electrical appliances such as cameras, VCRs and camcorders. * Power source for battery-powered equipment.
1
R1113Z
BLOCK DIAGRAM
R1113Zxx1A
VDD 3 + Vref Current Limit CE 4
R1113Zxx1B
2 VOUT
VDD 3 + Vref Current Limit
2 VOUT
1 GND
CE 4
1 GND
SELECTION GUIDE
The output voltage, the active type, the packing type, and the taping type for the ICs can be selected at the user's request. The selection can be made with designating the part number as shown below;
R1113xxx1x-xx
ab cd
Part Number
Code a b c d
Contents Designation of Package Type : Z:WL-CSP4-P1 (Wafer Level CSP) Setting Output Voltage (VOUT) : Stepwise setting with a step of 0.1V in the range of 1.5V to 5.0V is possible. Designation of Active Type : A : active low type B : active high type Designation of Taping Type : Ex. TR, TL (refer to Taping Specifications; TR type is the standard direction.)
2
R1113Z
PIN CONFIGURATION
WL-CSP4-P1
3 VDD 4 CE 4 3
2 VOUT
1 GND
1 Top View
2
Bottom View
PIN DESCRIPTION
Pin No 1 2 3 4 Symbol GND VOUT VDD
CE or CE
Description Ground Pin Output pin Input Pin Chip Enable Pin
ABSOLUTE MAXIMUM RATINGS
Symbol VIN VCE VOUT IOUT PD Topt Tstg Input Voltage Input Voltage( CE or CE Pin) Output Voltage Output Current Power Dissipation Operating Temperature Range Storage Temperature Range Item Rating 7.0 -0.3 ~ VIN+0.3 -0.3 ~ VIN+0.3 200 190 -40 ~ 85 -55 ~ 125 Unit V V V mA mW C C
3
R1113Z
Power Dissipation
Typical Characteristics
Measurement Conditions
Mounted on board (Wind velocity=0m/s) Board Material: FR-4 (Double-layer) Board Size: 40mmx40mmxt1.6mm Wiring area ratio against the board: 50%
Result
Power dissipation 465mW Thermal Resistance 215C/W
700 600
Power Dissipation(mW)
500 400 300 WL-CSP-4 200 100 0 0 25 50 75 100 125
Temperature Topt(C)
4
R1113Z
ELECTRICAL CHARACTERISTICS
*
R1113Zxx1A
Symbol
VOUT IOUT VOUT/IOUT VDIF ISS Istandby VOUT/VIN RR VIN VOUT/T ILIM RPU VCEH VCEL en
Topt=25C
Item
Output Voltage Output Current Load Regulation Dropout Voltage Supply Current Supply Current (Standby) Line Regulation Ripple Rejection Input Voltage Output Voltage Temperature Coefficient Short Current Limit
CE Pull-up Resistance CE Input Voltage "H" CE Input Voltage "L"
Conditions
VIN = Set VOUT+1V VIN - VOUT = 1.0V VIN = Set VOUT+1V 1mA < IOUT < 80mA = = 1mA < IOUT < 30mA = =
Min.
VOUTx0.98 150
Typ.
Max.
VOUTx1.02
Unit
V mA
20
45
mV
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE VIN = Set VOUT+1V VIN = VCE = Set VOUT+1V Set VOUT+0.5V < VIN < 6V = = IOUT = 30mA 100 0.1 0.05 170 1.0 0.20 A A %/V
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE 2.0 IOUT = 30mA VOUT = 0V 2.5 1.5 0.00 BW=10Hz to 100kHz 30 -40C < Topt < 85C = = 100 30 5.0 10.0 VIN 0.25 6.0 V ppm/C mA M V V Vrms
Output Noise
*
R1113Zxx1B
Symbol
VOUT IOUT VOUT/IOUT VDIF ISS Istandby VOUT/VIN RR VIN VOUT/T ILIM RPU VCEH VCEL en
Topt=25C
Item
Output Voltage Output Current Load Regulation Dropout Voltage Supply Current Supply Current (Standby) Line Regulation Ripple Rejection Input Voltage Output Voltage Temperature Coefficient Short Current Limit CE Pull-up Resistance CE Input Voltage "H" CE Input Voltage "L" Output Noise IOUT = 30mA VOUT = 0V
Conditions
VIN = Set VOUT+1V VIN - VOUT = 1.0V VIN = Set VOUT+1V 1mA < IOUT < 80mA = = 1mA < IOUT < 30mA = =
Min.
VOUTx0.98 150
Typ.
Max.
VOUTx1.02
Unit
V mA
20
45
mV
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE VIN = Set VOUT+1V VIN = VCE = Set VOUT+1V Set VOUT+0.5V < VIN < 6V = = IOUT = 30mA 100 0.1 0.05 170 1.0 0.20 A A %/V
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE 2.0 -40C < Topt < 85C = = 100 30 2.5 1.5 0.00 BW=10Hz to 100kHz 30 5.0 10.0 VIN 0.25 6.0 V ppm/C mA M V V Vrms
5
R1113Z
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Topt = 25C
Output Voltage VOUT (V) 1.5 1.6 1.7 1.8 1.9 VOUT VOUT VOUT
2.0 2.4 2.8
< = < = < =
< = < = < =
2.3 2.7 5.0
Dropout Voltage VDIF (V) Condition Typ. 0.50 0.45 0.40 0.34 IOUT = 100mA 0.28 0.25 0.24 0.23
Max. 0.70 0.65 0.60 0.55 0.44 0.35 0.29 0.26
Topt = 25C
Output Voltage VOUT (V) 1.5 4.1
< = < =
VOUT VOUT
< = < =
4.0 5.0
Ripple Rejection RR (dB) Condition Typ. 80 f = 1kHz, Ripple 0.5Vp-p VIN = Set VOUT + 1V 70
Max.
OPERATION
R1113Zxx1A
VDD 3 + Vref Current Limit CE 4 R2 R1
R1113Zxx1B
2 VOUT
VDD 3 + Vref Current Limit R2 R1
2 VOUT
1 GND
CE 4
1 GND
In these ICs, fluctuation of output voltage, VOUT is detected by feedback registers R1, R2, and the result is compared with a reference voltage by the error amplifier, so that a constant voltage is output. A current limit circuit for protection in short mode and a chip enable circuit, are included.
6
R1113Z
TECHNICAL NOTES
When using these ICs, consider the following points: Phase Compensation In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For this purpose, use a capacitor COUT with good frequency characteristics and ESR (Equivalent Series Resistance). We use Ceramic Capacitors for evaluation of these ICs. Recommended Capacitors ; GRM40X5R225K6.3 (Murata) GRM40-034X5R335K6.3 (Murata) GRM40-034X5R475K6.3 (Murata) (Note: When the additional ceramic capacitors are connected to the output pin with an output capacitor for phase compensation, the operation might be unstable. Because of this, test these ICs with as same external components as ones to be used on the PCB.) PCB Layout Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result. Connect a capacitor with a capacitance value as much as 2.2F or more between VDD and GND pin, and as close as possible to the pins. Set external components, especially the output capacitor, as close as possible to the ICs, and make wiring as short as possible.
7
R1113Z
TEST CIRCUITS
CE 4 VDD 3 R1113Zxx1B Series 2 VOUT VDD 3 R1113Zxx1B Series 2 4 VOUT CE
IN
OUT IOUT 2.2F
IN ISS
OUT
2.2F
1 GND
2.2F
1 GND
2.2F
Fig.1 Standard test Circuit
Fig.2 Supply Current Test Circuit
CE 4 VDD 3 R1113Zxx1B Series 2 VOUT VDD 3 4
CE
IN
OUT IOUT 2.2F
IN
VOUT R1113Zxx1B Series 2 2.2F
OUT
P.G
1 GND
2.2F
1 GND I1 I2
Fig.3 Ripple Rejection, Line Transient Response Test Circuit
Fig.4 Load Transient Response Test Circuit
TYPICAL APPLICATION
CE VDD R1113Zxx1A VOUT Series + Cap. GND + Cap.
CE
IN
OUT
IN + Cap.
VDD R1113Zxx1B VOUT Series + GND
OUT
Cap.
(External Components) Output Capacitor ; Ceramic 2.2F (Set Output Voltage in the range from 2.6 to 5.0V) Ceramic 4.7F (Set Output Voltage in the range from 1.5 to 2.5V) Input Capacitor ; Ceramic 2.2F
8
R1113Z
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current
R1113Z201B
2.5 3.5
Topt=25C
R1113Z301B
Output Voltage VOUT(V)
3 2.5 2 1.5 1 0.5 0 0 100 200 300 400 500 VIN=3.3V VIN=3.5V VIN=4.0V VIN=5.0V
Output Voltage VOUT(V)
2 1.5 1 0.5 0 0 100 200 300 400 500 VIN=2.3V VIN=2.5V VIN=3.0V VIN=4.0V
Output Current IOUT(mA)
Output Current IOUT(mA)
R1113Z401B
5 6
R1113Z501B
Output Voltage VOUT(V)
Output Voltage VOUT(V)
4 3 2 1 0 0 100 200 300 400 500 VIN=4.3V VIN=4.5V VIN=5.0V VIN=6.0V
5 4 3 2 1 0 0 100 200 300 400 500 VIN=5.3V VIN=5.5V VIN=6.0V VIN=7.0V
Output Current IOUT(mA)
Output Current IOUT(mA)
2) Output Voltage vs. Input Voltage
R1113Z201B
2.2
Topt=25C
R1113Z301B
3.2
Output Voltage VOUT(V)
2 1.8 1.6 1.4 1.2 1 1 2 3 4 5 6 7 IOUT=1mA IOUT=30mA IOUT=50mA
Output Voltage VOUT(V)
3 2.8 2.6 2.4 2.2 2 1 2 3 4 5 6 7 IOUT=1mA IOUT=30mA IOUT=50mA
Input Voltage VIN(V)
Input Voltage VIN(V)
9
R1113Z
R1113Z401B
4.2 5.2
R1113Z501B
Output Voltage VOUT(V)
Output Voltage VOUT(V)
4 3.8 3.6 3.4 3.2 3 1 2 3 4 5 6 7 IOUT=1mA IOUT=30mA IOUT=50mA
5 4.8 4.6 4.4 4.2 4 1 2 3 4 5 6 7 IOUT=1mA IOUT=30mA IOUT=50mA
Input Voltage VIN(V)
Input Voltage VIN(V)
3) Dropout Voltage vs. Output Current
R1113Z201B
0.6 0.6
R1113Z301B
Dropout Voltage VDIF(V)
Dropout Voltage VDIF(V)
0.5 0.4 0.3 0.2 0.1 0.0 0 50 100 150 Topt=-40C Topt=25C Topt=85C
0.5 0.4 0.3 0.2 0.1 0.0 0 50 100 150 Topt=-40C Topt=25C Topt=85C
Output Current IOUT(mA)
Output Current IOUT(mA)
R1113Z401B
0.6 0.6
R1113Z501B
Dropout Voltage VDIF(V)
Dropout Voltage VDIF(V)
0.5 0.4 0.3 0.2 0.1 0.0 0 50 100 150 Topt=-40C Topt=25C Topt=85C
0.5 0.4 0.3 0.2 0.1 0.0 0 50 100 150 Topt=-40C Topt=25C Topt=85C
Output Current IOUT(mA)
Output Current IOUT(mA)
10
R1113Z
4) Output Voltage vs. Temperature
R1113Z201B
VIN=3.0V, IOUT=30mA 2.04 3.06
R1113Z301B
VIN=4.0V, IOUT=30mA
Output Voltage VOUT(V)
Output Voltage VOUT(V)
-25 0 25 50 75 100
2.03 2.02 2.01 2.00 1.99 1.98 1.97 1.96 -50
3.04 3.02 3.00 2.98 2.96 2.94 -50
-25
0
25
50
75
100
Temperature Topt(C)
Temperature Topt(C)
R1113Z401B
VIN=5.0V, IOUT=30mA 4.08 5.10 5.08 5.06 5.04 5.02 5.00 4.98 4.96 4.94 4.92 4.90 -50
R1113Z501B
VIN=6.0V, IOUT=30mA
Output Voltage VOUT(V)
4.04 4.02 4.00 3.98 3.96 3.94 3.92 -50 -25 0 25 50 75 100
Output Voltage VOUT(V)
4.06
-25
0
25
50
75
100
Temperature Topt(C)
Temperature Topt(C)
5) Supply Current vs. Input Voltage
R1113Z201B
100
Topt=25C
R1113Z301B
100
Supply Current ISS(A)
80 60 40 20 0 1 2 3 4 5 6 7
Supply Current ISS(A)
80 60 40 20 0 1 2 3 4 5 6 7
Input Voltage VIN(V)
Input Voltage VIN(V)
11
R1113Z
R1113Z401B
100 100
R1113Z501B
Supply Current ISS(A)
80 60 40 20 0 1 2 3 4 5 6 7
Supply Current ISS(A)
80 60 40 20 0 1 2 3 4 5 6 7
Input Voltage VIN(V)
Input Voltage VIN(V)
6) Supply Current vs. Temperature
R1113Z201B
VIN=3.0V 200 200
R1113Z301B
VIN=4.0V
Supply Current ISS(A)
150
Supply Current ISS(A)
-25 0 25 50 75 100
150
100
100
50
50
0 -50
0 -50
-25
0
25
50
75
100
Temperature Topt(C)
Temperature Topt(C)
R1113Z401B
VIN=5.0V 200 200
R1113Z501B
VIN=6.0V
Supply Current ISS(A)
150
Supply Current ISS(A)
-25 0 25 50 75 100
150
100
100
50
50
0 -50
0 -50
-25
0
25
50
75
100
Temperature Topt(C)
Temperature Topt(C)
12
R1113Z
7) Dropout Voltage vs. Set Output Voltage
R1113Zxx1B
0.5
Dropout Voltage VDIF(V)
0.4 0.3 0.2 0.1 0.0 0.0
25mA 50mA 100mA 150mA
1.0
2.0
3.0
4.0
5.0
Set Output Voltage VREG(V)
8) Ripple Rejection vs. Frequency
R1113Z201B
VIN=3.0V+0.5Vp-p, COUT=ceramic 4.7F 120 90
R1113Z301B
VIN=4.0V+0.5Vp-p, COUT=ceramic 2.2F
Ripple Rejection RR(dB)
100 80 60 40 20 0 0.1 IOUT=1mA IOUT=30mA IOUT=50mA
Ripple Rejection RR(dB)
80 70 60 50 40 30 20 10 0 0.1 1 10 100 IOUT=1mA IOUT=30mA IOUT=50mA
1
10
100
Frequency f(kHz)
Frequency f(kHz)
R1113Z401B
VIN=5.0V+0.5Vp-p, COUT=ceramic 2.2F 90 70
R1113Z501B
VIN=6.0V+0.5Vp-p, COUT=ceramic 2.2F
Ripple Rejection RR(dB)
Ripple Rejection RR(dB)
80 70 60 50 40 30 20 10 0 0.1 1 10 100 IOUT=1mA IOUT=30mA IOUT=50mA
60 50 40 30 20 10 0 0.1 IOUT=1mA IOUT=30mA IOUT=50mA
1
10
100
Frequency f(kHz)
Frequency f(kHz)
13
R1113Z
9) Ripple Rejection vs. Input Voltage (DC bias)
R1113Z301B
IOUT=1mA, COUT=ceramic 2.2F 90 80
R1113Z301B
IOUT=30mA, COUT=ceramic 2.2F
Ripple Rejection RR(dB)
70 60 50 40 30 20 10 0 3.1 3.2 3.3 3.4 3.5 f=400Hz f=1kHz f=10kHz
Ripple Rejection RR(dB)
80
70 60 50 40 30 20 10 0 3.1 3.2 3.3 3.4 3.5 f=400Hz f=1kHz f=10kHz
Input Voltage VIN(V)
Input Voltage VIN(V)
R1113Z301B
IOUT=50mA, COUT=ceramic 2.2F 80
Ripple Rejection RR(dB)
70 60 50 40 30 20 10 0 3.1 3.2 3.3 3.4 3.5 f=400Hz f=1kHz f=10kHz
Input Voltage VIN(V)
10) Input Transient Response
R1113Z201B Topt=25C VIN=3.0V4.0V IOUT=30mA CIN =none COUT=4.7F tr/tf=5s
VIN
VOUT
14
R1113Z
R1113Z301B Topt=25C VIN=4.0V5.0V IOUT=30mA CIN=none COUT=2.2F tr/tf=5s
VIN
VOUT
R1113Z401B
Topt=25C VIN=5.0V6.0V IOUT=30mA CIN=none COUT=2.2F tr/tf=5s
VIN
VOUT
R1113Z501B
Topt=25C VIN=6.0V7.0V IOUT=30mA CIN=none COUT=2.2F tr/tf=5s
VIN
VOUT
15
R1113Z
11) Load Transient Response
R1113Z201B Topt=25C IOUT=50mA100mA VIN=3.0V CIN=2.2F COUT=4.7F tr/tf=5s
IOUT
VOUT
R1113Z301B
Topt=25C IOUT=50mA100mA VIN=4.0V CIN=2.2F COUT=2.2F tr/tf=5s
IOUT
VOUT
R1113Z401B
Topt=25C IOUT=50mA100mA VIN=5.0V CIN=2.2F COUT=2.2F tr/tf=5s
IOUT
VOUT
16
R1113Z
R1113Z501B Topt=25C IOUT=50mA100mA VIN=6.0V CIN=2.2F COUT=2.2F tr/tf=5s
IOUT
VOUT
TECHNICAL NOTES
When using these ICs, consider the following points: In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For this purpose, use a capacitor COUT with good frequency characteristics and ESR (Equivalent Series Resistance) of which is in the range described as follows:
4
CE
VOUT
2
R1113Zxx1B 3 Ceramic VIN Cap. VIN GND 1
Ceramic Cap. Spectrum Analyzer
S.A.
ESR IOUT
Measuring Circuit for white noise; R1113Zxx1B
17
R1113Z
The relations between IOUT (Output Current) and ESR of an output capacitor are shown below. The conditions when the white noise level is under 40V (Avg.) are marked as the hatched area in the graph. (Note: If additional ceramic capacitors are connected to the Output Pin with Output capacitor for phase compensation, the operation might be unstable. Because of this, test these ICs with as same external components as ones to be used on the PCB.) (1) VIN=VOUT+1V (2) Frequency Band: 10Hz to 1MHz (3) Temperature: 25C R1113Z201B
COUT=2.2F, CIN=2.2F
100 100
R1113Z201B
COUT=4.7F, CIN=2.2F
10
10
ESR ()
0.1
ESR ()
0 30 60 90 120 150
1
1
0.1
0.01
0.01
0.001
0.001 0 30 60 90 120 150
IOUT(mA)
IOUT(mA)
R1113Z301B
COUT=2.2F, CIN=2.2F
100 100
R1113Z301B
COUT=4.7F, CIN=2.2F
10
10
ESR ()
0.1
ESR ()
0 30 60 90 120 150
1
1
0.1
0.01
0.01
0.001
0.001 0 30 60 90 120 150
IOUT(mA)
IOUT(mA)
18


▲Up To Search▲   

 
Price & Availability of R1113Z151A-EX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X