|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY Part Number: PSC05-11SRWA Super Bright Red Features 0.5 INCH CHARACTER HEIGHT. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MECHANICALLY RUGGED. STANDARD: GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT. Description The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode. Package Dimensions& Internal Circuit Diagram Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice. SPEC NO: DSAA3879 APPROVED: WYNEC REV NO: V.9 CHECKED: Joe Lee DATE: MAY/16/2007 DRAWN: Y.L.LI PAGE: 1 OF 4 ERP: 1311000114 Selection Guide Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. PSC05-11SRWA Super Bright Red (GaAlAs) WHITE DIFFUSED 4700 Typ. 18000 Common Cathode, Rt. Hand Decimal. Description Note: 1. Luminous intensity/ luminous Flux: +/-15%. Electrical / Optical Characteristics at TA=25C Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature[2] Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. Super Bright Red 75 30 155 5 -40C To +85C 260C For 3-5 Seconds Units mW mA mA V SPEC NO: DSAA3879 APPROVED: WYNEC REV NO: V.9 CHECKED: Joe Lee DATE: MAY/16/2007 DRAWN: Y.L.LI PAGE: 2 OF 4 ERP: 1311000114 Super Bright Red PSC05-11SRWA SPEC NO: DSAA3879 APPROVED: WYNEC REV NO: V.9 CHECKED: Joe Lee DATE: MAY/16/2007 DRAWN: Y.L.LI PAGE: 3 OF 4 ERP: 1311000114 PACKING & LABEL SPECIFICATIONS PSC05-11SRWA SPEC NO: DSAA3879 APPROVED: WYNEC REV NO: V.9 CHECKED: Joe Lee DATE: MAY/16/2007 DRAWN: Y.L.LI PAGE: 4 OF 4 ERP: 1311000114 |
Price & Availability of PSC05-11SRWA |