Part Number Hot Search : 
BCX71G RL102 ML614 110LT3 1EEBP C1100H LA6595T UPC831
Product Description
Full Text Search
 

To Download PS7200A-1A01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
FEATURES
* LOW C X R: C X R = 30 pF * * LOW OUTPUT CAPACITANCE: COUT = 3.0 pF TYP * LOW OFF-STATE LEAKAGE CURRENT: ILOFF = 0.1 nA TYP * HIGH SPEED TURN-ON TIME: tON = 0.01 ms TYP * 1 CHANNEL TYPE: (1a output) * DESIGNED FOR AC/DC SWITCHING LINE CHANGER * SMALL PACKAGE: 4 pin SOP * HIGH ISOLATION VOLTAGE: (BV = 1500 Vr.m.s.) * LOW OFFSET VOLTAGE * LOW LED OPERATING CURRENT: IF = 2 mA * SURFACE MOUNT AVAILABLE
PS7200A-1A
DESCRIPTION
PS7200A-1A is a low output capacitance solid state relay containing a GaAs LED on the light emitting side (input side) and MOS FETs on the output side. It is suitable for high-frequency signal control, due to its low C x R, low output capacitance, and low off-state leakage current.
APPLICATIONS
* MEASUREMENT EQUIPMENT
ELECTRICAL CHARACTERISTICS (TA = 25 C)
PART NUMBER SYMBOLS PARAMETERS Forward Voltage, IF = 10 mA Reverse Current, VR = 5 V Off-State Leakage Current, VD = 40 V Output Capacitance, V = 0 V, f = 1 MHz LED On-state Current, IL = 100 mA On-State Resistance Turn-on Time1 Turn-off Time1 IF = 10 mA, IL = 10 mA IF = 10 mA, IL = 100 mA, t10 ms UNITS V A nA pF mA ms ms pF/ch 10
9
PS7200A-1A MIN TYP 1.2 0.1 3.0 2.0 9.3 0.01 0.07 12 0.5 0.2 MAX 1.4 5.0 100
MOS Diode FET
VF IR ILOFF COUT IFon RON1 RON2 tON tOFF RI-O CI-O
Coupled
IF = 10 mA, VO = 5 V, PW 10 ms
Isolation Resistance, VI-O = 1.0 kVDC Isolation Capacitance, V = 0 V, f = 1 MHz
0.5
Note: 1. Test Circuit for Switching Time:
IF Pulse Input VL
Input 50% 0
PS7200A-1A
4 3
Input Monitor Rin RL
VO Monitor
VO = 5 V Output
90%
1
10% ton toff
2
California Eastern Laboratories
PS7200A-1A ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS Diode IF VR PD IFP MOSFET VL IL ILP PD Coupled BV PT TOP TSTG PARAMETERS Forward Current (DC) Reverse Voltage Power Dissipation Peak Foward Current2 Break Down Voltage Continuous Load Current Pulse Load Current3 AC/DC Connection Power Dissipation Isolation Voltage4 Total Power Dissipation Operating Ambient Temp. Storage Temperature UNITS mA V mW/ch A V mA mA mW/ch Vr.m.s. mW C C RATINGS 50 5.0 50 1 40 100 200 100 1500 150 -40 to +80 -40 to +100
RECOMMENDED OPERATING CONDITIONS (TA = 25C)
PART NUMBER SYMBOLS PARAMETERS IF LED Operating Current VF LED Off Voltage PS7200A-1A UNITS mA V MIN TYP MAX 2 10 20 0 0.5
ORDERING INFORMATION
PART NUMBER PS7200A-1A PS7200A-1A-E3 PS7200A-1A-E4 PS7200A-1A-F3 PS7200A-1A-F4 Notes: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. PW = 100 s, Duty Cycle = 1 % 3. PW = 100 ms, 1 shot. 4. AC voltage for 1 minute at TA = 25 C, RH = 60 % between input and output. Embossed tape 3500 pcs/reel PACKAGE 4-pin SOP PACKING STYLE Magazine case 100 pcs Embossed tape 900 pcs/reel
TYPICAL PERFORMANCES CURVES (TA = 25C)
MAXIMUM FORWARD CURRENT vs. AMBIENT TEMPERATURE
100
150
MAXIMUM LOAD CURRENT vs. AMBIENT TEMPERATURE
Maximum Forward Current, IF (mA)
80
Maximum Load Current, IL (mA)
100
60
40
50
20
0 -25
0
25
50
75 80
100
0 -25
0
25
50
75 80
100
Ambient Temperature (TA C) FORWARD VOLTAGE vs. AMBIENT TEMPERATURE
1.6
5.0
Ambient Temperature (TA C) OUTPUT CAPACITANCE vs. APPLIED VOLTAGE
f = 1 MHz 4.0
1.4 IF = 50 mA 1.2 30 mA 20 mA 10 mA 5 mA 1.0 1 mA
Output Capacitance, COUT (pF)
Forward Voltage, VF (V)
3.0
2.0
1.0
0.8 -25 0 25 50 75 100
0 0 5 10 15 20 25 30
Ambient Temperature (TA C)
Applied Voltage, VD (V)
PS7200A-1A TYPICAL PERFORMANCE CURVES (TA = 25C)
NORMALIZED ON-STATE RESISTANCE vs. AMBIENT TEMPERATURE
3.0
ON-STATE RESISTANCE DISTRIBUTION
30 n = 50 pcs IF = 10 mA IL = 10 mA
Normalized On-state Resistance, Ron
2.5
Normalized to 1.0 at TA = 25C, IF = 10 mA IL = 10 mA
25
2.0
Number (pcs)
20
1.5
15
1.0
10
5
0.5
0
0.0 -25
8.8
9.0
9.2
9.4
9.6
0
25
50
75
100
Ambient Temperature,TA (C)
On-state Resistance, Ron ()
OFF-STATE LEAKAGE CURRENT vs. APPLIED VOLTAGE
10-6
LOAD CURRENT vs. LOAD VOLTAGE
IF = 10 mA 100
Off-state Leakage Current, ILoff (A)
10-7
TA = 80C
Load Current, IL (mA)
10-8
50
10-9
25C
-2.0
-1.0
0
1.0
2.0
10 -10
-50
10-11 10-12 0 10 20 30 40 50
-100
Applied Voltage, VCC (V)
Load Voltage, VL (V)
TURN-ON TIME vs. FORWARD CURRENT
0.05 VO = 5 V 0.04
TURN-OFF TIME vs. FORWARD CURRENT
0.5 VO = 5 V 0.4
Turn-on Time ton (mS)
0.03
Turn-off Time toff (mS)
0 5 10 15 20 25 30
0.3
0.02
0.2
0.01
0.1
0 0 5 10 15 20 25 30
Forward Current IF (mA)
Forward Current IF (mA)
PS7200A-1A TYPICAL PERFORMANCE CURVES (TA = 25C)
TURN-ON TIME DISTRIBUTION
30 n = 50 pcs IF = 10 mA VO = 5 V
30 n = 50 pcs IF = 10 mA VO = 5 V
TURN-OFF TIME DISTRIBUTION
25
25
(pcs)
(pcs)
TNumber
20
20
TNumber
15
15
10
10
5
5
0 0.01 0.02 0.03 0.04 0.05
0 0.06 0.08
Turn-on Time, ton (mS) NORMALIZED TURN-ON TIME vs. AMBIENT TEMPERATURE
3.0 Normalized to 1.0 at TA = 25C, IF = 10 mA VO = 5 V
Turn-off Time, toff (mS) NORMALIZED TURN-OFF TIME vs. AMBIENT TEMPERATURE
3.0 Normalized to 1.0 at TA = 25C, IF = 10 mA VO = 5 V
Normalized Turn-on Time, ton
2.5
Normalized Turn-off Time, ton
100
2.5
2.0
2.0
1.5
1.5
1.0
1.0
0.5
0.5
0.0 -25 0 25 50 75
0.0 -25 0 25 50 75 100
Ambient Temperature,TA (C)
Ambient Temperature,TA (C)
OUTLINE DIMENSIONS (Units in mm)
PS7200A-1A TOP VIEW 4.00.5
4 3
1
2
7.00.3 4.4 2.05 +0.08 -0.05
+0.10 0.15 -0.05
0.5
+0.08 -0.05
0.4 -0.05 2.54
0.25 M
+0.10
0.50.3 1. LED Anode 2. LED Cathode 3. MOS FET 4. MOS FET
PS7200A-1A TAPING SPECIFICATIONS (Units in mm)
Tape Outline and Dimensions
2.0 0.1 1.75 0.1 4.0 0.1 1.55 0.1 2.4 0.1
5.5 0.1 7.4 0.1 12.0 0.2
0.3 1.55 0.1 4.6 0.1 8.0 0.1
Tape Direction PS7200A-1A-E3 PS7200A-1A-E4
Reel Outline and Dimensions
2.0
2.00.5 o13.00.5 15 15 o21.00.8
13.00.5
o180
o60
13.01.0
Packing: 900 pcs/reel
PS7200A-1A TAPING SPECIFICATIONS (Units in mm)
Tape Outline and Dimensions
2.0 0.1 1.75 0.1 4.0 0.1 1.55 0.1 2.4 0.1
5.5 0.1 7.4 0.1 12.0 0.2
0.3 1.55 0.1 4.6 0.1 8.0 0.1
Tape Direction PS7200A-1A-F3 PS7200A-1A-F4
Reel Outline and Dimensions
1.5 0.1 1.5 0.1
12
0
21.0 0.8
1.5 0.5
60
6.0 1
330
2.0 0.5
13.00.5
805.0
12.4 -0.0
+2.0
PS7200A-1A RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering * Peak reflow temperature * Time of temperature higher than 210 C * Number of reflows * Flux 235 C or below (package surface temperature) 30 seconds or less Two Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s 235 C (peak temperature) 210 C to 30 s 100 to 160 C 60 to 120 s (preheating)
Time (s)
(2) Dip soldering * Temperature * Time * Number of times * Flux
260 C or below (molten solder temperature) 10 seconds or less One Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
(3) Cautions * Fluxes Avoid removing the residual flux with freon-based cleaning solvent.
EXCLUSIVE NORTH AMERICAN AGENT FOR NEC RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 Internet: http://WWW.CEL.COM DATA SUBJECT TO CHANGE WITHOUT NOTICE 09/04/2001


▲Up To Search▲   

 
Price & Availability of PS7200A-1A01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X