|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MITSUBISHI PM300RLA060 FLAT-BASE TYPE INSULATED PACKAGE PM300RLA060 FEATURE a) Adopting new 5th generation IGBT (CSTBT) chip, which performance is improved by 1m fine rule process. For example, typical Vce(sat)=1.5V @Tj=125C b) I adopt the over-temperature conservation by Tj detection of CSTBT chip, and error output is possible from all each conservation upper and lower arm of IPM. c) Current rating of brake part increased. 50% for the current rating of inverter part. * 3 300A, 600V Current-sense IGBT type inverter * 150A, 600V Current-sense regenerative brake IGBT * Monolithic gate drive & protection logic * Detection, protection & status indication circuits for, shortcircuit, over-temperature & under-voltage (P-Fo available from upper arm devices) * Acoustic noise-less 30kW class inverter application * UL Recognized Yellow Card No.E80276(N) File No.E80271 APPLICATION General purpose inverter, servo drives and other motor controls PACKAGE OUTLINES 135 6.05 6-M5 Nuts 10.5 26 10.5 1100.5 26 10.5 40.5 6.05 11.7 13 6 Dimensions in mm 13(Screwing Depth) 13 6 18.7 18 10.5 21.5 B U V W 6.05 6.05 780.5 110 66.5 3.25 10 10 10 3.25 P 10.5 11 19 13 9 5 1 4-5.5 Mounting Holes 2-2.5 190.5 30.15 11 16.5 20 6-2 3-2 3-2 3-2 10.5 71.5 N 20 4 Terminal code 34.7 LABEL 1. 2. 3. 4. 5. VUPC 6. UFO 7. UP 8. VUP1 9. VVPC 10. VFO VP VVP1 VWPC WFO 11. 12. 13. 14. 15. WP VWP1 VNC VN1 Br 16. 17. 18. 19. UN VN WN Fo 24.1 +1 -0.5 33.6 May 2005 MITSUBISHI PM300RLA060 FLAT-BASE TYPE INSULATED PACKAGE INTERNAL FUNCTIONS BLOCK DIAGRAM Br Fo 1.5k VNC WN VN1 VN UN WP VWP1 VWPC WFO VP VVPC VVP1 VFO UP VUPC VUP1 UFO 1.5k 1.5k 1.5k Gnd In Fo Vcc Gnd In Fo Vcc Gnd In Fo Vcc Gnd In Fo Vcc Gnd In Fo Vcc Gnd In Fo Vcc Gnd In Fo Vcc Gnd Si Out OT Gnd Si Out OT Gnd Si Out OT Gnd Si Out OT Gnd Si Out OT Gnd Si Out OT Gnd Si Out OT B N W V U P MAXIMUM RATINGS (Tj = 25C, unless otherwise noted) INVERTER PART Symbol VCES IC ICP PC Tj Parameter Collector-Emitter Voltage Collector Current Collector Current (Peak) Collector Dissipation Junction Temperature Condition VD = 15V, VCIN = 15V TC = 25C TC = 25C TC = 25C Ratings 600 300 600 1041 -20 ~ +150 Unit V A A W C (Note-1) BRAKE PART Symbol VCES IC ICP PC VR(DC) IF Tj Parameter Collector-Emitter Voltage Collector Current Collector Current (Peak) Collector Dissipation FWDi Rated DC Reverse Voltage FWDi Forward Current Junction Temperature Condition VD = 15V, VCIN = 15V TC = 25C TC = 25C TC = 25C TC = 25C TC = 25C Ratings 600 150 300 595 600 150 -20 ~ +150 Unit V A A W V A C (Note-1) CONTROL PART Symbol VD VCIN VFO IFO Parameter Supply Voltage Input Voltage Fault Output Supply Voltage Fault Output Current Condition Applied between : VUP1-VUPC VVP1-VVPC, VWP1-VWPC, VN1-VNC Applied between : UP-VUPC, VP-VVPC WP-VWPC, UN * VN * WN * Br-VNC Applied between : UFO-VUPC, VFO-VVPC, WFO-VWPC FO-VNC Sink current at UFO, VFO, WFO, FO terminals Ratings 20 20 20 20 Unit V V V mA May 2005 MITSUBISHI PM300RLA060 FLAT-BASE TYPE INSULATED PACKAGE TOTAL SYSTEM Parameter Supply Voltage Protected by VCC(PROT) SC VCC(surge) Supply Voltage (Surge) Storage Temperature Tstg Isolation Voltage Viso Symbol Condition VD = 13.5 ~ 16.5V, Inverter Part, Tj = +125C Start Applied between : P-N, Surge value 60Hz, Sinusoidal, Charged part to Base, AC 1 min. Ratings 400 500 -40 ~ +125 2500 Unit V V C Vrms THERMAL RESISTANCES Symbol Rth(j-c)Q Rth(j-c)F Rth(j-c)Q Rth(j-c)F Rth(c-f) Parameter Junction to case Thermal Resistances Contact Thermal Resistance Condition Inverter IGBT (per 1 element) Inverter FWDi (per 1 element) Brake IGBT Brake FWDi Case to fin, (per 1 module) Thermal grease applied (Note-1) (Note-1) (Note-1) (Note-1) (Note-1) Min. -- -- -- -- -- Limits Typ. -- -- -- -- -- Max. 0.12* 0.19* 0.21* 0.34* 0.023 Unit C/W * If you use this value, Rth(f-a) should be measured just under the chips. (Note-1) Tc (under the chip) measurement point is below. arm axis X Y UP IGBT FWDi 23.0 23.0 56.3 42.7 VP IGBT FWDi 57.5 56.5 56.3 42.7 WP IGBT FWDi 87.5 86.5 56.3 42.7 UN IGBT FWDi 37.0 38.0 29.1 42.7 VN IGBT FWDi 70.5 71.5 29.1 42.7 WN IGBT FWDi 100.5 101.5 29.1 42.7 Unit : mm Br IGBT 11.0 27.1 FWDi 8.0 60.7 Bottom view Y X ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise noted) INVERTER PART Symbol VCE(sat) VEC ton trr tc(on) toff tc(off) ICES Parameter Collector-Emitter Saturation Voltage FWDi Forward Voltage Condition VD = 15V, IC = 300A VCIN = 0V (Fig. 1) -IC = 300A, VD = 15V, VCIN = 15V VD = 15V, VCIN = 0V15V VCC = 300V, IC = 300A Tj = 125C Inductive Load VCE = VCES, VCIN = 15V (Fig. 5) Tj = 25C Tj = 125C (Fig. 2) Min. -- -- -- 0.5 -- -- -- -- -- -- Limits Typ. 1.6 1.5 2.2 1.0 0.2 0.4 1.2 0.5 -- -- Max. 2.1 2.0 3.3 2.4 0.4 1.0 2.5 1.0 1 10 Unit V V Switching Time s (Fig. 3, 4) Tj = 25C Tj = 125C Collector-Emitter Cutoff Current mA May 2005 MITSUBISHI PM300RLA060 FLAT-BASE TYPE INSULATED PACKAGE BRAKE PART Symbol VCE(sat) VFM ICES Parameter Collector-Emitter Saturation Voltage FWDi Forward Voltage Collector-Emitter Cutoff Current VD = 15V, IC = 150A VCIN = 0V IF = 150A VCE = VCES, VCIN = 15V Condition Tj = 25C Tj = 125C (Fig. 2) Tj = 25C Tj = 125C Min. -- -- -- -- -- Limits Typ. 1.6 1.5 2.2 -- -- Max. 2.1 2.0 3.3 1 10 Unit V V mA (Fig. 1) (Fig. 5) CONTROL PART Symbol ID Vth(ON) Vth(OFF) SC toff(SC) OT OTr UV UVr IFO(H) IFO(L) tFO Parameter Circuit Current Input ON Threshold Voltage Input OFF Threshold Voltage Short Circuit Trip Level Short Circuit Current Delay Time Over Temperature Protection Supply Circuit Under-Voltage Protection Fault Output Current Minimum Fault Output Pulse Width VD = 15V, VCIN = 15V Condition VN1-VNC V*P1-V*PC Min. -- -- 1.2 1.7 600 300 -- 135 -- 11.5 -- -- -- 1.0 Limits Typ. 24 6 1.5 2.0 -- -- 0.2 145 125 12.0 12.5 -- 10 1.8 Max. 34 12 1.8 2.3 -- -- -- -- -- 12.5 -- 0.01 15 -- Unit mA V A s C V mA ms Applied between : UP-VUPC, VP-VVPC, WP-VWPC UN * VN * WN * Br-VNC Inverter part -20 Tj 125C, VD = 15V (Fig. 3,6) Brake part VD = 15V VD = 15V Detect Tj of IGBT chip -20 Tj 125C VD = 15V, VFO = 15V VD = 15V (Fig. 3,6) Trip level Reset level Trip level Reset level (Note-2) (Note-2) (Note-2) Fault output is given only when the internal SC, OT & UV protections schemes of either upper or lower arm device operate to protect it. MECHANICAL RATINGS AND CHARACTERISTICS Symbol -- -- -- Parameter Mounting torque Mounting torque Weight Main terminal Mounting part -- Condition screw : M5 screw : M5 Min. 2.5 2.5 -- Limits Typ. 3.0 3.0 800 Max. 3.5 3.5 -- Unit N*m N*m g RECOMMENDED CONDITIONS FOR USE Symbol VCC VD VCIN(ON) VCIN(OFF) fPWM tdead Parameter Supply Voltage Control Supply Voltage Input ON Voltage Input OFF Voltage PWM Input Frequency Arm Shoot-through Blocking Time Condition Applied across P-N terminals Applied between : VUP1-VUPC, VVP1-VVPC VWP1-VWPC, VN1-VNC (Note-3) Applied between : UP-VUPC, VP-VVPC, WP-VWPC UN * VN * WN * Br-VNC Using Application Circuit of Fig. 8 For IPM's each input signals (Fig. 7) Recommended value 400 15 1.5 0.8 9.0 20 2.0 Unit V V V kHz s (Note-3) With ripple satisfying the following conditions: dv/dt swing 5V/s, Variation 2V peak to peak May 2005 MITSUBISHI PM300RLA060 FLAT-BASE TYPE INSULATED PACKAGE PRECAUTIONS FOR TESTING 1. Before appling any control supply voltage (VD), the input terminals should be pulled up by resistores, etc. to their corresponding supply voltage and each input signal should be kept off state. After this, the specified ON and OFF level setting for each input signal should be done. 2. When performing "SC" tests, the turn-off surge voltage spike at the corresponding protection operation should not be allowed to rise above VCES rating of the device. (These test should not be done by using a curve tracer or its equivalent.) P, (U,V,W,B) IN Fo IN Fo P, (U,V,W) VCIN (0V) V Ic VCIN (15V) V -Ic VD (all) U,V,W, (N) VD (all) U,V,W,B, (N) Fig. 1 VCE(sat) Test Fig. 2 VEC, (VFM) Test a) Lower Arm Switching P VCIN (15V) VCIN Signal input (Upper Arm) Signal input (Lower Arm) Fo Fo U,V,W trr Irr CS VCE Ic 90% Vcc 90% N b) Upper Arm Switching VCIN Signal input (Upper Arm) Signal input (Lower Arm) VD (all) P Ic 10% 10% tc(on) 10% tc(off) 10% Fo U,V,W VCIN CS Vcc td(on) tr td(off) tf VCIN (15V) Fo (ton= td(on) + tr) N (toff= td(off) + tf) VD (all) Ic Fig. 3 Switching time and SC test circuit Fig. 4 Switching time test waveform VCIN Short Circuit Current P, (U,V,W,B) A IN Fo Constant Current SC Pulse VCE VCIN (15V) Ic VD (all) U,V,W, (N) Fo toff(SC) Fig. 5 ICES Test Fig. 6 SC test waveform IPM' input signal VCIN (Upper Arm) 0V IPM' input signal VCIN (Lower Arm) 1.5V 2V 1.5V t 0V 2V 1.5V 2V t tdead tdead tdead 1.5V: Input on threshold voltage Vth(on) typical value, 2V: Input off threshold voltage Vth(off) typical value Fig. 7 Dead time measurement point example May 2005 MITSUBISHI PM300RLA060 FLAT-BASE TYPE INSULATED PACKAGE P 20k 10 VUP1 UFo UP VUPC 1.5k Vcc Fo In OT OUT Si U VD IF + - GND GND Vcc Fo In GND GND Vcc Fo OT OUT Si W OT OUT Si OT OUT Si V 0.1 VVP1 VFo 1.5k VD VP VVPC VWP1 WFo 1.5k M VD 20k WP VWPC In GND GND Vcc Fo IF 10 UN 0.1 In GND GND N OT 20k IF 10 Vcc VN Fo In OUT Si 0.1 20k GND GND VN1 10 Vcc Fo In OT OUT Si B VD IF WN 0.1 VNC GND GND Vcc OT OUT Si IF 4.7k Br 1k Fo In 1.5k 5V GND GND Fo : Interface which is the same as the U-phase Fig. 8 Application Example Circuit NOTES FOR STABLE AND SAFE OPERATION ; Design the PCB pattern to minimize wiring length between opto-coupler and IPM's input terminal, and also to minimize the stray capacity between the input and output wirings of opto-coupler. Connect low impedance capacitor between the Vcc and GND terminal of each fast switching opto-coupler. Fast switching opto-couplers: tPLH, tPHL 0.8s, Use High CMR type. Slow switching opto-coupler: CTR > 100% Use 4 isolated control power supplies (VD). Also, care should be taken to minimize the instantaneous voltage charge of the power supply. Make inductance of DC bus line as small as possible, and minimize surge voltage using snubber capacitor between P and N terminal. Use line noise filter capacitor (ex. 4.7nF) between each input AC line and ground to reject common-mode noise from AC line and improve noise immunity of the system. * * * * * * * May 2005 MITSUBISHI PM300RLA060 FLAT-BASE TYPE INSULATED PACKAGE PERFORMANCE CURVES OUTPUT CHARACTERISTICS (INVERTER PART * TYPICAL) COLLECTOR-EMITTER SATURATION VOLTAGE VCE (sat) (V) COLLECTOR-EMITTER SATURATION VOLTAGE (VS. Ic) CHARACTERISTICS (INVERTER PART * TYPICAL) 2 VD = 15V 400 Tj = 25C COLLECTOR CURRENT IC (A) 320 15V VD = 17V 13V 1.5 240 1 160 80 0.5 Tj = 25C Tj = 125C 0 0 80 160 240 320 400 0 0 0.5 1 1.5 2 COLLECTOR-EMITTER VOLTAGE VCE (V) COLLECTOR CURRENT IC (A) COLLECTOR-EMITTER SATURATION VOLTAGE VCE (sat) (V) COLLECTOR-EMITTER SATURATION VOLTAGE (VS. VD) CHARACTERISTICS (INVERTER PART * TYPICAL) 2 SWITCHING TIME tc(on), tc(off) (s) SWITCHING TIME CHARACTERISTICS (TYPICAL) 101 7 VCC = 300V 5 VD = 15V Tj = 25C 4 Tj = 125C 3 2 Inductive load 1.5 1 100 7 5 4 3 2 0.5 IC = 300A Tj = 25C Tj = 125C 0 12 13 14 15 16 17 18 tc(off) tc(on) tc(off) 2 3 4 5 7 102 2 tc(off) tc(off) tc(on) 10-1 1 10 3 4 5 7 103 CONTROL SUPPLY VOLTAGE VD (V) COLLECTOR CURRENT IC (A) 101 SWITCHING TIME ton, toff (s) 7 5 4 3 2 SWITCHING LOSS ESW(on), ESW(off) (mJ/pulse) SWITCHING TIME CHARACTERISTICS (TYPICAL) VCC = 300V VD = 15V Tj = 25C Tj = 125C Inductive load toff 100 7 5 4 3 2 SWITCHING LOSS CHARACTERISTICS (TYPICAL) 102 7 5 4 3 2 ESW(off) ESW(on) ESW(on) ESW(on),ESW(off) ESW(off) VCC = 300V VD = 15V Tj = 25C Tj = 125C Inductive load 2 3 4 5 7 103 101 7 5 4 3 2 ton 100 7 5 4 3 2 10-1 1 10 2 3 4 5 7 102 2 3 4 5 7 103 10-1 1 10 2 3 4 5 7 102 COLLECTOR CURRENT IC (A) COLLECTOR CURRENT IC (A) May 2005 MITSUBISHI PM300RLA060 FLAT-BASE TYPE INSULATED PACKAGE COLLECTOR RECOVERY CURRENT -IC (A) DIODE FORWARD CHARACTERISTICS (INVERTER PART * TYPICAL) 7 5 4 3 2 102 7 5 4 3 2 REVERSE RECOVERY TIME trr (s) 103 VD = 15V 5 4 3 2 Irr Irr 2 3 4 5 7 102 2 5 4 3 2 Tj = 25C Tj = 125C 0 0.5 1 1.5 2 2.5 101 10-2 1 10 3 4 5 7 103 101 EMITTER-COLLECTOR VOLTAGE VEC (V) COLLECTOR RECOVERY CURRENT -IC (A) OUTPUT CHARACTERISTICS (BRAKE PART * TYPICAL) COLLECTOR-EMITTER SATURATION VOLTAGE VCE (sat) (V) COLLECTOR-EMITTER SATURATION VOLTAGE (VS. Ic) CHARACTERISTICS (BRAKE PART * TYPICAL) 2 VD = 15V 200 Tj = 25C COLLECTOR CURRENT IC (A) 15V 13V VD = 17V 150 1.5 100 1 50 0.5 Tj = 25C Tj = 125C 0 0 50 100 150 200 0 0 0.5 1 1.5 2 2.5 COLLECTOR-EMITTER VOLTAGE VCE (V) COLLECTOR CURRENT IC (A) COLLECTOR RECOVERY CURRENT -IC (A) COLLECTOR-EMITTER SATURATION VOLTAGE VCE (sat) (V) COLLECTOR-EMITTER SATURATION VOLTAGE (VS. VD) CHARACTERISTICS (BRAKE PART * TYPICAL) 2.5 DIODE FORWARD CHARACTERISTICS (BRAKE PART * TYPICAL) 103 7 5 4 3 2 VD = 15V 2 102 7 5 4 3 2 1.5 1 101 7 5 4 3 2 0.5 IC = 150A Tj = 25C Tj = 125C 13 14 15 16 17 18 Tj = 25C Tj = 125C 0 0.5 1 1.5 2 2.5 0 12 100 CONTROL SUPPLY VOLTAGE VD (V) EMITTER-COLLECTOR VOLTAGE VEC (V) REVERSE RECOVERY CURRENT lrr (A) DIODE REVERSE RECOVERY CHARACTERISTICS (INVERTER PART * TYPICAL) 100 103 VCC = 300V 7 7 VD = 15V 5 5 Tj = 25C 4 4 Tj = 125C 3 3 Inductive load 2 2 trr Irr 10-1 102 Irr trr trr 7 7 May 2005 MITSUBISHI PM300RLA060 FLAT-BASE TYPE INSULATED PACKAGE ID VS. fc CHARACTERISTICS (TYPICAL) 100 90 80 70 ID (mA) TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (INVERTER PART) 100 NORMALIZED TRANSIENT THERMAL IMPEDANCE Zth (j - c) 7 5 3 2 VD = 15V Tj = 25C N-side 10-1 7 5 3 2 60 50 40 30 20 10 0 0 5 10 15 20 25 P-side 10-2 Single Pulse 7 5 IGBT Part; Per unit base = Rth(j - c)Q = 0.12C/W 3 FWDi Part; 2 Per unit base = Rth(j - c)F = 0.19C/W 10-3 -5 10 2 3 5 710-4 2 3 5 710-3 2 3 5 710-2 2 3 5 710-1 2 3 5 7100 2 3 5 7101 TIME (s) fc (kHz) TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (BRAKE PART) 100 NORMALIZED TRANSIENT THERMAL IMPEDANCE Zth (j - c) 7 5 3 2 10-1 7 5 3 2 10-2 Single Pulse 7 5 IGBT Part; Per unit base = Rth(j - c)Q = 0.21C/W 3 FWDi Part; 2 Per unit base = Rth(j - c)F = 0.34C/W 10-3 -5 10 2 3 5 710-4 2 3 5 710-3 2 3 5 710-2 2 3 5 710-1 2 3 5 7100 2 3 5 7101 TIME (s) May 2005 |
Price & Availability of PM300RLA060 |