Part Number Hot Search : 
25L4005A S2405 CP12C60 3N60C 53111 2SA650 53111 C5000
Product Description
Full Text Search
 

To Download MXO45HST-2C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MXO45/MXO45HS
METAL DIP CLOCK OSCILLATOR FEATURES
* * * * * * * * * Standard 14 Pin or 8 Pin DIP Footprint HCMOS/TTL Compatible Fundamental and 3RD Overtone Crystals Frequency Range 1.0 - 105.561 MHz Frequency Stability, 50 ppm Standard (25 ppm and 20 ppm available) +5.0Vdc Operation Operating Temperature to -40C to +85C Output Enable Option RoHS/Green Compliant (6/6)
DESCRIPTION
The MXO45/MXO45HS is a DIP packaged Clock oscillator offering reliable performance at an economical cost. The enhanced stability means it is the perfect choice for today's communications applications that require tight frequency control.
ORDERING INFORMATION
MXO
SUPPLY VOLTAGE 45 = 14 Pin DIP/STD Output 45T = 14 Pin DIP/Tristate Output 45HS = 8 Pin DIP/STD Output 45HST = 8 Pin DIP/Tristate Output FREQUENCY STABILITY 6 5 3 2 = = = = 20 ppm * 25 ppm 50 ppm (standard) 100 ppm
-
-
M
FREQUENCY IN MHz M - indicates MHz and decimal point. Frequency is recorded with minimum 4 significant digits to the right of the "M". OPERATING TEMPERATURE RANGE C = -20C to +70C (standard) I = -40C to +85C *
* 6I not available. Not all performance combinations and frequencies may be available. Contact your local CTS Representative or CTS Customer Service for availability.
Example Part Number: MXO45-3C-32M7680 or MXO45HS-3C-32M7680
Document No. 008-0258-0
Page 1 - 5
Rev. E
CTS Electronic Components, Inc. 171 Covington Drive Bloomingdale, IL 60108 www.ctscorp.com
Metal DIP Clock Oscillator
MXO45/MXO45HS
ELECTRICAL CHARACTERISTICS
PARAMETER Maximum Supply Voltage Storage Temperature Frequency Range Frequency Stability
(See Note 1 and Ordering Information)
Absolute Maximums
SYMBOL VCC TSTG fO f/fO TA VCC ICC
CONDITIONS 10 % 1.0 MHz to 20 MHz 20.1 MHz to 80 MHz 80.1 MHz to 105.561 MHz 1.0 MHz to 50 MHz 50.1 MHz to 80 MHz 80.1 MHz to 105.561 MHz 1.0 MHz to 105.561 MHz CMOS Load 10 TTL LOAD CMOS TTL Load VOH = 3.9V VCC = 4.5V VOL = 0.4V VCC = 4.5V @ 50% Level @ 10% - 90% Levels 1.0 MHz to 50 MHz 50.1 MHz to 80 MHz 80.1 MHz to 105.561 MHz Application of VCC Pin 1 Logic '1', Output Enabled Pin 1 Logic '0', Output Disabled Pin 1 Logic '1' Bandwidth 12 kHz - 20 MHz
MIN -0.5 -55 1.0 -20 -40 4.5 CL=50pF CL=30pF CL=15pF 0.9*VCC VCC-0.6V 45 CL=50pF CL=30pF CL=15pF 2.0 -
TYP 25 5.0 10 30 40 8 4 2.5 -
MAX 7.0 125 105.561
20,25,50 or 100
UNIT V C MHz ppm C V mA
Operating Temperature Commercial Industrial Supply Voltage Supply Current
70 85 5.5 25 50 100 50 30 15 10 0.1*VCC 0.4 -16 16 55 10 8 5 10 0.8 100 50 5 1
Output Load CMOS
CL
pF TTL
Electrical and Waveform Parameters
TTL Output Voltage Levels Logic '1' Level Logic '0' Level Output Current Logic '1' Level Logic '0' Level Output Duty Cycle Rise and Fall Time
VOH VOL IOH IOL SYM TR, TF
V
mA % ns
Start Up Time Enable Function (See Note 2) Enable Input Voltage Disable Input Voltage Enable Time Period Jitter, Pk-Pk Period Jitter, RMS Phase Jitter, RMS
TS VIH VIL TPLZ -
ms V ns ps
Notes: 1. Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and first year aging. 2. Reference CTS Application Note 014-0002-0.
Document No. 008-0258-0
Page 2 - 5
Rev. E
CTS Electronic Components, Inc.
171 Covington Drive
Bloomingdale, IL 60108
Metal DIP Clock Oscillator
CMOS/TTL OUTPUT WAVEFORM
Tr Tf
MXO45/MXO45HS
TEST CIRCUIT, CMOS LOAD
VOH 90%, 80%, 2.4V
+
mA
-
14 or 8
8 or 5 CL 7 or 4 capacitance.
50%, 1.5V
+
POWER SUPPLY
+ VM -
0.01uF D.U.T. 1
10%, 20%, 0.5V
UPTIME (t) PERIOD (T)
-
VOL
Enable Input or N.C.
DUTY CYCLE = t/T x 100 (%)
ENABLE TRUTH TABLE PIN 1 Logic `1' Open Logic `0' PIN 5 or PIN 8 Output Output High Imp.
D.U.T. PIN ASSIGNMENTS PIN 1 7 or 4 8 or 5 14 or 8 SYMBOL EOH GND Output VCC DESCRIPTION Enable Input or No Connect Circuit & Package Ground RF Output Supply Voltage
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING DIP-14
FOR REFERENCE ONLY. THE NUMBERS ARE NOT MARKED ON BOTTOM.
20.800 MAX 0.819 5.100 MAX 0.201 5.000 MIN 0.197 0.400/0.500 0.016/0.020 1.524 TYP. 0.060 1.000 0.039 MAX 7.620 0.300 0.300 0.012
DENOTES PIN 1
1
7
13.200 0.520
MAX
14
8
1.524 TYP. 0.060 15.240 0.300 0.600 0.012
MXO45 XXXMXXXX CTS ST YYWW **
KEY:
MM INCH
MARKING INFORMATION 1. Model Name: MXO45 or MXO45T. 2. XXXMXXXX - Frequency marked with 4 significant digits after the `M'. 3. ST - Frequency stability/temperature code. (Reference Ordering Information.) 4. YYWW - Date code, YY - year, WW - week. 5. ** - Manufacturing Site Code.
NOTES 1. Lead finish (e1), SnAgCu. 2. Reflow conditions per JEDEC J-STD-020.
Document No. 008-0258-0
Page 3 - 5
Rev. E
CTS Electronic Components, Inc.
171 Covington Drive
Bloomingdale, IL 60108
Metal DIP Clock Oscillator
PACKAGE DRAWING DIP-8
DENOTES PIN 1 5.500 MAX 0.217 5.000 0.197 13.200 MIN 0.950 0.037 MAX 0.520 MAX
MXO45/MXO45HS
FOR REFERENCE ONLY. THE NUMBERS ARE NOT MARKED ON BOTTOM.
1
4
7.620 0.300 0.300 0.012
8
0.400/0.550 0.016/0.022 7.620 0.300 0.300 0.012
5
2.540 0.100 NOTE: 3 OR 4 STANDOFFS ALLOWED.
MXO45HS XXXMXXXX CTS ST YYWW **
13.200 0.520
MAX
KEY:
MM INCH
MARKING INFORMATION 1. Model Name: MXO45HS or MXO45HST. 2. XXXMXXXX - Frequency marked with 4 significant digits after the `M'. 3. ST - Frequency stability/temperature code. (Reference Ordering Information.) 4. YYWW - Date code, YY - year, WW - week. 5. ** - Manufacturing Site Code.
NOTES 1. Lead finish (e1), SnAgCu. 2. Reflow conditions per JEDEC J-STD-020.
PACKAGING
Product is packaged in plastic trays. Typical packaging format is as follows: 50 pcs./Plastic Tray. Tray size is approximately 180x136x18mm (LxWxH). 2 Trays/Anti-Static Bag (100 pcs.) or 10 Trays/Anti-Static Bag (500 pcs.). Bag height for 10 Trays is approximately 175mm. 1 Anti-Static Bag/Cardboard Carton. Master-pack multiple Cardboard Cartons in a larger carton. 8 Cardboard Cartons (10 trays per carton) is approximately 460x380x400mm (LxWxH).
Document No. 008-0258-0
Page 4 - 5
Rev. E
CTS Electronic Components, Inc.
171 Covington Drive
Bloomingdale, IL 60108
Metal DIP Clock Oscillator
MXO45/MXO45HS
ENVIRONMENTAL SPECIFICATIONS
Temperature Cycle: Mechanical Shock: Sinusoidal Vibration: Gross Leak: Fine Leak: Resistance to Solder Heat: High Temperature Operating Bias: Frequency Aging: Moisture Sensitivity Level: 400 cycles from -55C to +125C, 10 minute dwell at each temperature, 1 minute transfer time between temperatures. 1,500g's, 0.5mS duration, 1/2 sinewave, 3 shocks each direction along 3 mutually perpendicular planes (18 total shocks). 0.06 inches double amplitude, 10 to 55 Hz and 20g's, 55 to 2,000 Hz, 3 cycles each in 3 mutually perpendicular planes (9 times total). No leak shall appear while immersed in an FC40 or equivalent liquid at +125C for 20 seconds. Mass spectrometer leak rates less than 2x10-8 ATM cc/sec air equivalent. Product must survive 3 reflows of +260C peak, 10 seconds maximum. 2,000 hours at +125C, maximum bias, disregarding frequency shift. 1,000 hours at +85C, full bias, less than 5 ppm shift. Level 1 per JEDEC J-STD-020.
QUALITY AND RELIABILITY
Quality systems meet or exceed the requirements of ISO 9000:2000 standards.
Document No. 008-0258-0
Page 5 - 5
Rev. E
CTS Electronic Components, Inc.
171 Covington Drive
Bloomingdale, IL 60108


▲Up To Search▲   

 
Price & Availability of MXO45HST-2C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X