Part Number Hot Search : 
DMDT9922 IWR0520F AD5170B 10040 OC18E12A AP130X CPC1130 MA277
Product Description
Full Text Search
 

To Download MUR120120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR120120
Ultra Fast Recovery Diodes
Dimensions TO-247AC A C(TAB) C A=Anode, C=Cathode, TAB=Cathode A C
Dim. A B C D E F G H J K L M N
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
MUR120120
VRSM V 1200
VRRM V 1200
Symbol IFRMS IFAVM IFAV IFRM
Test Conditions TVJ=TVJM TC=60oC; rectangular, d=0.5 TC=95oC; rectangular, d=0.5 tp<10us; rep. rating, pulse width limited by TVJM TVJ=45oC t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 100 109 75 tbd 600 660 540 600 1800 1800 1450 1500 -40...+150 150 -40...+150
Unit
A
IFSM
TVJ=150oC TVJ=45oC
A
I2t
TVJ=150oC
A2s
TVJ TVJM Tstg Ptot Md Weight TC=25oC Mounting torque
o
C
357 0.8...1.2 6
W Nm g
MUR120120
Ultra Fast Recovery Diodes
Symbol
Test Conditions TVJ=25oC; VR=VRRM TVJ=25oC; VR=0.8.VRRM TVJ=125oC; VR=0.8.VRRM IF=70A; TVJ=150oC TVJ=25oC For power-loss calculations only TVJ=TVJM
Characteristic Values typ. max. 3 1.5 20 1.55 1.8 1.2 4.6 0.35 0.25 35
Unit
IR
mA
VF VTO rT RthJC RthCK RthJA trr IRM
V V m K/W
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25oC _ VR=350V; IF=75A; -diF/dt=200A/us; L<0.05uH; TVJ=100 C
o
40 25
60 30
ns A
FEATURES
* International standard package JEDEC TO-247AC * Planar passivatd chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating and melting * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses * Operating at lower temperature or space saving by reduced cooling
MUR120120
Ultra Fast Recovery Diodes
150 A 125 IF 100
TVJ=150C
16 T = 100C VJ uC V = 600V 14 R Qr 12 10 8
TVJ=100C IF=140A IF= 70A IF= 35A
120 TVJ= 100C A VR = 600V 100 IRM 80 60 40 20 0 A/us 1000 -diF/dt 0 200 400 600 A/us 1000 800 -diF/dt
IF=140A IF= 70A IF= 35A
75 50
TVJ= 25C
6 4 2 0 100
25 0 0.0
0.5
1.0
1.5 V 2.0 VF
Fig. 1 Forward current IF versus VF
Fig. 2 Reverse recovery charge Qr versus -diF/dt
500 ns 450 trr 400
TVJ= 100C VR = 600V
Fig. 3 Peak reverse current IRM versus -diF/dt
60 V 50 VFR 40
tfr VFR TVJ= 100C IF = 100A
1.4
1.5 us tfr 1.0
1.2 Kf 1.0
IRM
350 300
0.8
IF=140A IF= 70A IF= 35A
30 20 10 0 0.0 1000 A/us 0.5
0.6
Qr
250 200 0 40 80 120 C 160 TVJ 0 200 400 600 A/us 1000 800 -diF/dt
0.4
0
200
400
600 800 diF/dt
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1 K/W
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i Rthi (K/W) 0.017 0.0184 0.1296 0.185 ti (s) 0.00038 0.0026 0.0387 0.274
D=0.7 0.5
ZthJC 0.1
0.3 0.2 0.01 0.05 Single Pulse
1 2 3 4
0.01 0.001
0.01
0.1
1s
10 t
Fig. 7 Transient thermal resistance junction to case


▲Up To Search▲   

 
Price & Availability of MUR120120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X