Part Number Hot Search : 
68801 66000 UPD17132 6029E MIC2568 T260XW01 SMPA48 A5800732
Product Description
Full Text Search
 

To Download MMST3906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
PNP Silicon Epitaxial Planar Transistor
FEATURES
Power dissipation.(PC=150mW) Epitaxial planar die construction. Complementary to MMST3904. Also available in lead free version.
Production specification
MMST3906
Pb
Lead-free
APPLICATIONS
General purpose application and switching application. SOT-323
ORDERING INFORMATION
Type No. MMST3906 Marking K5N
Package Code SOT-323
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO IC PC Tj,Tstg Parameter Collector-Base Voltage Value -40 Units V
Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous
-40 -5 -200
V V mA
Collector Dissipation Junction and Storage Temperature
150 -55~150
mW
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTF052 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
PNP Silicon Epitaxial Planar Transistor
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO Test conditions IC=-10A,IE=0 IC=-1mA,IB=0 IE=-10A,IC=0 VCB=-30V,IE=0 VEB=-5V,IC=0 VCE=-1V,IC=-0.1mA VCE=-1V,IC=-1mA VCE=-1V,IC=-10mA VCE=-1V,IC=-50mA VCE=-1V,IC=-100mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA IC=-10mA, IB=-1mA IC=-50mA, IB=-5mA VCE=-20V,IC= -10mA, f=100MHz VCB=-5V,IE=0,f=1MHz VCB=-5V,IE=0,f=1MHz VCE=-5V,IC=-0.1mA, f=1KHz,Rs=1K VCC=-3V,VBE=-0.5V, IC=-10mA,IB1=-1mA
Production specification
MMST3906
MIN -40 -40 -5 -0.05 -0.05 60 80 100 60 30 TYP MAX UNIT V V V A A
DC current gain
hFE
300
Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Collector input capacitance Noise figure Delay time Rise time Storage time Fall time
VCE(sat) VBE(sat) fT Cobo Ciob NF td tr ts tf
-0.25 -0.4 -0.65 -0.85 -0.95
V V MHz
250 4.5 10 4 35 35 225 75
pF pF dB nS nS nS nS
VCC=-3V,IC=-10mA, IB1=IB2=-1mA
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTF052 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
PNP Silicon Epitaxial Planar Transistor
Production specification
MMST3906
Document number: BL/SSSTF052 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
PNP Silicon Epitaxial Planar Transistor
PACKAGE OUTLINE
Plastic surface mounted package
Production specification
MMST3906
SOT-323
SOT-323
Dim A B C D E G H J K Min 1.8 1.15 0.15 0.25 1.2 0.02 2.1 Max 2.2 1.35 0.35 0.40 1.4 0.1 2.3
1.0Typical
0.1Typical
All Dimensions in mm
PACKAGE INFORMATION
Device MMST3906 Package SOT-323 Shipping 3000/Tape&Reel
Document number: BL/SSSTF052 Rev.A
www.galaxycn.com 4


▲Up To Search▲   

 
Price & Availability of MMST3906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X