Part Number Hot Search : 
B230NH OPI8014 AXX3225L LC4128 2N4172 AN8210NK 6KE350 MBR8150F
Product Description
Full Text Search
 

To Download MMDT3906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Dual PNP Small Signal Surface Mount Transistor
FEATURES
Epitaxial planar die construction. Ideal for low power amplification and switching. Ultra-small surface mount package Also available in lead free version.
Production specification
MMDT3906
Pb
Lead-free
APPLICATIONS
General switching and amplification
SOT-363
ORDERING INFORMATION
Type No. MMDT3906 Marking K3N Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
SYMBOL VCBO VCEO VEBO IC Ptot Tstg Tj PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current -continuous total power dissipation storage temperature junction temperature VALUE -40 -40 -5 -0.2 -0.2 150 -55-150 UNIT V V V A W C C
Document number: BL/SSSTE003 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Dual PNP Small Signal Surface Mount Transistor
SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage collector cut-off current emitter cut-off current CONDITIONS IC=-10A,IE=0 IC=-1mA,IB=0
B
Production specification
MMDT3906
MIN. -40 -40 -5 60 80 100 60 30 -650 250 -0.05 -0.05 300 -250 -400 -850 -950 4.5 4 35 35 225 75 mV mV mV mV pF MHz dB ns ns ns ns MAX. UNIT V V V A A
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
IE=-10A,IC=0 IE = 0,VCB = -30V IC = 0, VEB = -5V VCE =-1V,IC= -0.1mA VCE =-1V,IC =-1mA VCE =-1V,IC =-10mA VCE =-1V,IC =-50mA VCE =-1V,IC =-100mA IC =-10mA,IB =-1mA
B
hFE
DC current gain
VCE(sat) VBE(sat) Cob fT NF td tr ts tf
collector-emitter saturation voltage base-emitter saturation voltage Output capacitance transition frequency noise figure delay time rise time storage time fall time
IC =-50mA,IB =-5mA
B
IC =-10mA,IB =-1mA
B
IC =-50mA, IB =-5mA
B
IE =0, VCB =-5V; f =1MHz IC=-10mA,VCE=-20V,f=100MHz IC=-0.1mA,VCE=-5V VCC=-3V,VBE(off)=0.5V IC=-10mA IB1=-IB2=-1mA VCC=-3V,IC=-10mA IB1=-IB2=-1mA
Document number: BL/SSSTE003 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Dual PNP Small Signal Surface Mount Transistor
Production specification
MMDT3906
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTE003 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
Dual PNP Small Signal Surface Mount Transistor
PACKAGE OUTLINE
Plastic surface mounted package
Production specification
MMDT3906
SOT-363
SOT-363
Dim A B C D E G H J K Min 1.8 1.15 0.10 0.25 0.02 2.1 Max 2.2 1.35 0.30 0.40 0.10 2.3
1.0Typical
0.65Typical 0.1Typical
All Dimensions in mm
PACKAGE
Device MMDT3906
INFORMATION
Package SOT-363 Shipping 3000/Tape&Reel
Document number: BL/SSSTE003 Rev.A
www.galaxycn.com 4


▲Up To Search▲   

 
Price & Availability of MMDT3906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X